Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK534U342C-E Datasheet(PDF) 2 Page - ON Semiconductor

Part # STK534U342C-E
Description  Intelligent Power Module (IPM)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK534U342C-E Datasheet(HTML) 2 Page - ON Semiconductor

  STK534U342C-E Datasheet HTML 1Page - ON Semiconductor STK534U342C-E Datasheet HTML 2Page - ON Semiconductor STK534U342C-E Datasheet HTML 3Page - ON Semiconductor STK534U342C-E Datasheet HTML 4Page - ON Semiconductor STK534U342C-E Datasheet HTML 5Page - ON Semiconductor STK534U342C-E Datasheet HTML 6Page - ON Semiconductor STK534U342C-E Datasheet HTML 7Page - ON Semiconductor STK534U342C-E Datasheet HTML 8Page - ON Semiconductor STK534U342C-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
STK534U342C-E
www.onsemi.com
2
Electrical Characteristics at Tc = 25C, VD1, VD2, VD3, VD4 = 15 V
Parameter
Symbol
Conditions
Test
circuit
MIN
TYP
MAX
Unit
Power output section
Collector-emitter cut-off current
ICE
VCE = 600 V
Fig.1
-
-
100
μA
Bootstrap diode reverse current
IR(BD)
VR(BD) = 600 V
-
-
100
μA
Collector to emitter saturation voltage
VCE(SAT)
Io = 5 A, Tj = 25
C
Fig.2
-
1.6
2.4
V
Io = 3 A, Tj = 100
C
1.4
-
Diode forward voltage
VF
Io =
5 A, Tj = 25C
Fig.3
-
1.2
1.8
V
Io =
3 A, Tj = 100C
1.0
-
Junction to case thermal resistance
θj-c(T)
IGBT
-
-
-
4.5
C /W
θj-c(D)
FWD
-
-
6
Control (Pre-driver) section
Pre-driver power dissipation
ID
VD1,2,3 = 15 V
Fig.4
-
0.08
0.4
mA
VD4 = 15 V
-
1.6
4
High level Input voltage
Vin H
HIN1,HIN2,HIN3,
LIN1,LIN2,LIN3 to VSS
-
2.5
-
-
V
Low level Input voltage
Vin L
-
-
-
0.8
V
Logic 1 input leakage current
IIN+
VIN = +3.3 V
-
-
100
143
μA
Logic 0 input leakage current
IIN-
VIN = 0 V
-
-
-
2
μA
FLTEN terminal sink current
IoSD
FAULT:ON / VFLTEN=0.1 V
-
-
2
-
mA
FLTEN clearance delay time
FLTCLR
From time fault condition
clear
-
1.0
2.0
3.0
ms
FLTEN Threshold
VEN+
VEN rising
-
-
-
2.5
V
VEN-
VEN falling
-
0.8
-
-
V
ITRIP threshold voltage
VITRIP
ITRIP(16) to VSS(29)
-
0.44
0.49
0.54
V
ITRIP to shutdown propagation delay
tITRIP
-
340
550
800
ns
ITRIP blanking time
tITRIPBL
-
250
350
-
ns
VCC and VBS supply undervoltage protection reset
VCCUV+
VBSUV+
-
10.5
11.1
11.7
V
VCC and VBS supply undervoltage protection set
VCCUV-
VBSUV-
-
10.3
10.9
11.5
V
VCC and VBS supply undervoltage hysteresis
VCCUVH
VBSUVH
-
0.14
0.2
-
V
Reference voltage is “VSS” terminal voltage unless otherwise specified.
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - STK534U342C-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK534U362C-E ONSEMI-STK534U362C-E Datasheet
387Kb / 15P
   Intelligent Power Module (IPM)
September 2016 - Rev. 1
More results

Similar Description - STK534U342C-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK5Q4U362J-E ONSEMI-STK5Q4U362J-E Datasheet
684Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
STK5U4UCC0D-E ONSEMI-STK5U4UCC0D-E Datasheet
591Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK5U4UFB0D-E ONSEMI-STK5U4UFB0D-E Datasheet
599Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK5Q4U340J-E ONSEMI-STK5Q4U340J-E Datasheet
683Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
logo
Toshiba Semiconductor
TLP104 TOSHIBA-TLP104 Datasheet
592Kb / 13P
   IPM (Intelligent Power Module)
logo
ON Semiconductor
STK554U392C-E ONSEMI-STK554U392C-E Datasheet
454Kb / 14P
   Intelligent Power Module (IPM)
June, 2019 - Rev. 1
STK5C4U332J-E ONSEMI-STK5C4U332J-E Datasheet
729Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P4
STK5Q4U352J-E ONSEMI-STK5Q4U352J-E Datasheet
683Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
STK5U4UCE0D-E ONSEMI-STK5U4UCE0D-E Datasheet
587Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK5U4UCG0D-E ONSEMI-STK5U4UCG0D-E Datasheet
587Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com