Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV3542 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3542
Description  200-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers for Cost-Sensitive Systems
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV3542 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV3542 Datasheet HTML 4Page - Texas Instruments TLV3542 Datasheet HTML 5Page - Texas Instruments TLV3542 Datasheet HTML 6Page - Texas Instruments TLV3542 Datasheet HTML 7Page - Texas Instruments TLV3542 Datasheet HTML 8Page - Texas Instruments TLV3542 Datasheet HTML 9Page - Texas Instruments TLV3542 Datasheet HTML 10Page - Texas Instruments TLV3542 Datasheet HTML 11Page - Texas Instruments TLV3542 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
8
TLV3541, TLV3542, TLV3544
SBOS756 – OCTOBER 2016
www.ti.com
Product Folder Links: TLV3541 TLV3542 TLV3544
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics: VS = 2.7 V to 5.5 V Single-Supply (continued)
at TA = 25°C, RF = 0 Ω, RL = 1 kΩ, and connected to VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(1)
See typical characteristic curves, Output Voltage Swing vs Output Current (Figure 14 and Figure 15).
(2)
Specified by design.
(3)
Operating in this temperature range will not damage the part. However, degraded performance may be observed.
FREQUENCY RESPONSE, continued
Harmonic
distortion
Second
harmonic
At G = +1, f = 1 MHz, VO = 2 VPP,
RL = 200 Ω, VCM = 1.5 V
–75
dBc
Third harmonic
At G = +1, f = 1 MHz, VO = 2 VPP,
RL = 200 Ω, VCM = 1.5 V
–83
dBc
Differential gain error
NTSC, RL = 150 Ω
0.02%
Differential phase error
NTSC, RL = 150 Ω
0.09
°
Channel-to-
channel crosstalk
TLV3542
f = 5 MHz
–100
dB
TLV3544
–84
dB
OUTPUT
Voltage output swing from rail
VS = 5 V, RL = 1 kΩ at TA = 25°C
0.1
0.3
V
IO
Output current, single, dual,
quad(1)(2)
VS = 5 V
100
mA
VS = 3 V
50
mA
Closed-loop output impedance
f < 100 kHz
0.05
Ω
RO
Open-loop output resistance
35
Ω
POWER SUPPLY
VS
Specified voltage range
2.7
5.5
V
Operating voltage range
2.5
5.5
V
IQ
Quiescent current (per amplifier)
At TA = 25°C, VS = 5 V,
IO = 0
5.2
6.5
mA
TEMPERATURE RANGE
Specified range
–40
125
°C
Operating range (3)
–55
150
°C
Storage range
–65
150
°C
THERMAL SHUTDOWN
Shutdown temperature
160
°C
Reset from shutdown
140
°C


Similar Part No. - TLV3542

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3542 TI1-TLV3542 Datasheet
1Mb / 35P
[Old version datasheet]   TLV354x 200-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV3542IDGKR TI1-TLV3542IDGKR Datasheet
1Mb / 35P
[Old version datasheet]   TLV354x 200-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV3542IDGKT TI1-TLV3542IDGKT Datasheet
1Mb / 35P
[Old version datasheet]   TLV354x 200-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV3542IDR TI1-TLV3542IDR Datasheet
1Mb / 35P
[Old version datasheet]   TLV354x 200-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers for Cost-Sensitive Systems
More results

Similar Description - TLV3542

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3541 TI1-TLV3541_16 Datasheet
1Mb / 35P
[Old version datasheet]   TLV354x 200-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers for Cost-Sensitive Systems
OPA705 TI-OPA705_12 Datasheet
614Kb / 15P
[Old version datasheet]   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA705 BURR-BROWN-OPA705 Datasheet
280Kb / 12P
   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA705 TI1-OPA705 Datasheet
837Kb / 15P
[Old version datasheet]   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA2354-Q1 TI1-OPA2354-Q1 Datasheet
727Kb / 23P
[Old version datasheet]   250 MHz, RAIL-TO-RAIL I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354 TI1-OPA354_16 Datasheet
1Mb / 44P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA354A-Q1 TI1-OPA354A-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com