Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCA6408AQPWRQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TCA6408AQPWRQ1
Description  Low-Voltage 8-Bit I2C and SMBus I/O Expander With Interrupt Output
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCA6408AQPWRQ1 Datasheet(HTML) 4 Page - Texas Instruments

  TCA6408AQPWRQ1 Datasheet HTML 1Page - Texas Instruments TCA6408AQPWRQ1 Datasheet HTML 2Page - Texas Instruments TCA6408AQPWRQ1 Datasheet HTML 3Page - Texas Instruments TCA6408AQPWRQ1 Datasheet HTML 4Page - Texas Instruments TCA6408AQPWRQ1 Datasheet HTML 5Page - Texas Instruments TCA6408AQPWRQ1 Datasheet HTML 6Page - Texas Instruments TCA6408AQPWRQ1 Datasheet HTML 7Page - Texas Instruments TCA6408AQPWRQ1 Datasheet HTML 8Page - Texas Instruments TCA6408AQPWRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
4
TCA6408A-Q1
SCPS234 – SEPTEMBER 2016
www.ti.com
Product Folder Links: TCA6408A-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted) (see
(1))
MIN
MAX
UNIT
VCCI
Supply voltage for I2C pins
–0.5
3.6
V
VCCP
Supply voltage for P-ports
–0.5
3.6
V
VI
Input voltage(2)
–0.5
3.6
V
VO
Output voltage(2)
–0.5
3.6
V
IIK
Input clamp current
ADDR, RESET, SCL
VI < 0
±20
mA
IOK
Output clamp current
INT
VO < 0
±20
mA
IIOK
Input/output clamp current
P-port
VO < 0 or VO > VCCP
±20
mA
SDA
VO < 0 or VO > VCCI
±20
IOL
Continuous output low current
P-port
VO = 0 to VCCP
50
mA
Continuous output low current
SDA, INT
VO = 0 to VCCI
25
IOH
Continuous output high current
P-port
VO = 0 to VCCP
50
mA
ICC
Continuous current through GND
200
mA
Continuous current through VCCP
160
Continuous current through VCCI
10
Tj(MAX)
Maximum junction temperature
135
°C
Tstg
Storage temperature
–65
150
°C
(1)
AEC Q100-002 indicates HBM stressing is done in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per AEC Q100-002(1)
±2000
V
Charged-device model (CDM), per AEC Q100-011
±1000
(1)
For voltages applied above VCCI, and increase in ICC will result.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCCI
(1)
Supply voltage for I2C pins
SCL, SDA, INT
1.65
3.6
V
VCCP
Supply voltage for P-ports
P-ports, ADDR, RESET
1.65
3.6
V
VIH
High-level input voltage
SCL, SDA
0.7 × VCCI
VCCI
V
RESET
0.7 × VCCI
3.6
ADDR, P7–P0
0.7 × VCCP
3.6
VIL
Low-level input voltage
SCL, SDA, RESET
–0.5
0.3 × VCCI
V
ADDR, P7–P0
–0.5 0.3 × VCCP
IOH
High-level output current
P00-P07
10
mA


Similar Part No. - TCA6408AQPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6408A TI1-TCA6408A Datasheet
932Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408APWR TI1-TCA6408APWR Datasheet
932Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408ARGTR TI1-TCA6408ARGTR Datasheet
932Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408ARSVR TI1-TCA6408ARSVR Datasheet
932Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
More results

Similar Description - TCA6408AQPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9554 TI1-TCA9554 Datasheet
663Kb / 31P
[Old version datasheet]   LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA6408A TI1-TCA6408A Datasheet
932Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408 TI-TCA6408_09 Datasheet
927Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408 TI-TCA6408 Datasheet
841Kb / 30P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA9534 TI1-TCA9534 Datasheet
935Kb / 34P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander With Interrupt Output and Configuration Registers
PCF8575 TI-PCF8575 Datasheet
749Kb / 28P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT
TCA9534A TI1-TCA9534A Datasheet
935Kb / 34P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9554A TI1-TCA9554A_16 Datasheet
1Mb / 39P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9554 TI1-TCA9554_16 Datasheet
1Mb / 39P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9534 TI1-TCA9534_16 Datasheet
1Mb / 38P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander with Interrupt Output and Configuration Registers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com