Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5414C-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5414C-Q1
Description  75-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5414C-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TAS5414C-Q1 Datasheet HTML 5Page - Texas Instruments TAS5414C-Q1 Datasheet HTML 6Page - Texas Instruments TAS5414C-Q1 Datasheet HTML 7Page - Texas Instruments TAS5414C-Q1 Datasheet HTML 8Page - Texas Instruments TAS5414C-Q1 Datasheet HTML 9Page - Texas Instruments TAS5414C-Q1 Datasheet HTML 10Page - Texas Instruments TAS5414C-Q1 Datasheet HTML 11Page - Texas Instruments TAS5414C-Q1 Datasheet HTML 12Page - Texas Instruments TAS5414C-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 63 page
background image
9
TAS6424-Q1
www.ti.com
SLOS870A – SEPTEMBER 2016 – REVISED OCTOBER 2016
Product Folder Links: TAS6424-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Test conditions (unless otherwise noted): TC = 25°C, PVDD = VBAT = 14.4 V, VDD = 3.3 V, RL = 4 Ω, Pout = 1 W/ch, ƒ = 1
kHz, fSW = 2.11 MHz, AES17 Filter, default I
2C settings, see Figure 79 and Figure 82
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OTHYS
Overtemperature hysteresis
15
°C
LOAD OVER CURRENT PROTECTION
ILIM
Overcurrent cycle-by-cycle limit
OC Level 1
4
4.8
A
OC Level 2
6
6.5
ISD
Overcurrent shutdown
OC Level 1, Any short to supply, ground, or other channels
7
A
OC Level 2, Any short to supply, ground, or other channels
9
MUTE MODE
GMUTE
Output attenuation
100
dB
CLICK AND POP
VCP
Output click and pop voltage
ITU-R 2k filter, High-Z/MUTE to Play, Play to Mute/High-Z
7
mV
DC OFSET
VOFFSET
Output offset voltage
5
15
mV
DC DETECT
DCFAULT
Output DC fault protection
2
V
DIGITAL OUTPUT PINS
VOH
Output voltage for logic level high
I = ±2 mA
90
%VDD
VOL
Output voltage for logic level low
I = ±2 mA
10
%VDD
tDELAY_CLIPD
ET
Signal delay when output clipping detected
20
μs
LOAD DIAGNOSTICS
S2P
Maximum resistance to detect a short from
OUT pins to PVDD
500
Ω
S2G
Maximum resistance to detect a short from
OUT pins to ground
200
Ω
SL
Shorted load detection tolerance
Other channels in Hi-Z
±0.5
Ω
OL
Open load
Other channels in Hi-Z
40
70
Ω
TDC_DIAG
DC diagnostic time
240
ms
LO
Line output
6
TLINE_DIAG
Line output diagnostic time
40
ms
ACIMP
AC impedance accuracy
Gain linearity, ƒ = 19 kHz, RL = 2 Ω to 16 Ω,
25%
Offset
±0.5
Ω
TAC_DIAG
AC diagnostic time
200
ms
I2C_ADDR PINS
tI2C_ADDR
Time delay needed for I2C address set-up
300
μs


Similar Part No. - TAS5414C-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5414C-Q1 TI-TAS5414C-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414C-Q1 TI1-TAS5414C-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   Four-Channel Automotive Digital Amplifiers
TAS5414C-Q1 TI1-TAS5414C-Q1 Datasheet
1Mb / 51P
[Old version datasheet]   Four-Channel Aftermarket Automotive Class-D Amplifier
TAS5414C-Q1 TI1-TAS5414C-Q1 Datasheet
2Mb / 68P
[Old version datasheet]   2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS5414C-Q1 TI-TAS5414C-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   TAS54x4C-Q1 Four-Channel Automotive Digital Amplifiers
More results

Similar Description - TAS5414C-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS6422-Q1 TI1-TAS6422-Q1 Datasheet
2Mb / 64P
[Old version datasheet]   75-W, 2-MHz Digital Input 2-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS6421-Q1 TI1-TAS6421-Q1 Datasheet
570Kb / 5P
[Old version datasheet]   75-W, 2-MHz Digital Input 1-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6424-Q1 TI1-TAS6424-Q1_16 Datasheet
2Mb / 68P
[Old version datasheet]   2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS6424R-Q1 TI1-TAS6424R-Q1 Datasheet
2Mb / 86P
[Old version datasheet]   TAS6424R-Q1 75-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
REVISED SEPTEMBER 2023
TAS6424L-Q1 TI1-TAS6424L-Q1 Datasheet
2Mb / 65P
[Old version datasheet]   27-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS6424M-Q1 TI1-TAS6424M-Q1 Datasheet
2Mb / 67P
[Old version datasheet]   45-W, 2-MHz digital input 4-channel automotive class-D audio amplifier with load dump protection and I2C diagnostics
TPA6404-Q1 TI1-TPA6404-Q1 Datasheet
778Kb / 9P
[Old version datasheet]   50-W, 2-MHz Analog Input -Channel Automotive Class-D Audio Amplifier With Load Dump Protection and I2C Diagnostics
TPA6404-Q1 TI1-TPA6404-Q1_18 Datasheet
1Mb / 12P
[Old version datasheet]   45-W, 2-MHz Analog Input -Channel Automotive Class-D Audio Amplifier With Load Dump Protection and I2C Diagnostics
TAS6424E-Q1 TI-TAS6424E-Q1 Datasheet
2Mb / 77P
[Old version datasheet]   TAS6424E-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6424E-Q1 TI-TAS6424E-Q1_V01 Datasheet
3Mb / 80P
[Old version datasheet]   TAS6424E-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com