Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS6424-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TAS6424-Q1
Description  75-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS6424-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  TAS6424-Q1 Datasheet HTML 1Page - Texas Instruments TAS6424-Q1 Datasheet HTML 2Page - Texas Instruments TAS6424-Q1 Datasheet HTML 3Page - Texas Instruments TAS6424-Q1 Datasheet HTML 4Page - Texas Instruments TAS6424-Q1 Datasheet HTML 5Page - Texas Instruments TAS6424-Q1 Datasheet HTML 6Page - Texas Instruments TAS6424-Q1 Datasheet HTML 7Page - Texas Instruments TAS6424-Q1 Datasheet HTML 8Page - Texas Instruments TAS6424-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 63 page
background image
5
TAS6424-Q1
www.ti.com
SLOS870A – SEPTEMBER 2016 – REVISED OCTOBER 2016
Product Folder Links: TAS6424-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
GND = ground, PWR = power, PO = positive output, NO = negative output, DI = digital input, DO = digital output, DI/O = digital input
and output, NC = no connection
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
AREF
4
PWR
VREG and VCOM bypass capacitor return
AVDD
8
PWR
Voltage regulator bypass
AVSS
7
PWR
AVDD bypass capacitor return
BST_1M
31
PWR
Bootstrap capacitor connection pins for high-side gate driver
BST_1P
35
PWR
Bootstrap capacitor connection pins for high-side gate driver
BST_2M
37
PWR
Bootstrap capacitor connection pins for high-side gate driver
BST_2P
41
PWR
Bootstrap capacitor connection pins for high-side gate driver
BST_3M
44
PWR
Bootstrap capacitor connection pins for high-side gate driver
BST_3P
48
PWR
Bootstrap capacitor connection pins for high-side gate driver
BST_4M
50
PWR
Bootstrap capacitor connection pins for high-side gate driver
BST_4P
54
PWR
Bootstrap capacitor connection pins for high-side gate driver
FAULT
26
DO
Reports a fault (active low, open drain), 100-kΩ internal pullup resistor
FSYNC
14
DI
Audio frame clock input
GND
1
GND
Ground
11
17
18
28
33
36
39
46
49
52
GVDD
9
PWR
Gate drive voltage regulator for channel 3 and 4, derived from VBAT input pin.
10
Gate drive voltage regulator for channel 1 and 2, derived from VBAT input pin.
I2C_ADDR0
22
DI
I2C address pins
I2C_ADDR1
23
MCLK
12
DI
Audio master clock input
MUTE
25
DI
Mutes the device outputs (active low), 100-kΩ internal pulldown resistor
OUT_1M
32
NO
Negative output for the channel
OUT_1P
34
PO
Positive output for the channel
OUT_2M
38
NO
Negative output for the channel
OUT_2P
40
PO
Positive output for the channel
OUT_3M
45
NO
Negative output for the channel
OUT_3P
47
PO
Positive output for the channel
OUT_4M
51
NO
Negative output for the channel
OUT_4P
53
PO
Positive output for the channel
PVDD
2
PWR
PVDD voltage input (can be connected to battery)
29
30
42
43
55
56


Similar Part No. - TAS6424-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS6424-Q1 TI1-TAS6424-Q1 Datasheet
2Mb / 68P
[Old version datasheet]   2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS6424-Q1 TI-TAS6424-Q1 Datasheet
2Mb / 77P
[Old version datasheet]   TAS6424E-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6424-Q1 TI-TAS6424-Q1 Datasheet
3Mb / 80P
[Old version datasheet]   TAS6424E-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6424-Q1 TI1-TAS6424-Q1 Datasheet
2Mb / 86P
[Old version datasheet]   TAS6424R-Q1 75-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
REVISED SEPTEMBER 2023
TAS6424-Q1 TI1-TAS6424-Q1_16 Datasheet
2Mb / 68P
[Old version datasheet]   2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
More results

Similar Description - TAS6424-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS6422-Q1 TI1-TAS6422-Q1 Datasheet
2Mb / 64P
[Old version datasheet]   75-W, 2-MHz Digital Input 2-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS6421-Q1 TI1-TAS6421-Q1 Datasheet
570Kb / 5P
[Old version datasheet]   75-W, 2-MHz Digital Input 1-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6424-Q1 TI1-TAS6424-Q1_16 Datasheet
2Mb / 68P
[Old version datasheet]   2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS6424R-Q1 TI1-TAS6424R-Q1 Datasheet
2Mb / 86P
[Old version datasheet]   TAS6424R-Q1 75-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
REVISED SEPTEMBER 2023
TAS6424L-Q1 TI1-TAS6424L-Q1 Datasheet
2Mb / 65P
[Old version datasheet]   27-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS6424M-Q1 TI1-TAS6424M-Q1 Datasheet
2Mb / 67P
[Old version datasheet]   45-W, 2-MHz digital input 4-channel automotive class-D audio amplifier with load dump protection and I2C diagnostics
TPA6404-Q1 TI1-TPA6404-Q1 Datasheet
778Kb / 9P
[Old version datasheet]   50-W, 2-MHz Analog Input -Channel Automotive Class-D Audio Amplifier With Load Dump Protection and I2C Diagnostics
TPA6404-Q1 TI1-TPA6404-Q1_18 Datasheet
1Mb / 12P
[Old version datasheet]   45-W, 2-MHz Analog Input -Channel Automotive Class-D Audio Amplifier With Load Dump Protection and I2C Diagnostics
TAS6424E-Q1 TI-TAS6424E-Q1 Datasheet
2Mb / 77P
[Old version datasheet]   TAS6424E-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6424E-Q1 TI-TAS6424E-Q1_V01 Datasheet
3Mb / 80P
[Old version datasheet]   TAS6424E-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com