Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A4K102-RB-10 Datasheet(PDF) 5 Page - Superworld Electronics

Part # A4K102-RB-10
Description  FERRITE CHIP BEADS 4 LINE ARRAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

A4K102-RB-10 Datasheet(HTML) 5 Page - Superworld Electronics

  A4K102-RB-10 Datasheet HTML 1Page - Superworld Electronics A4K102-RB-10 Datasheet HTML 2Page - Superworld Electronics A4K102-RB-10 Datasheet HTML 3Page - Superworld Electronics A4K102-RB-10 Datasheet HTML 4Page - Superworld Electronics A4K102-RB-10 Datasheet HTML 5Page - Superworld Electronics A4K102-RB-10 Datasheet HTML 6Page - Superworld Electronics A4K102-RB-10 Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 5
28.01.2015
FERRITE CHIP BEADS 4 LINE ARRAY (NORMAL USAGE)
A4K SERIES
may cause the failure of mechanical or electrical performance. Solder shall be used not to be exceed as shown in Fig. 3.
Accordingly increasing the solder volume, the mechanical stress to product is also increased. Exceeding solder volume
Figure 3
Recommendable
Upper limit
8-3. Solder Volume
Minimum fillet height = soldering thickness + 25% product height


Similar Part No. - A4K102-RB-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
A4K102-RB-10 SUPERWORLD-A4K102-RB-10 Datasheet
414Kb / 9P
   FERRITE CHIP BEADS 4 LINE ARRAY
More results

Similar Description - A4K102-RB-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
A4K300-RE-10 SUPERWORLD-A4K300-RE-10 Datasheet
414Kb / 9P
   FERRITE CHIP BEADS 4 LINE ARRAY
logo
Central Technologies
CTCBA1206F CT-CTCBA1206F Datasheet
227Kb / 2P
   Chip Array Ferrite Beads
logo
Vishay Siliconix
ILAS-1206 VISHAY-ILAS-1206_17 Datasheet
134Kb / 3P
   Chip Array Ferrite Beads
Revision: 17-Aug-17
ILAS1206ER102V VISHAY-ILAS1206ER102V Datasheet
118Kb / 3P
   Chip Array Ferrite Beads
Revision: 16-Jan-06
ILAS-1206 VISHAY-ILAS-1206_V01 Datasheet
117Kb / 3P
   Chip Array Ferrite Beads
01-Jan-2022
logo
Sumida Corporation
SHB-4-2010 SUMIDA-SHB-4-2010 Datasheet
385Kb / 3P
   Multilayer Chip Ferrite Beads Array
SHB-4-3216 SUMIDA-SHB-4-3216 Datasheet
439Kb / 4P
   Multilayer Chip Ferrite Beads Array
logo
Abracon Corporation
ACSB-04-T ABRACON-ACSB-04-T Datasheet
1Mb / 2P
   Surface Mount Ferrite Chip Beads Array
09.20.13
logo
Superworld Electronics
Z7K800-RT-10 SUPERWORLD-Z7K800-RT-10 Datasheet
361Kb / 9P
   FERRITE CHIP BEADS
Z2C100-RG-10 SUPERWORLD-Z2C100-RG-10 Datasheet
329Kb / 8P
   FERRITE CHIP BEADS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com