Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM8662 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CM8662
Description  AUDIO POWER AMP WITH SHUTDOWN MODE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM8662 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CM8662 Datasheet HTML 1Page - List of Unclassifed Manufacturers CM8662 Datasheet HTML 2Page - List of Unclassifed Manufacturers CM8662 Datasheet HTML 3Page - List of Unclassifed Manufacturers CM8662 Datasheet HTML 4Page - List of Unclassifed Manufacturers CM8662 Datasheet HTML 5Page - List of Unclassifed Manufacturers CM8662 Datasheet HTML 6Page - List of Unclassifed Manufacturers CM8662 Datasheet HTML 7Page - List of Unclassifed Manufacturers CM8662 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CM8662
AUDIO POWER AMP. WITH SHUTDOWN MODE
2003/02/11 Rev. 1.0
Champion Microelectronic Corporation
Page 3
ABSOLUTE MAXIMUM RATINGS (Note 2)
Supply Voltage (VIN) ………………………….……………. +6.0V
Storage Temperature (TS) ……….……………. -65℃ to +150℃
Input Voltage (VIN) ………………………… -0.3V to VDD + 0.3V
Power Dissipation (Note 3) …………………… Internally Limited
ESD Susceptibility (Note 4) ……………………………….. 3500V
ESD Susceptibility (Note 5) ………………………………... 250V
Junction Temperature ……………………………………… 150℃
Soldering Information
Small Outline Package
Vapor Phase (60 sec) ……………………………….….. 215℃
Infrared (15 sec) …………………………………………. 220℃
Thermal Resistance
ΘJc (typ) - M08A ……………………………………….. 35℃/W
ΘJA (typ) - M08A ………………………………………. 170℃/W
ΘJc (typ) - N08E ……………………………………….. 37℃/W
ΘJA (typ) - N08E ………………………………………. 107℃/W
OPERATING RATINGS (Note 2)
Temperature Range
TMIN≦TA≦TMAX …………………………. -40℃≦TA≦+85℃
Supply Voltage (VIN) …….……..…………2.7V≦VDD≦5.5V
ELECTRICAL CHARACTERISTICS (Note 1) (Note 2)
The following specifications apply for VDD = 5V unless otherwise specified. Limits apply for TA = 25
℃.
CM8662
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
2.7
5.5
V
IDD
Quiescent Power Supply
VIN = 0V, IO = 0A (Note 8)
3.6
6.5
mA
ISD
Shutdown Current
VPIN1 = VDD
0.7
5
μ
A
VOS
Output offset Voltage
VIN = 0V
5
50
mV
PO
Output Power
THD = 1% (max); f = 1kHz; RL = 8Ω
THD+N = 10% ; f = 1kHz; RL = 8Ω
500
675
825
mW
THD + N
Total Harmonic Distortion +
Noise
PO = 500mWrms; RL = 8Ω
AVD = 2; 20Hz≦f≦20kHz
0.55
%
PSRR
Power Supply Rejection Ratio
VDD = 4.9V to 5.1V
50
dB
Note 1.
All voltage are measured with respect to the ground pin, unless otherwise specified.
Note 2.
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which guarantee specific performance limits. This assumes that the device is within Operating
Ratings. Specifications are not guaranteed for parameters where no limit is given, however, the typical value is a good indication of device
performance.
Note 3.
The maximum power dissipation must be derated at elevated temperature and is dictated by TJMAX, ΘJA and the ambient temperature TA.
The maximum allowable power dissipation is PDMAX = (TMAX - TA)/ ΘJA . For the CM8662, TJMAX = 150℃. The typical junction-to-ambient
thermal resistance, when board mounted, is 170℃/W for package number M08A and is 107℃/W for package number N08E.
Note 4.
Human body model, 100pF discharged through a 1.5kΩ resistor.
Note 5.
Machine model, 200 pF - 240 pF discharged through all pins.


Similar Part No. - CM8662

ManufacturerPart #DatasheetDescription
logo
Bookly Micro electronic
CM8662 BOOKLY-CM8662 Datasheet
281Kb / 8P
   1.7W CMOS AUDIO AMP
CM8662IP BOOKLY-CM8662IP Datasheet
281Kb / 8P
   1.7W CMOS AUDIO AMP
CM8662IS BOOKLY-CM8662IS Datasheet
281Kb / 8P
   1.7W CMOS AUDIO AMP
More results

Similar Description - CM8662

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82V739 HOLTEK-HT82V739 Datasheet
92Kb / 8P
   1200mW Audio Power Amp with Shutdown
HT82V73A HOLTEK-HT82V73A Datasheet
1Mb / 9P
   1500mW Audio Power Amp with Shutdown
HT82V739 HOLTEK-HT82V739_08 Datasheet
144Kb / 10P
   1200mW Audio Power Amp with Shutdown
logo
SG Micro Corp
SGM4871 SGMICRO-SGM4871 Datasheet
331Kb / 12P
   Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862 Datasheet
125Kb / 5P
   AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
LM4862 UTC-LM4862_15 Datasheet
153Kb / 4P
   AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Holtek Semiconductor In...
HT82V735 HOLTEK-HT82V735 Datasheet
131Kb / 9P
   330mW Stereo Audio Power Amp With Shutdown
logo
National Semiconductor ...
LM4819 NSC-LM4819 Datasheet
616Kb / 21P
   350mW Audio Power Amplifier with Shutdown Mode
LM4871 NSC-LM4871 Datasheet
243Kb / 8P
   1.1W Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
PA4819 UTC-PA4819_15 Datasheet
285Kb / 7P
   350mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com