Electronic Components Datasheet Search |
|
ISO7241CQDWRQ1 Datasheet(PDF) 10 Page - Texas Instruments |
|
|
ISO7241CQDWRQ1 Datasheet(HTML) 10 Page - Texas Instruments |
10 / 27 page ISO7240CF-Q1, ISO7240C-Q1 ISO7241C-Q1, ISO7242C-Q1 SLLSE40A – SEPTEMBER 2010 – REVISED SEPTEMBER 2011 www.ti.com ELECTRICAL CHARACTERISTICS: VCC1 and VCC2 at 3.3 V (1) OPERATION over recommended operating conditions (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT SUPPLY CURRENT Quiescent 0.5 1 VI = VCC or 0 V, all channels, no load, ISO7240C mA EN2 at 3 V 25 Mbps 3 5 ISO7241C Quiescent 4 7 VI = VCC or 0 V, all channels, no load, ICC1 EN1 at 3 V, EN2 at 3 V 25 Mbps 6.5 11 mA ISO7242C Quiescent 6 10 VI = VCC or 0 V, all channels, no load, EN1 at 3 V, EN2 at 3 V 25 Mbps 9 14 Quiescent 9.5 15 VI = VCC or 0 V, all channels, no load, ISO7240C mA EN2 at 3 V 25 Mbps 10.5 17 ISO7241C Quiescent 8 13 VI = VCC or 0 V, all channels, no load, ICC2 EN1 at 3 V, EN2 at 3 V 25 Mbps 11.5 18 mA ISO7242C Quiescent 6 10 VI = VCC or 0 V, all channels, no load, EN1 at 3 V, EN2 at 3 V 25 Mbps 9 14 ELECTRICAL CHARACTERISTICS IOFF Sleep mode output current EN at 0 V, single channel 0 μA IOH = –4 mA, See Figure 1 VCC – 0.4 VOH High-level output voltage V IOH = –20 μA, See Figure 1 VCC – 0.1 IOL = 4 mA, See Figure 1 0.4 VOL Low-level output voltage V IOL = 20 μA, See Figure 1 0.1 VI(HYS) Input voltage hysteresis 150 mV IIH High-level input current 10 IN from 0 V or VCC μA IIL Low-level input current –10 CI Input capacitance to ground IN at VCC, VI = 0.4 sin (4E6πt) 2 pF CMTI Common-mode transient immunity VI = VCC or 0 V, See Figure 5 25 50 kV/ μs (1) For the 5-V operation, VCC1 or VCC2 is specified from 4.5 V to 5.5 V. For the 3-V operation, VCC1 or VCC2 is specified from 3.15 V to 3.6 V. 10 Submit Documentation Feedback Copyright © 2010–2011, Texas Instruments Incorporated Product Folder Link(s): ISO7240CF-Q1 ISO7241C-Q1 |
Similar Part No. - ISO7241CQDWRQ1 |
|
Similar Description - ISO7241CQDWRQ1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |