Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS280MB810ZBLR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DS280MB810ZBLR
Description  Low Power 28 Gbps 8 Channel Linear Repeater
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS280MB810ZBLR Datasheet(HTML) 1 Page - Texas Instruments

  DS280MB810ZBLR Datasheet HTML 1Page - Texas Instruments DS280MB810ZBLR Datasheet HTML 2Page - Texas Instruments DS280MB810ZBLR Datasheet HTML 3Page - Texas Instruments DS280MB810ZBLR Datasheet HTML 4Page - Texas Instruments DS280MB810ZBLR Datasheet HTML 5Page - Texas Instruments DS280MB810ZBLR Datasheet HTML 6Page - Texas Instruments DS280MB810ZBLR Datasheet HTML 7Page - Texas Instruments DS280MB810ZBLR Datasheet HTML 8Page - Texas Instruments DS280MB810ZBLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
VDD
RX6P
RX6N
ADDR0
ADDR1
SDC
(1)
READ_EN_N
ALL_DONE_N
SDA
(1)
TX6P
TX6N
.
.
.
.
.
.
GND
.
.
.
(1) SMBus signals need to be pulled up elsewhere in the system.
Float for SMBus Slave
mode, or connect to next
GHYLFH¶V 5($'_EN_N for
SMBus Master mode
VDD
1 F
(2x)
0.1 F
(4x)
SMBus Slave
mode
SMBus
Slave mode
2.5V
.
.
.
EN_SMB
Address straps
(pull-up, pull-down, or float)
1 NŸ
To system SMBus
RX7P
RX7N
TX7P
TX7N
X
RX0P
RX0N
TX0P
TX0N
RX1P
RX1N
TX1P
TX1N
X
.
.
.
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
DS280MB810
SNLS522 – SEPTEMBER 2016
DS280MB810 Low Power 28 Gbps 8 Channel Linear Repeater with Crosspoint
1
1 Features
1
Octal-Channel Multi-Protocol Linear Equalizer
Supporting up to 28 Gbaud Interfaces
Integrated 2x2 Crosspoint with Pin or Register
Control for Mux, Fanout, and Signal Crossing
Applications
Low Power Consumption: 93 mW / Channel
(Typical)
No Heat Sink Required
Linear Equalization for Seamless Support of Link
Training, Auto-Negotiation, and FEC Pass-
Through
Extends Channel Reach by 17dB+ Beyond
Normal ASIC-to-ASIC Capability at 14 GHz
Ultra-Low Latency: 100 ps (Typical)
Low Additive Random Jitter
Small 8 mm x 13 mm BGA Package with
Integrated RX AC Coupling Capacitors for Easy
Flow-Through Routing
Unique Pinout Allows Routing High-Speed Signals
Underneath the Package
Pin-Compatible Retimer with Crosspoint Available
Single 2.5-V ±5% Power Supply
–40°C to +85°C Operating Temperature Range
2 Applications
Backplane/Mid-Plane Signal Distribution Plus
Equalization
Mux/De-Mux for Failover Redundancy
Front-Port Eye Opener Plus Signal Distribution for
Switching Between Ports
3 Description
The DS280MB810 is an extremely low-power, high-
performance eight-channel linear equalizer supporting
multi-rate, multi-protocol interfaces up to 28 Gbaud. It
is used to extend the reach and improve the
robustness of high-speed serial links for backplane,
front-port, and chip-to-chip applications.
The DS280MB810 includes a full 2x2 crosspoint
switch between each pair of adjacent channels which
enables 2-to-1 multiplexing and 1-to-2 de-multiplexing
applications for failover redundancy, as well as signal
cross-over to aid PCB routing. The crosspoint can be
controlled
through
pins
or
the
SMBus
register
interface.
The linear nature of the DS280MB810’s equalization
preserves the transmit signal characteristics, thereby
allowing the host and link partner ASICs to freely
negotiate
transmit
equalizer
coefficients
(100G-
CR4/KR4). This transparency to the link training
protocol facilitates system-level interoperability with
minimal effect on the latency. The DS280MB810
supports two-level and four-level pulse amplitude
modulation (PAM) for symbol rates up to 28 Gbaud
and peak signal amplitude within the linear operating
range.
Each channel operates independently, and every
channel
can
be
configured
uniquely.
In
most
application scenarios, the same configuration can be
used regardless of data rate.
The
DS280MB810's
small
package
dimensions,
optimized high-speed signal escape, and the pin-
compatible Retimer portfolio make the DS280MB810
ideal
for
high-density
backplane
applications.
Simplified
equalization
control,
low
power
consumption, and ultra-low additive jitter make it
suitable for front-port interfaces such as 100G-
SR4/LR4/CR4. The small 8-mm x 13-mm footprint
easily
fits
behind
numerous
standard
front-port
connectors like QSFP, SFP, CFP, and CDFP without
the need for a heat sink.
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DS280MB810
nFBGA(135)
8.0 mm x 13.0 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - DS280MB810ZBLR

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
DS2801 TTELEC-DS2801 Datasheet
506Kb / 2P
   PFT Hydrostatic Level Sensor
DS2804 TTELEC-DS2804 Datasheet
1Mb / 2P
   Pressure Sensit P6420-57 Abrasive Material Pressure Transmitter
DS2805 TTELEC-DS2805 Datasheet
642Kb / 3P
   HPS-A Series 4-20mA Output Pressure Transmitter
DS2806 TTELEC-DS2806 Datasheet
674Kb / 3P
   HPS-A Series Voltage Output Pressure Transducer
DS2807 TTELEC-DS2807 Datasheet
944Kb / 2P
   Pressure Sensit HPS-A Series Active mV Output Pressure Transducer
More results

Similar Description - DS280MB810ZBLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS280BR810 TI1-DS280BR810 Datasheet
890Kb / 11P
[Old version datasheet]   Low Power 28 Gbps 8 Channel Linear Repeater
DS280BR820 TI1-DS280BR820 Datasheet
633Kb / 8P
[Old version datasheet]   Low Power 28 Gbps 8 Channel Linear Repeater
DS80PCI810 TI1-DS80PCI810 Datasheet
1Mb / 60P
[Old version datasheet]   Low-Power 8 Gbps 8-Channel Linear Repeater
DS125BR820 TI1-DS125BR820 Datasheet
2Mb / 62P
[Old version datasheet]   Low-Power 12.5 Gbps 8-Channel Linear Repeater
DS125BR800A TI1-DS125BR800A_14 Datasheet
1Mb / 54P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel (Unidirectional) Repeater With Input Equalization
DS125BR800A TI1-DS125BR800A Datasheet
1Mb / 53P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel (Unidirectional) Repeater With Input Equalization
DS125BR401A TI1-DS125BR401A Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power 12 Gbps 4-Lane Linear Repeater With Equalization
DS125BR111 TI1-DS125BR111 Datasheet
1Mb / 44P
[Old version datasheet]   Low Power 12.5 Gbps 1-Lane Linear Repeater with Equalization
DS80PCI800SQ TI1-DS80PCI800SQ Datasheet
3Mb / 45P
[Old version datasheet]   DS80PCI800 2.5 Gbps / 5.0 Gbps / 8.0 Gbps 8 Channel PCI Express Repeater
DS100KR800 TI1-DS100KR800 Datasheet
3Mb / 33P
[Old version datasheet]   Ultra Low Power, 8-Channel Repeater for Data-rates up to 10.3 Gbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com