Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQJ463EP Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SQJ463EP
Description  Automotive Dual N-Channel 12 V (D-S) 175 °C MOSFETs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJ463EP Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button SQJ463EP Datasheet HTML 3Page - Vishay Siliconix SQJ463EP Datasheet HTML 4Page - Vishay Siliconix SQJ463EP Datasheet HTML 5Page - Vishay Siliconix SQJ463EP Datasheet HTML 6Page - Vishay Siliconix SQJ463EP Datasheet HTML 7Page - Vishay Siliconix SQJ463EP Datasheet HTML 8Page - Vishay Siliconix SQJ463EP Datasheet HTML 9Page - Vishay Siliconix SQJ463EP Datasheet HTML 10Page - Vishay Siliconix SQJ463EP Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
SQJ202EP
www.vishay.com
Vishay Siliconix
S15-2474-Rev. A, 19-Oct-15
7
Document Number: 62926
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
N-CHANNEL 2 TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Output Characteristics
Transfer Characteristics
On-Resistance vs. Drain Current
Transconductance
Capacitance
Gate Charge
0
16
32
48
64
80
0
2
4
6
8
10
V
DS - Drain-to-Source Voltage (V)
V
GS = 10 V thru 4 V
V
GS = 3 V
0
9
18
27
36
45
0
1
2
3
4
5
V
GS - Gate-to-Source Voltage (V)
T
C = - 55 °C
T
C = 125°C
T
C = 25 °C
0.000
0.001
0.002
0.003
0.004
0.005
0
10
20
30
40
50
I
D - Drain Current (A)
V
GS = 4.5 V
V
GS = 10 V
0
24
48
72
96
120
0
4
8
12
16
20
I
D - Drain Current (A)
T
C = 125 °C
T
C = - 55 °C
T
C = 25 °C
0
600
1200
1800
2400
3000
0
2
4
6
8
10
12
V
DS - Drain-to-Source Voltage (V)
C
iss
C
oss
C
rss
0
2
4
6
8
10
0
8
16
24
32
40
Q
g - Total Gate Charge (nC)
V
DS = 6 V
I
D = 60A


Similar Part No. - SQJ463EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ463EP VISHAY-SQJ463EP Datasheet
154Kb / 9P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
Rev. D, 28-Nov-11
SQJ463EP-T1-GE3 VISHAY-SQJ463EP-T1-GE3 Datasheet
77Kb / 4P
   P-Channel 40 V (D-S) MOSFET
Rev. B, 29-Oct-12
SQJ463EP-T1-GE3 VISHAY-SQJ463EP-T1-GE3 Datasheet
172Kb / 10P
   Automotive P-Channel 40 V (D-S) 175 째C MOSFET
09-Jul-2021
SQJ463EP VISHAY-SQJ463EP_15 Datasheet
168Kb / 11P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
Rev. D, 28-Nov-11
SQJ463EP VISHAY-SQJ463EP_V01 Datasheet
172Kb / 10P
   Automotive P-Channel 40 V (D-S) 175 째C MOSFET
09-Jul-2021
More results

Similar Description - SQJ463EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ204EP VISHAY-SQJ204EP_V02 Datasheet
406Kb / 13P
   Automotive Dual N-Channel 12 V (D-S) 175 °C MOSFETs
01-Jan-2023
SQJ202EP VISHAY-SQJ202EP_V02 Datasheet
359Kb / 12P
   Automotive Dual N-Channel 12 V (D-S) 175 °C MOSFETs
01-Jan-2023
SQJ942EP VISHAY-SQJ942EP Datasheet
269Kb / 14P
   Automotive Dual N-Channel 40 V (D-S) 175 C MOSFETs
Rev. B, 01-Apr-13
SQJ942EP VISHAY-SQJ942EP_V02 Datasheet
322Kb / 17P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
01-Jan-2023
SQJ200EP VISHAY-SQJ200EP_V02 Datasheet
355Kb / 14P
   Automotive Dual N-Channel 20 V (D-S) 175 °C MOSFETs
01-Jan-2023
SQJ208EP VISHAY-SQJ208EP_V02 Datasheet
481Kb / 12P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
01-Jan-2023
SQJ260EP VISHAY-SQJ260EP_V02 Datasheet
416Kb / 12P
   Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFETs
01-Jan-2023
SQJ204EP VISHAY-SQJ204EP_V01 Datasheet
407Kb / 13P
   Automotive Dual N-Channel 12 V (D-S) 175 째C MOSFETs
01-Jan-2022
SQJ202EP VISHAY-SQJ202EP_V01 Datasheet
360Kb / 12P
   Automotive Dual N-Channel 12 V (D-S) 175 째C MOSFETs
01-Jan-2022
SQJ940EP VISHAY-SQJ940EP_15 Datasheet
266Kb / 15P
   Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
Rev. A, 18-Mar-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com