Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ25872 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25872
Description  Battery Switch Charger
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25872 Datasheet(HTML) 2 Page - Texas Instruments

  BQ25872 Datasheet HTML 1Page - Texas Instruments BQ25872 Datasheet HTML 2Page - Texas Instruments BQ25872 Datasheet HTML 3Page - Texas Instruments BQ25872 Datasheet HTML 4Page - Texas Instruments BQ25872 Datasheet HTML 5Page - Texas Instruments BQ25872 Datasheet HTML 6Page - Texas Instruments BQ25872 Datasheet HTML 7Page - Texas Instruments BQ25872 Datasheet HTML 8Page - Texas Instruments BQ25872 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 68 page
background image
2
bq25872
SLUSCQ6 – OCTOBER 2016
www.ti.com
Product Folder Links: bq25872
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 5
6.1
Absolute Maximum Ratings ...................................... 5
6.2
ESD Ratings ............................................................ 5
6.3
Recommended Operating Conditions ....................... 6
6.4
Thermal Information .................................................. 6
6.5
Electrical Characteristics........................................... 7
6.6
Timing Requirements ............................................. 12
7
Typical Characteristics........................................ 13
8
Detailed Description ............................................ 15
8.1
Overview ................................................................. 15
8.2
Functional Block Diagram ....................................... 16
8.3
Feature Description................................................. 16
8.4
Device Functional Modes........................................ 28
8.5
I2C Register Maps .................................................. 29
9
Application and Implementation ........................ 58
9.1
Application Information............................................ 58
9.2
Typical Application ................................................. 58
10
Power Supply Recommendations ..................... 62
11
Layout................................................................... 62
11.1
Layout Guidelines ................................................. 62
11.2
Layout Example .................................................... 62
12
Device and Documentation Support ................. 64
12.1
Receiving Notification of Documentation Updates 64
12.2
Community Resources.......................................... 64
12.3
Trademarks ........................................................... 64
12.4
Electrostatic Discharge Caution ............................ 64
12.5
Glossary ................................................................ 64
13
Mechanical, Packaging, and Orderable
Information ........................................................... 65
4 Revision History
DATE
REVISION
NOTES
October 2016
*
Initial release.


Similar Part No. - BQ25872

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25871 TI1-BQ25871 Datasheet
690Kb / 65P
[Old version datasheet]   Battery Switch Charger
BQ25871YFFR TI1-BQ25871YFFR Datasheet
690Kb / 65P
[Old version datasheet]   Battery Switch Charger
BQ25871YFFT TI1-BQ25871YFFT Datasheet
690Kb / 65P
[Old version datasheet]   Battery Switch Charger
More results

Similar Description - BQ25872

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25871 TI1-BQ25871 Datasheet
690Kb / 65P
[Old version datasheet]   Battery Switch Charger
logo
Maxim Integrated Produc...
MAX745 MAXIM-MAX745_V01 Datasheet
756Kb / 9P
   Switch-Mode Lithium-Ion Battery-Charger
2019
logo
Anpec Electronics Corop...
APW7262 ANPEC-APW7262 Datasheet
799Kb / 41P
   3MHz Synchronous Switch-Mode Battery Charger
logo
Maxim Integrated Produc...
MAX745 MAXIM-MAX745 Datasheet
91Kb / 8P
   Switch-Mode Lithium-Ion Battery-Charger
19-1182; Rev 2; 12/98
logo
Dallas Semiconductor
MAX713 DALLAS-MAX713 Datasheet
22Kb / 2P
   Switch-Mode Battery Charger Delivers 5A
logo
Shanghai Consonance Ele...
CN3059 CONSONANCE-CN3059 Datasheet
205Kb / 12P
   Battery Charger
logo
Altech corporation
CB12245A ALTECH-CB12245A Datasheet
785Kb / 2P
   Battery Charger
logo
STMicroelectronics
GSAC-8.507BC STMICROELECTRONICS-GSAC-8.507BC Datasheet
57Kb / 4P
   BATTERY CHARGER
logo
Technology Dynamics Inc...
TCP-BC-12-50 TECHNOLOGY-TCP-BC-12-50 Datasheet
286Kb / 2P
   BATTERY CHARGER
logo
STMicroelectronics
GSCC-8507BC STMICROELECTRONICS-GSCC-8507BC Datasheet
68Kb / 4P
   BATTERY CHARGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com