Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ25871 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25871
Description  Battery Switch Charger
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25871 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ25871 Datasheet HTML 2Page - Texas Instruments BQ25871 Datasheet HTML 3Page - Texas Instruments BQ25871 Datasheet HTML 4Page - Texas Instruments BQ25871 Datasheet HTML 5Page - Texas Instruments BQ25871 Datasheet HTML 6Page - Texas Instruments BQ25871 Datasheet HTML 7Page - Texas Instruments BQ25871 Datasheet HTML 8Page - Texas Instruments BQ25871 Datasheet HTML 9Page - Texas Instruments BQ25871 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 65 page
background image
6
bq25871
SLUSCQ5 – OCTOBER 2016
www.ti.com
Product Folder Links: bq25871
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VBUS
EN = high, or CHG_EN = '1'
2.8
6
V
VOUT
EN = high, or CHG_EN = '1'
2.8
6
V
BATP, BATN
0
6
V
SRP – SRN
Differential voltage between SRP and SRN
–0.2
0.2
V
TS_BUS,
TS_BAT
TS pin voltage range
0
3
V
SDA, SCL,
ADDR, INT,
EN
TS pin voltage range
0
5
V
IOUT
Maximum current from VBUS to VOUT
–3
7
A
TJ
Operating junction temperature range
–40
85
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
bq25871
UNIT
YFF (DSBGA)
42 PINS
RθJA
Junction-to-ambient thermal resistance
50.0
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
0.2
°C/W
RθJB
Junction-to-board thermal resistance
8.9
°C/W
ψJT
Junction-to-top characterization parameter
0.1
°C/W
ψJB
Junction-to-board characterization parameter
8.9
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W


Similar Part No. - BQ25871

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25872 TI1-BQ25872 Datasheet
723Kb / 68P
[Old version datasheet]   Battery Switch Charger
BQ25872YFFR TI1-BQ25872YFFR Datasheet
723Kb / 68P
[Old version datasheet]   Battery Switch Charger
BQ25872YFFT TI1-BQ25872YFFT Datasheet
723Kb / 68P
[Old version datasheet]   Battery Switch Charger
More results

Similar Description - BQ25871

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25872 TI1-BQ25872 Datasheet
723Kb / 68P
[Old version datasheet]   Battery Switch Charger
logo
Maxim Integrated Produc...
MAX745 MAXIM-MAX745_V01 Datasheet
756Kb / 9P
   Switch-Mode Lithium-Ion Battery-Charger
2019
logo
Anpec Electronics Corop...
APW7262 ANPEC-APW7262 Datasheet
799Kb / 41P
   3MHz Synchronous Switch-Mode Battery Charger
logo
Maxim Integrated Produc...
MAX745 MAXIM-MAX745 Datasheet
91Kb / 8P
   Switch-Mode Lithium-Ion Battery-Charger
19-1182; Rev 2; 12/98
logo
Dallas Semiconductor
MAX713 DALLAS-MAX713 Datasheet
22Kb / 2P
   Switch-Mode Battery Charger Delivers 5A
logo
Shanghai Consonance Ele...
CN3059 CONSONANCE-CN3059 Datasheet
205Kb / 12P
   Battery Charger
logo
Altech corporation
CB12245A ALTECH-CB12245A Datasheet
785Kb / 2P
   Battery Charger
logo
STMicroelectronics
GSAC-8.507BC STMICROELECTRONICS-GSAC-8.507BC Datasheet
57Kb / 4P
   BATTERY CHARGER
logo
Technology Dynamics Inc...
TCP-BC-12-50 TECHNOLOGY-TCP-BC-12-50 Datasheet
286Kb / 2P
   BATTERY CHARGER
logo
STMicroelectronics
GSCC-8507BC STMICROELECTRONICS-GSCC-8507BC Datasheet
68Kb / 4P
   BATTERY CHARGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com