Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V40PW45C Datasheet(PDF) 4 Page - Vishay Siliconix

Part # V40PW45C
Description  High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

V40PW45C Datasheet(HTML) 4 Page - Vishay Siliconix

  V40PW45C Datasheet HTML 1Page - Vishay Siliconix V40PW45C Datasheet HTML 2Page - Vishay Siliconix V40PW45C Datasheet HTML 3Page - Vishay Siliconix V40PW45C Datasheet HTML 4Page - Vishay Siliconix V40PW45C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
V40PW45C
www.vishay.com
Vishay General Semiconductor
Revision: 21-Dec-15
4
Document Number: 87655
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Typical Resistance Junction to Ambient vs.
Copper Pad Areas
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
0
10
20
30
40
50
60
70
80
0123456789
10
Copper Pad Areas (cm2)
Epoxy printed circuit
board FR4 copper
thickness = 70 μm
S (cm2)
(9.40)
(8.60)
0.370
0.339
(6.72)
(6.48)
0.265
0.255
(6.32)
(6.08)
0.249
0.239
(0.70)
(0.30)
0.028
0.012
(0.41)
(0.25)
0.016
0.010
(1.40)
(1.20)
(0.20)
(0.00)
0.008
0.000
(1.40)
(1.00)
0.055
0.039
(5.70)
(5.30)
0.224
0.209
MIN.
0.240
(6.10)
MIN.
0.235
(5.97)
REF.
0.386
(9.80)
MIN.
0.075
(1.90)
MIN.
0.055
(1.40)
NOM.
0.090
(2.29)
0.055
0.047
0.090
(2.29)
NOM.
0.180
(4.57)
NOM.
(0.90)
(0.70)
0.035
0.028
NOM.
0.205
(5.20)
Mounting Pad Layout
SlimDPAK


Similar Part No. - V40PW45C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V40PW45C VISHAY-V40PW45C Datasheet
143Kb / 5P
   High Current Density Surface-Mount TMBS짰 (Trench MOS Barrier Schottky) Rectifier
01-Jan-2022
V40PW45C VISHAY-V40PW45C_V01 Datasheet
143Kb / 5P
   High Current Density Surface-Mount TMBS짰 (Trench MOS Barrier Schottky) Rectifier
01-Jan-2022
More results

Similar Description - V40PW45C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V8P10 VISHAY-V8P10 Datasheet
90Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 26-Jun-07
V15P45 VISHAY-V15P45 Datasheet
91Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 19-Apr-11
V10P12-M386A VISHAY-V10P12-M386A Datasheet
109Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 25-Jul-12
V20PW12C VISHAY-V20PW12C Datasheet
119Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 01-Jun-17
V20PW45C VISHAY-V20PW45C Datasheet
119Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 01-Jun-17
V20PW10 VISHAY-V20PW10 Datasheet
120Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 01-Jun-17
V20PW10C VISHAY-V20PW10C Datasheet
119Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 01-Jun-17
V20PW12 VISHAY-V20PW12 Datasheet
119Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 01-Jun-17
V10P20 VISHAY-V10P20_15 Datasheet
82Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 15-Aug-13
V10P45-M3 VISHAY-V10P45-M3_15 Datasheet
84Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 06-May-15
V10PN50-M3 VISHAY-V10PN50-M3_15 Datasheet
85Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 04-Dec-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com