Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1C-6S-Z Datasheet(PDF) 2 Page - Copal Electronics

Part # AP1C-6S-Z
Description  Subminiature Pushbutton Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

AP1C-6S-Z Datasheet(HTML) 2 Page - Copal Electronics

  AP1C-6S-Z Datasheet HTML 1Page - Copal Electronics AP1C-6S-Z Datasheet HTML 2Page - Copal Electronics AP1C-6S-Z Datasheet HTML 3Page - Copal Electronics AP1C-6S-Z Datasheet HTML 4Page - Copal Electronics AP1C-6S-Z Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AP
−M(Standard type)
SPST/SPDT
SPST/SPDT
DPST/DPDT
DPST/DPDT
Switching
function
Part No.
★※AP1B−2M−Z
ON
(OFF)
Connecting terminals
1
−3
 ※AP1C−2M−Z
OFF
(ON)
Connecting terminals
1
−3
☆ AP1F−2M−Z
ON
(ON)
Connecting terminals
2
−32−1
Switching
function
Part No.
★※AP1B−6M−Z
ON
(OFF)
Connecting terminals
1
−3
 ※AP1C−6M−Z
OFF
(ON)
Connecting terminals
1
−3
★※AP1F−6M−Z
ON
(ON)
Connecting terminals
2
−32−1
Switching
function
Part No.
★※AP2L−2M−Z
ON
(OFF)
Connecting terminals
1
−3
4
−6
★※AP2M−2M−Z
OFF
(ON)
Connecting terminals
1
−3
4
−6
★ AP2R−2M−Z
ON
(ON)
Connecting terminals
2
−3
5
−6
2
−1
5
−4
Switching
function
Part No.
★※AP2L−6M−Z
ON
(OFF)
Connecting terminals
1
−3
4
−6
☆※AP2M−6M−Z
OFF
(ON)
Connecting terminals
1
−3
4
−6
★ AP2R−6M−Z
ON
(ON)
Connecting terminals
2
−3
5
−6
2
−1
5
−4
PC
0.3R/A
0.3R/A
PC
Terminal numbers are not shown on the switch.
Terminal numbers are not shown on the switch.
Terminal numbers are not shown on the switch.
Terminal numbers are not shown on the switch.
※ Terminal pin No.2 is not available in switches with Switching
Function B and C .
※ Terminal pin No.2 is not available in switches with Switching
Function B and C .
※ Terminal pins No.2 and 5 are not available in switches with
Switching Function L and M .
※ Terminal pins No.2 and 5 are not available in switches with
Switching Function L and M .
(ON)
.
(OFF)
:Momentary.
★:Made to order products.
☆:Semi-standard products.


Similar Part No. - AP1C-6S-Z

ManufacturerPart #DatasheetDescription
logo
Altech corporation
AP1 ALTECH-AP1 Datasheet
386Kb / 1P
   30 mm Non-Illuminated Projecting Momentary Metal Operator APx
logo
Knowles Electronics
AP10 KNOWLES-AP10 Datasheet
3Mb / 60P
   Introduction to Knowles Precision Devices
logo
Vaisala
AP10 VAISALA-AP10 Datasheet
190Kb / 3P
   AP10 VaiNet Wireless Access Point
logo
Knowles Electronics
AP10-5 KNOWLES-AP10-5 Datasheet
3Mb / 60P
   Introduction to Knowles Precision Devices
AP10-5E KNOWLES-AP10-5E Datasheet
3Mb / 60P
   Introduction to Knowles Precision Devices
More results

Similar Description - AP1C-6S-Z

ManufacturerPart #DatasheetDescription
logo
C&K Components
KM1202A05BE CK-COMPONENTS-KM1202A05BE Datasheet
200Kb / 4P
   Subminiature Pushbutton Switches
KM11 CK-COMPONENTS-KM11 Datasheet
239Kb / 4P
   Subminiature Pushbutton Switches
8500 CK-COMPONENTS-8500_V01 Datasheet
784Kb / 5P
   Subminiature Pushbutton Switches
KM CK-COMPONENTS-KM Datasheet
464Kb / 4P
   Subminiature Pushbutton Switches
8 Aug 22
logo
ITT Industries
8500 ITT-8500 Datasheet
585Kb / 5P
   Subminiature Pushbutton Switches
KM1202A05B ITT-KM1202A05B Datasheet
234Kb / 4P
   Subminiature Pushbutton Switches
logo
C&K Components
8500 CK-COMPONENTS-8500 Datasheet
342Kb / 5P
   Subminiature Pushbutton Switches
logo
Copal Electronics
APE COPAL-APE Datasheet
407Kb / 4P
   Subminiature Pushbutton Switches
logo
Grayhill, Inc
38GWSP8M7RT GRAYHILL-38GWSP8M7RT Datasheet
379Kb / 4P
   Sealed Subminiature Pushbutton Switches
logo
GREATECS
HB15SKW01-5C-CB GREATECS-HB15SKW01-5C-CB Datasheet
150Kb / 2P
   Illuminated Subminiature Pushbutton Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com