Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS1N-6M-10-Z Datasheet(PDF) 3 Page - Copal Electronics

Part # AS1N-6M-10-Z
Description  Hyper-miniature Slide Switchess
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

AS1N-6M-10-Z Datasheet(HTML) 3 Page - Copal Electronics

  AS1N-6M-10-Z Datasheet HTML 1Page - Copal Electronics AS1N-6M-10-Z Datasheet HTML 2Page - Copal Electronics AS1N-6M-10-Z Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
AS
Switching function
Part No.
Viewed from part No. marking side
 AS1D−6M−10−Z
ON
ON
★AS1E−6M−10−Z
ON
OFF
ON
Connecting terminals
2
−1
2
−3
Switching function
Part No.
Viewed from part No. marking side
☆AS2D−6M−10−Z
ON
ON
★AS2E−6M−10−Z
ON
OFF
ON
Connecting terminals
2
−1
5
−4
2
−3
5
−6
Switching function
Part No.
Viewed from part No. marking side
☆AS2N−6M−10−Z
ON
ON
★AS2P−6M−10−Z
ON
OFF
ON
Connecting terminals
2
−1
5
−4
2
−3
5
−6
SPDT
DPDT
DPDT
※Mounting height : 3.1mm
※Mounting height : 5.15mm
※Mounting height : 3.1mm
★:Made to order products.
■ Optional Accessories《Sold separately》
Part Name
Bracket
Part No.
140000640324
Dimensions
■Actuator Shape
Standard
(M)
■Bracket Installation Procedure
■PC Hole Layouts
Series
P/C terminal
Right Angle terminal
Whithout bracket
Whit bracket
0.2inch pitch
0.3inch pitch
AS1D
AS1E
AS2D
AS2E
AS2N
AS2P
☆:Semi-standard products.
0.3R/A
0.3R/A
0.3R/A
:Optional Accessories.
9.55
9.5
11.5
5
0.7
1.5
6.3


Similar Part No. - AS1N-6M-10-Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS100 ETC-AS100 Datasheet
442Kb / 4P
   HOL-SEALERS Hole Seals
logo
Projects Unlimited, Inc...
AS10004PS-R PUI-AS10004PS-R Datasheet
344Kb / 1P
   Speaker
AS10004PS-WR-R PUI-AS10004PS-WR-R Datasheet
354Kb / 1P
   Speaker
logo
Power-One
AS1001-7R POWER-ONE-AS1001-7R Datasheet
147Kb / 4P
   100 Watt DC-DC Converters
logo
Astec America, Inc
AS1004 ASTEC-AS1004 Datasheet
53Kb / 8P
   Micropower Voltage Reference
More results

Similar Description - AS1N-6M-10-Z

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
ASE COPAL-ASE Datasheet
949Kb / 4P
   Hyper-miniature Slide Switches
MHS COPAL-MHS Datasheet
839Kb / 6P
   Hyper-miniature Slide Switches
ASE-SERIES COPAL-ASE-SERIES Datasheet
949Kb / 4P
   Hyper-miniature Slide Switches
logo
C&K Components
OS102011MS2QN1 CK-COMPONENTS-OS102011MS2QN1 Datasheet
669Kb / 7P
   Miniature Slide Switches
logo
Copal Electronics
ES_SERIES COPAL-ES_SERIES Datasheet
825Kb / 2P
   Miniature Slide Switches
logo
List of Unclassifed Man...
SLG12004 ETC2-SLG12004 Datasheet
69Kb / 1P
   Miniature Slide Switches
logo
ITT Industries
L202011MS02Q2 ITT-L202011MS02Q2 Datasheet
615Kb / 6P
   Miniature Slide Switches
logo
C&K Components
L202121MS02Q CK-COMPONENTS-L202121MS02Q Datasheet
366Kb / 6P
   Miniature Slide Switches
logo
Copal Electronics
S_SERIES COPAL-S_SERIES Datasheet
578Kb / 1P
   Miniature Slide Switches
HSS COPAL-HSS Datasheet
286Kb / 1P
   Miniature Slide Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com