Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASE1P-5M-10-Z Datasheet(PDF) 3 Page - Copal Electronics

Part # ASE1P-5M-10-Z
Description  Hyper-miniature Slide Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ASE1P-5M-10-Z Datasheet(HTML) 3 Page - Copal Electronics

  ASE1P-5M-10-Z Datasheet HTML 1Page - Copal Electronics ASE1P-5M-10-Z Datasheet HTML 2Page - Copal Electronics ASE1P-5M-10-Z Datasheet HTML 3Page - Copal Electronics ASE1P-5M-10-Z Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ASE
Switching function
Part No.
Viewed from part No. marking side
 ASE1D−6M−10−Z
ON
ON
★ASE1E−6M−10−Z
ON
OFF
ON
Connecting terminals
2
−1
2
−3
Switching function
Part No.
Viewed from part No. marking side
☆ASE2D−6M−10−Z
ON
ON
★ASE2E−6M−10−Z
ON
OFF
ON
Connecting terminals
2
−1
5
−4
2
−3
5
−6
Switching function
Part No.
Viewed from part No. marking side
★ASE2N−6M−10−Z
ON
ON
★ASE2P−6M−10−Z
ON
OFF
ON
Connecting terminals
2
−1
5
−4
2
−3
5
−6
SPDT
DPDT
DPDT
Terminal numbers are not shown on the switch.
Terminal numbers are not shown on the switch.
Terminal numbers are not shown on the switch.
Mounting height : 3.1 mm
Mounting height : 3.1 mm
Mounting height : 5.15 mm
0.3R/A
0.3R/A
0.3R/A
★:Made to order products.
■Optional Accessories
《Supplied separately》
Part Name
Bracket
Part No.
140000640324
Dimensions
■ Mounting Height
Switching function
D
・EN・P
Mounting
■PC Hole Layouts
Series
P/C terminal
Right Angle terminal
Whithout bracket
Whit bracket
0.2inch pitch
0.3inch pitch
ASE1D
ASE1E
ASE2D
ASE2E
ASE2N
ASE2P
☆:Semi-standard products.


Similar Part No. - ASE1P-5M-10-Z

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
ASE1P-5M-10-Z COPAL-ASE1P-5M-10-Z Datasheet
949Kb / 4P
   Hyper-miniature Slide Switches
More results

Similar Description - ASE1P-5M-10-Z

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
MHS COPAL-MHS Datasheet
839Kb / 6P
   Hyper-miniature Slide Switches
ASE-SERIES COPAL-ASE-SERIES Datasheet
949Kb / 4P
   Hyper-miniature Slide Switches
AS_SERIES COPAL-AS_SERIES Datasheet
878Kb / 3P
   Hyper-miniature Slide Switchess
logo
C&K Components
L202011MS02QE2 CK-COMPONENTS-L202011MS02QE2 Datasheet
322Kb / 6P
   Miniature Slide Switches
logo
E-SWITCH
600 E-SWITCH-600 Datasheet
218Kb / 2P
   SLIDE SWITCHES - MINIATURE
logo
Copal Electronics
SS220K-23 COPAL-SS220K-23 Datasheet
551Kb / 1P
   Miniature Slide Switches
logo
List of Unclassifed Man...
SLB12814 ETC2-SLB12814 Datasheet
579Kb / 8P
   Miniature Slide Switches
logo
C&K Components
L CK-COMPONENTS-L Datasheet
783Kb / 6P
   Miniature Slide Switches
19 Mar 2019
OS102011MS2QN1 CK-COMPONENTS-OS102011MS2QN1 Datasheet
669Kb / 7P
   Miniature Slide Switches
logo
Copal Electronics
ES_SERIES COPAL-ES_SERIES Datasheet
825Kb / 2P
   Miniature Slide Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com