Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1L-6M-Z Datasheet(PDF) 4 Page - Copal Electronics

Part # AP1L-6M-Z
Description  Subminiature Pushbutton Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

AP1L-6M-Z Datasheet(HTML) 4 Page - Copal Electronics

  AP1L-6M-Z Datasheet HTML 1Page - Copal Electronics AP1L-6M-Z Datasheet HTML 2Page - Copal Electronics AP1L-6M-Z Datasheet HTML 3Page - Copal Electronics AP1L-6M-Z Datasheet HTML 4Page - Copal Electronics AP1L-6M-Z Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AP
−H(Square type)
SPST/SPDT
DPST/DPDT
Switching
function
Part No.
★※AP1B−2H−Z
ON
(OFF)
Connecting terminals
1
−3
 ※AP1C−2H−Z
OFF
(ON)
Connecting terminals
1
−3
  AP1F−2H−Z
ON
(ON)
Connecting terminals
2
−32−1
Switching
function
Part No.
※AP2L−2H−Z
ON
(OFF)
Connecting terminals
1
−3
4
−6
★※AP2M−2H−Z
OFF
(ON)
Connecting terminals
1
−3
4
−6
★ AP2R−2H−Z
ON
(ON)
Connecting terminals
2
−3
5
−6
2
−1
5
−4
PC
PC
Terminal numbers are not shown on the switch.
Terminal numbers are not shown on the switch.
※ Terminal pin No.2 is not available in switches with Switching Function B and C .
※Terminal pins No.2 and 5 are not available in switches with Switching Function L and M .
■Standard Accessories
《Sold separately》
Color Button for AP
−H series
Dimensions
Color
Part No.
White
Red
Black
Gray
Green
Blue
Orange
Yellow
Brown
140000470198
140000470200
140000470199
140000470204
140000470202
140000470203
140000470205
140000470201
140000470206
A Color Button is supplied with the switch. Please select from the above 9 part numbers.
■Optional Accessories (10pcs / pack)
 (AP・APE) 
《Sold separately》
Color Cap for AP
−M、APE−M & AP−S series
Dimensions
Color
Part No.
White
Red
Black
Gray
Green
Blue
Orange
Yellow
Brown
140000481402
140000481404
140000481403
140000481408
140000481406
140000481407
140000481414
140000481405
140000481409
ABS resin
■Optional Accessories
(AP・APE)
《Sold separately》
Part name
Bracket
Poles
Single pole
Double poles
Box size
5 mm
5 mm
7.5 mm
7.5 mm
5 mm
Type
AP-M
・APE-M・AP-H
AP-S
AP-M
・AP-H・APE-M
AP-S
APE-M
Dimensions
Part No.
140000640314
140000640316
140000640315
140000640317
140000640318
12
12
12
PC resin
(ON)
.
(OFF)
:Momentary.
★:Made to order products.
:Optional Accessories.


Similar Part No. - AP1L-6M-Z

ManufacturerPart #DatasheetDescription
logo
NEC
AP1L2Q NEC-AP1L2Q Datasheet
84Kb / 6P
   on-chip resistor NPN silicon epitaxial transistor
AP1L3N NEC-AP1L3N Datasheet
84Kb / 6P
   on-chip resistor NPN silicon epitaxial transistor
More results

Similar Description - AP1L-6M-Z

ManufacturerPart #DatasheetDescription
logo
C&K Components
KM1202A05BE CK-COMPONENTS-KM1202A05BE Datasheet
200Kb / 4P
   Subminiature Pushbutton Switches
KM11 CK-COMPONENTS-KM11 Datasheet
239Kb / 4P
   Subminiature Pushbutton Switches
8500 CK-COMPONENTS-8500_V01 Datasheet
784Kb / 5P
   Subminiature Pushbutton Switches
KM CK-COMPONENTS-KM Datasheet
464Kb / 4P
   Subminiature Pushbutton Switches
8 Aug 22
logo
ITT Industries
8500 ITT-8500 Datasheet
585Kb / 5P
   Subminiature Pushbutton Switches
KM1202A05B ITT-KM1202A05B Datasheet
234Kb / 4P
   Subminiature Pushbutton Switches
logo
C&K Components
8500 CK-COMPONENTS-8500 Datasheet
342Kb / 5P
   Subminiature Pushbutton Switches
logo
Copal Electronics
APE COPAL-APE Datasheet
407Kb / 4P
   Subminiature Pushbutton Switches
logo
Grayhill, Inc
38GWSP8M7RT GRAYHILL-38GWSP8M7RT Datasheet
379Kb / 4P
   Sealed Subminiature Pushbutton Switches
logo
GREATECS
HB15SKW01-5C-CB GREATECS-HB15SKW01-5C-CB Datasheet
150Kb / 2P
   Illuminated Subminiature Pushbutton Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com