Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-CT-24 Datasheet(PDF) 1 Page - Copal Electronics

Part # C-CT-24
Description  AC CURRENT SENSORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

C-CT-24 Datasheet(HTML) 1 Page - Copal Electronics

  C-CT-24 Datasheet HTML 1Page - Copal Electronics C-CT-24 Datasheet HTML 2Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
C-CT
AC CURRENT SENSORS
PART NUMBER DESIGNATION
C - CT - 6
Series Name
Hole Diameter
6:
φ 6 mm
10:
φ 10 mm
16:
φ16 mm
24:
φ 24 mm
LIST OF MODEL NUMBER
Part Number
Rated Primary Current
Max. Input Current
Output characteristic Example
Size and Weight
AC 0.1
30 A
AC 50 Arms continuous
AC 100 mV±1 %
19.3×26.4×31 mm,
Approx. 20 gs
AC 0.1
60 A
AC 100 Arms continuous
AC 200 mV±1 %
26.4×25.5×43.3 mm,
Approx. 40 gs
AC 0.1
100 A
AC 200 Arms continuous
AC 333 mV±1 %
32.5×30.5×46.2 mm,
Approx. 75 gs
C-CT-6
C-CT-10
C-CT-16
C-CT-24
AC 0.1
200 A
AC 300 Arms continuous
AC 666 mV±1 %
48.4×35.5×69.6 mm,
Approx. 170 gs
O Clamp-on type (split core design)
FEATURES
O Direct interface
O UL94 V-0 flame rating
O Overvoltage protection (zener diode)
Easy installation to distribution panels
O Compact size and wide measuring range
O Outstanding output linearity at all current ranges
・HEMS (Home Energy Management System)
・BEMS (Building Energy Management System)
・Various power monitoring systems
APPLICATIONS
O To measure or monitor current or power consumption
in smart energy systems such as:
(AC30 A RL=10
Ω 50/60 Hz)
(AC60 A RL=10
Ω 50/60 Hz)
(AC100 A RL=10
Ω 50/60 Hz)
(AC200 A RL=10
Ω 50/60 Hz)
(50/60 Hz)
(50/60 Hz)
(50/60 Hz)
(50/60 Hz)
RoHS compliant


Similar Part No. - C-CT-24

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C-CT-1216 KEMET-C-CT-1216 Datasheet
54Kb / 1P
   KEMET, C/CT-1216, Current, Round - Snap-on, AC, High Performance, Compact, Slim, Flame Retardant
7/05/2020
More results

Similar Description - C-CT-24

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CCT323047-100-16-00 TDK-CCT323047-100-16-00 Datasheet
158Kb / 2P
   Clamp AC Current Sensors
CCT272440-80-10-02 TDK-CCT272440-80-10-02 Datasheet
162Kb / 2P
   Clamp AC Current Sensors
CCT354571-300-24-00 TDK-CCT354571-300-24-00 Datasheet
145Kb / 2P
   Clamp AC Current Sensors
CCT406393-600-36-02 TDK-CCT406393-600-36-02 Datasheet
147Kb / 2P
   Clamp AC Current Sensors
CCT261631-30-06-02 TDK-CCT261631-30-06-02 Datasheet
160Kb / 2P
   Clamp AC Current Sensors
CCT272440-80-10-00 TDK-CCT272440-80-10-00 Datasheet
162Kb / 2P
   Clamp AC Current Sensors
CCT261631-30-06-00 TDK-CCT261631-30-06-00 Datasheet
158Kb / 2P
   Clamp AC Current Sensors
CCT323047-100-16-02 TDK-CCT323047-100-16-02 Datasheet
158Kb / 2P
   Clamp AC Current Sensors
logo
Silicon Laboratories
SI85XX SILABS-SI85XX Datasheet
341Kb / 24P
   UNIDIRECTIONAL AC CURRENT SENSORS
logo
Topstek Inc.
TX7P-5A TOPSTEK-TX7P-5A Datasheet
123Kb / 1P
   Topstek AC Current Sensors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com