Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CES Datasheet(PDF) 4 Page - Copal Electronics

Part # CES
Description  SLIDE SWITCHES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CES Datasheet(HTML) 4 Page - Copal Electronics

  CES Datasheet HTML 1Page - Copal Electronics CES Datasheet HTML 2Page - Copal Electronics CES Datasheet HTML 3Page - Copal Electronics CES Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CES
SLIDE SWITCHES (FULL PITCH)
<Magazine packaging specifications>
O Packing quantities of magazines are different depending
on the bit number of the switches.
Please order the multiple numbers of the specific
packing quantities. (e.g. 36 pcs., 72 pcs., 108 pcs., etc.,
in case of 4 bits version)
Pieces in package : 2 bits, 60 pcs./stick
4 bits, 36 pcs./stick
6 bits, 26 pcs./stick
8 bits, 20 pcs./stick
O Magazine dimensions
(Unit : mm)
PACKAGING SPECIFICATIONS
12 0.3
Magazine length : 500 2 mm long
<Bulk pack specifications>
O The smallest unit of bulk pack in plastic bag is 10 pcs.
per pack.
Orders will be accepted for unit of minimum 10 pcs., i.e.,
10, 20, 30 pcs., etc.
O Boxing of bulk in a plastic bag is performed with 10 pcs.
(standard 20 pcs.) per box.


Similar Part No. - CES

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CES-1 MACOM-CES-1 Datasheet
104Kb / 1P
   CABLE ENTRY SEALS STANDARD
logo
TE Connectivity Ltd
CES-1-XX TEC-CES-1-XX Datasheet
108Kb / 1P
   CAMLE ENTRY SEALS STANDARD
logo
Samtec, Inc
CES-120-01-G-S SAMTEC-CES-120-01-G-S Datasheet
1Mb / 1P
   LOW PROFILE SOCKET STRIPS
CES-120-01-L-D SAMTEC-CES-120-01-L-D Datasheet
1Mb / 1P
   LOW PROFILE SOCKET STRIPS
CES-120-01-L-D-RA SAMTEC-CES-120-01-L-D-RA Datasheet
1Mb / 1P
   LOW PROFILE SOCKET STRIPS
More results

Similar Description - CES

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
   SLIDE SWITCHES
logo
Grayhill, Inc
48ASSP1S2M6RBT GRAYHILL-48ASSP1S2M6RBT Datasheet
159Kb / 3P
   Slide Switches
logo
Copal Electronics
CRFS COPAL-CRFS Datasheet
961Kb / 3P
   SLIDE SWITCHES
logo
List of Unclassifed Man...
CAS-120TB1 ETC1-CAS-120TB1 Datasheet
221Kb / 6P
   SLIDE SWITCHES
logo
ITT Industries
S101031SS03Q ITT-S101031SS03Q Datasheet
398Kb / 5P
   Slide Switches
logo
C&K Components
S102031MS02Q CK-COMPONENTS-S102031MS02Q Datasheet
340Kb / 5P
   Slide Switches
logo
Copal Electronics
CL-SB COPAL-CL-SB Datasheet
883Kb / 9P
   SLIDE SWITCHES
logo
E-SWITCH
500 E-SWITCH-500 Datasheet
315Kb / 4P
   SLIDE SWITCHES
EG1300 E-SWITCH-EG1300 Datasheet
104Kb / 1P
   SLIDE SWITCHES
logo
C&K Components
S101031SS03DQE CK-COMPONENTS-S101031SS03DQE Datasheet
309Kb / 5P
   Slide Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com