Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BT1E-2M4 Datasheet(PDF) 2 Page - Copal Electronics

Part # BT1E-2M4
Description  Miniature Toggle Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

BT1E-2M4 Datasheet(HTML) 2 Page - Copal Electronics

  BT1E-2M4 Datasheet HTML 1Page - Copal Electronics BT1E-2M4 Datasheet HTML 2Page - Copal Electronics BT1E-2M4 Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rating mark
Rating mark
Epoxy seal
Epoxy seal
BT
Switching
function
Part No.
Viewed from part No. marking side
☆BT1D-2M4-Z
ON
ON
★BT1E-2M4-Z
ON
OFF
ON
★BT1F-2M4-Z
(ON)−
ON
★BT1G-2M4-Z
(ON)
OFF
(ON)
★BT1H-2M4-Z
(ON)
OFF
ON
Connecting terminals
2
−1
2
−3
Switching
function
Part No.
Viewed from part No. marking side
★BT1N-2M4-Z
ON
ON
★BT1P-2M4-Z
ON
OFF
ON
BT1R-2M4-Z (ON)−
ON
BT1S-2M4-Z (ON)
OFF
(ON)
BT1T-2M4-Z
(ON)
OFF
ON
Connecting terminals
2
−1
5
−4
2
−3
5
−6
SPDT
DPDT
Terminal numbers are not shown on the switch.
Terminal numbers are not shown on the switch.
■PC Hole Layouts
1
−pole
2
−poles
■ Optional Accessories
《Sold separately》
Color Cap
(Round type)
Dimensions
Color
Part. No.
Vinyl chloride resin
White
Red
Black
Gray
140000470030
140000470098
140000470031
140000470037
Color Cap
(Square type)
Dimensions
Color
Part. No.
Vinyl chloride resin
White
Red
Black
Gray
140000470038
140000470100
140000470039
140000470077
:Optional Accessories.
(ON)
:Momentary.
★:Made to order products.
☆:Semi-standard products.
:Inquiry products.
PC Straight
PC Straight


Similar Part No. - BT1E-2M4

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BT1 ZETEX-BT1 Datasheet
16Kb / 1P
   SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Altech corporation
BT1 ALTECH-BT1 Datasheet
152Kb / 1P
   30 mm Rubber Boots BTx (x=color)
logo
Marki Microwave
BT1-0026 MARKIMICROWAVE-BT1-0026 Datasheet
754Kb / 5P
   HIGH POWER BIAS TEE
BT1-0040 MARKIMICROWAVE-BT1-0040 Datasheet
559Kb / 5P
   HIGH POWER BIAS TEE
logo
Extech Instruments Corp...
BT100 EXTECH-BT100 Datasheet
194Kb / 1P
   Battery Capacity Tester
More results

Similar Description - BT1E-2M4

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CFT2-SERIES COPAL-CFT2-SERIES Datasheet
367Kb / 3P
   Ultra-Miniature Toggle Switch
CF-TB COPAL-CF-TB Datasheet
233Kb / 2P
   Miniature Power Toggle Switch
FT_SERIES COPAL-FT_SERIES Datasheet
382Kb / 3P
   Ultra-Miniature Toggle Switch
CFT2 COPAL-CFT2 Datasheet
367Kb / 3P
   Ultra-Miniature Toggle Switch
logo
C&K Components
7101MD9AV2BE CK-COMPONENTS-7101MD9AV2BE Datasheet
1Mb / 14P
   Miniature Toggle Switches
logo
Grayhill, Inc
HDW15 GRAYHILL-HDW15 Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
C&K Components
7201L2DAV2BE CK-COMPONENTS-7201L2DAV2BE Datasheet
782Kb / 14P
   Miniature Toggle Switches
U15P4YZQE CK-COMPONENTS-U15P4YZQE Datasheet
1Mb / 14P
   Miniature Toggle Switches
7000TOGGLE CK-COMPONENTS-7000TOGGLE Datasheet
2Mb / 14P
   Miniature Toggle Switches
15 Jan 21
logo
Grayhill, Inc
34ASP12B4M2RT GRAYHILL-34ASP12B4M2RT Datasheet
871Kb / 6P
   Miniature Toggle Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com