Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALE2G-2M4-10-Z Datasheet(PDF) 1 Page - Copal Electronics

Part # ALE2G-2M4-10-Z
Description  Standard Lever & Rocker Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ALE2G-2M4-10-Z Datasheet(HTML) 1 Page - Copal Electronics

  ALE2G-2M4-10-Z Datasheet HTML 1Page - Copal Electronics ALE2G-2M4-10-Z Datasheet HTML 2Page - Copal Electronics ALE2G-2M4-10-Z Datasheet HTML 3Page - Copal Electronics ALE2G-2M4-10-Z Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
■ Features
1. High reliability
The twin-contact clip mechanism is employed for the
contact section to ensure high reliability.
2. Process sealed structure
All types of the switch feature the completely sealed structure.
3. Designed for dry circuit applications
Since the contacts are gold-plated, the switches are best
suited for use in the dry circuit areas.
4. Designed for PC board applications
The terminal pitches are all in inch size (2.54 mm).
5. Improved operability
The independent detent structure provides a light operating touch.
6. All models are of UL approved type.
(File No. E42375)
ALE
Standard Lever & Rocker Switches
UL
■ :WLJPÄJH[PVUZ
Rating
Max : 50mA 60VAC/DC
 Min : 1μA 20mVAC/DC
Initial contact resistance 50m
Ω max.
(1.5mA 200μVAC)
Dielectric strength
250VAC 1 minute
Insulation resistance
500M
Ω min.
(500VDC)
Electrical life
10,000 cycles at maximum rating
50,000 cycles at 0.4VA min.
(D,E type)
30,000 cycles at 0.4VA min.
(F,G,H type)
Operating
temperature range
−20∼+85℃
Storage
temperature range
−40∼+85℃
■ Part Numbering
Actuator shape
ON
ON
ONーOFF ーON
ON
ー (ON)
(ON)
ーOFFー(ON)
ONーOFFー(ON)
Terminal style
N
P
R
S
T
D
E
F
G
H
Lever and rocker type
1 pole
2
5
LE
PC Straight
Right angle
(0.2inch pitch)
4
With bracket
2 poles
A
 LE 2 D − 2 M 4 − 10 − Z
Series code
Number of poles
Switching function
Standard
M
Actuator shape
Bushing style
Clip mechanism
Number
of poles
Terminal style
Type
1
2
Fig.
Bushing style
Fig.
Fig.
Distance between two terminal rows : 5.08mm
(0.2 )
Terminal line for double poles are 2.54mm
(0.1 )
Code
Code
Switching function
Code Actuator shape
■Actuator Shape
Standard
(M)
Washable
RoHS Compliant


Similar Part No. - ALE2G-2M4-10-Z

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ALE2045T2 ASB-ALE2045T2 Datasheet
461Kb / 4P
   Internally Matched LNA Module
August 2009
ALE2045T2 ASB-ALE2045T2 Datasheet
233Kb / 4P
   Internally Matched LNA Module
September 2017
ALE2045T2 ASB-ALE2045T2_13 Datasheet
571Kb / 4P
   Internally Matched LNA Module
August 2009
ALE2045T2 ASB-ALE2045T2_17 Datasheet
233Kb / 4P
   Internally Matched LNA Module
September 2017
ALE2045T3 ASB-ALE2045T3 Datasheet
463Kb / 4P
   Internally Matched LNA Module
August 2009
More results

Similar Description - ALE2G-2M4-10-Z

ManufacturerPart #DatasheetDescription
logo
C&K Components
U411J37ZGE22 CK-COMPONENTS-U411J37ZGE22 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
7201J1A3QE2 CK-COMPONENTS-7201J1A3QE2 Datasheet
1Mb / 22P
   Miniature Rocker & Lever Handle Switches
7000 CK-COMPONENTS-7000_V01 Datasheet
3Mb / 22P
   Miniature Rocker & Lever Handle Switches
2021
logo
ITT Industries
7101J1ZQE2 ITT-7101J1ZQE2 Datasheet
1Mb / 20P
   Rocker and Lever Handle Switches
logo
C&K Components
U15J51ZQE12 CK-COMPONENTS-U15J51ZQE12 Datasheet
1Mb / 22P
   Miniature Rocker & Lever Handle Switches
U11J26ZQE22 CK-COMPONENTS-U11J26ZQE22 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
7000ROCKER CK-COMPONENTS-7000ROCKER Datasheet
3Mb / 22P
   Miniature Rocker & Lever Handle Switches
15 Jan 21
logo
ITT Industries
7101MDABE0 ITT-7101MDABE0 Datasheet
1Mb / 20P
   Rocker and Lever Handle Switches
logo
Copal Electronics
FL_SERIES COPAL-FL_SERIES Datasheet
340Kb / 2P
   Hyper-miniature Lever & Rocker Switches
logo
C&K Components
7103J2ZBE2 CK-COMPONENTS-7103J2ZBE2 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com