Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS650860A0RSKT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS650860A0RSKT
Description  Configurable Multirail PMU for Multicore Processors
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS650860A0RSKT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS650860A0RSKT Datasheet HTML 4Page - Texas Instruments TPS650860A0RSKT Datasheet HTML 5Page - Texas Instruments TPS650860A0RSKT Datasheet HTML 6Page - Texas Instruments TPS650860A0RSKT Datasheet HTML 7Page - Texas Instruments TPS650860A0RSKT Datasheet HTML 8Page - Texas Instruments TPS650860A0RSKT Datasheet HTML 9Page - Texas Instruments TPS650860A0RSKT Datasheet HTML 10Page - Texas Instruments TPS650860A0RSKT Datasheet HTML 11Page - Texas Instruments TPS650860A0RSKT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 94 page
background image
TPS650860
SWCS128A – MARCH 2015 – REVISED DECEMBER 2015
www.ti.com
4
Specifications
4.1
Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
ANALOG
VSYS
Input voltage from battery
–0.3
28
V
PVIN3, PVIN4, PVIN5, LDO5P0, DRV5V_1_6, DRV5V_2_A1, DRVL1, DRVL2, DRVL6
–0.3
7
V
V5ANA
–0.3
6
V
PGNDSNS1, PGNDSNS2, PGNDSNS6, AGND, FBGND2
–0.3
0.3
V
DRVH1, DRVH2, DRVH6, BOOT1, BOOT2, BOOT6
–0.3
34
V
SW1, SW2, SW6
–2(2)
28
V
LX3, LX4, LX5
–1(3)
7
V
BOOTx to SWx
Differential voltage
–0.3
5.5
V
VREF, LDO3P3, FBVOUT1, FBVOUT2, FBVOUT6, FB3, FB4, FB5, ILIM1, ILIM2, ILIM6, PVINVTT,
–0.3
3.6
V
VTT, VTTFB, PVINSWA1, SWA1, PVINSWB1_B2, SWB1, SWB2, LDOA1
PVINLDOA2_A3, LDOA2, LDOA3
–0.3
3.3
V
DIGITAL IOs
DATA, CLK, GPO1-GPO3
–0.3
3.6
V
CTL1-CTL6, GPO4, IRQB
–0.3
7
V
Tstg
Storage temperature
–40
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Transient for less than 5 ns.
(3)
Transient for less than 20 ns.
4.2
ESD Ratings
VALUE
UNIT
Human Body Model (HBM),
±1000
V
per ANSI/ESDA/JEDEC JS001(1)
Electrostatic discharge (ESD)
VESD
performance
Charged Device Model (CDM),
All pins
±250
V
per JESD22-C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
8
Specifications
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TPS650860


Similar Part No. - TPS650860A0RSKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650860A0RSKT TI1-TPS650860A0RSKT Datasheet
1Mb / 94P
[Old version datasheet]   Configurable Multirail PMU for Multicore Processors
More results

Similar Description - TPS650860A0RSKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650860 TI1-TPS650860 Datasheet
1Mb / 94P
[Old version datasheet]   Configurable Multirail PMU for Multicore Processors
TPS650861 TI1-TPS650861 Datasheet
2Mb / 144P
[Old version datasheet]   Programmable Multirail PMU for Multicore Processors, FPGAs, and Systems
TPS650864 TI1-TPS650864 Datasheet
1Mb / 107P
[Old version datasheet]   Configurable Multirail PMU for Xilinx MPSoCs and FPGAs
TPS650864 TI1-TPS650864_18 Datasheet
2Mb / 126P
[Old version datasheet]   Configurable Multirail PMU for Xilinx MPSoCs and FPGAs
TPS650864 TI1-TPS650864_17 Datasheet
2Mb / 114P
[Old version datasheet]   Configurable Multirail PMU for Xilinx MPSoCs and FPGAs
logo
Freescale Semiconductor...
P2041NXE1MMB FREESCALE-P2041NXE1MMB Datasheet
774Kb / 9P
   P2041NXE1MMB multicore processors
P4080NXE1MMB FREESCALE-P4080NXE1MMB Datasheet
495Kb / 3P
   P4 Series Multicore Processors
P4040NSN1PNB FREESCALE-P4040NSN1PNB Datasheet
495Kb / 3P
   P4 Series Multicore Processors
logo
Active-Semi, Inc
ACT8946AQJ203-T ACTIVE-SEMI-ACT8946AQJ203-T Datasheet
1Mb / 37P
   Advanced PMU for Hisilicon Processors
Rev 1.0, 08-Jul-16
ACT8946A ACTIVE-SEMI-ACT8946A Datasheet
1Mb / 37P
   Advanced PMU for Hisilicon Processors
Rev 1.0, 08-Jul-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com