Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS650860A0RSKR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS650860A0RSKR
Description  Configurable Multirail PMU for Multicore Processors
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS650860A0RSKR Datasheet(HTML) 1 Page - Texas Instruments

  TPS650860A0RSKR Datasheet HTML 1Page - Texas Instruments TPS650860A0RSKR Datasheet HTML 2Page - Texas Instruments TPS650860A0RSKR Datasheet HTML 3Page - Texas Instruments TPS650860A0RSKR Datasheet HTML 4Page - Texas Instruments TPS650860A0RSKR Datasheet HTML 5Page - Texas Instruments TPS650860A0RSKR Datasheet HTML 6Page - Texas Instruments TPS650860A0RSKR Datasheet HTML 7Page - Texas Instruments TPS650860A0RSKR Datasheet HTML 8Page - Texas Instruments TPS650860A0RSKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 94 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS650860
SWCS128A – MARCH 2015 – REVISED DECEMBER 2015
TPS650860 Configurable Multirail PMU for Multicore Processors
1
Device Overview
1.1
Features
1
• Wide VIN Range From 5.6 V to 21 V
• Three Load Switches With Slew Rate Control
• Three Variable-Output Voltage Synchronous
– Up to 300 mA of Output Current With Voltage
Step-Down Controllers With DCAP2™ Topology
Drop Less Than 1.5% of Nominal Input Voltage
– Scalable Output Current Using External FETs
– RDSON < 96 mΩ at Input Voltage of 1.8 V
With Selectable Current Limit
• 5-V Fixed-Output Voltage LDO (LDO5)
– I2C DVS Control From 0.41 V to 1.67 V in 10-
– Power Supply for Gate Drivers of SMPS and for
mV Steps or 1 V to 3.575 V in 25-mV Steps
LDOA1
• Three Variable-Output Voltage Synchronous Step-
– Automatic Switch to External 5-V Buck for
Down Converters With DCS-Control Topology
Higher Efficiency
– VIN Range From 4.5 V to 5.5 V
• Built-in Flexibility and Configurability by Factory
– Up to 3 A of Output Current
OTP Programming
– I2C DVS Control From 0.41 V to 1.67 V in 10-
– Six GPI Pins Configurable to Enable (CTL1 to
mV Steps or 0.425 V to 3.575 V in 25-mV Steps
CTL6) or Sleep Mode Entry (CTL3 and CTL6) of
Any Selected Rails
• Three LDO Regulators With Adjustable Output
Voltage
– Four GPO Pins Configurable to Power Good of
Any Selected Rails
– LDOA1: I2C-Selectable Output Voltage From
1.35 V to 3.3 V for up to 200 mA of Output
– Open-Drain Interrupt Output Pin
Current
• I2C Interface Supports:
– LDOA2 and LDOA3: I2C-Selectable Output
– Standard Mode (100 kHz)
Voltage From 0.7 V to 1.5 V for up to 600 mA of
– Fast Mode (400 kHz)
Output Current
– Fast Mode Plus (1 MHz)
• VTT LDO for DDR Memory Termination
1.2
Applications
Residential Gateway
Programmable Logic Controllers
POS Terminals
Embedded PCs
Test and Measurement
Human to Machine Interfaces
1.3
Description
The TPS650860 device is a single-chip power-management IC designed for multicore processors, FPGAs,
and other System-on-Chips (SoCs). The TPS650860 offers an input range of 5.6 V to 21 V, enabling a
wide range of applications. The device is well suited for NVDC and non-NVDC power architecture using
2S, 3S, or 4S Li-Ion battery packs. See the Application Section for 5-V input supplies. The D-CAP2™ and
DCS-Control high-frequency voltage regulators use small inductors and capacitors to achieve a small
solution size. The D-CAP2 and DCS-Control topologies have excellent transient response performance,
which is great for processor core and system memory rails that have fast load switching. An I2C interface
allows simple control either by an embedded controller (EC) or by an SoC. The PMIC comes in an
8-mm × 8-mm, single-row VQFN package with thermal pad for good thermal dissipation and ease of board
routing.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS650860
VQFN (64)
8.00 mm × 8.00 mm
(1)
For more information, see the Mechanical Packaging and Orderable Information section.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS650860A0RSKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650860A0RSKR TI1-TPS650860A0RSKR Datasheet
1Mb / 94P
[Old version datasheet]   Configurable Multirail PMU for Multicore Processors
More results

Similar Description - TPS650860A0RSKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650860 TI1-TPS650860 Datasheet
1Mb / 94P
[Old version datasheet]   Configurable Multirail PMU for Multicore Processors
TPS650861 TI1-TPS650861 Datasheet
2Mb / 144P
[Old version datasheet]   Programmable Multirail PMU for Multicore Processors, FPGAs, and Systems
TPS650864 TI1-TPS650864 Datasheet
1Mb / 107P
[Old version datasheet]   Configurable Multirail PMU for Xilinx MPSoCs and FPGAs
TPS650864 TI1-TPS650864_18 Datasheet
2Mb / 126P
[Old version datasheet]   Configurable Multirail PMU for Xilinx MPSoCs and FPGAs
TPS650864 TI1-TPS650864_17 Datasheet
2Mb / 114P
[Old version datasheet]   Configurable Multirail PMU for Xilinx MPSoCs and FPGAs
logo
Freescale Semiconductor...
P2041NXE1MMB FREESCALE-P2041NXE1MMB Datasheet
774Kb / 9P
   P2041NXE1MMB multicore processors
P4080NXE1MMB FREESCALE-P4080NXE1MMB Datasheet
495Kb / 3P
   P4 Series Multicore Processors
P4040NSN1PNB FREESCALE-P4040NSN1PNB Datasheet
495Kb / 3P
   P4 Series Multicore Processors
logo
Active-Semi, Inc
ACT8946AQJ203-T ACTIVE-SEMI-ACT8946AQJ203-T Datasheet
1Mb / 37P
   Advanced PMU for Hisilicon Processors
Rev 1.0, 08-Jul-16
ACT8946A ACTIVE-SEMI-ACT8946A Datasheet
1Mb / 37P
   Advanced PMU for Hisilicon Processors
Rev 1.0, 08-Jul-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com