Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS650244IRHBRQ1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS650244IRHBRQ1
Description  POWER MANAGEMENT ICs FOR Li-ION POWERED SYSTEMS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS650244IRHBRQ1 Datasheet(HTML) 3 Page - Texas Instruments

  TPS650244IRHBRQ1 Datasheet HTML 1Page - Texas Instruments TPS650244IRHBRQ1 Datasheet HTML 2Page - Texas Instruments TPS650244IRHBRQ1 Datasheet HTML 3Page - Texas Instruments TPS650244IRHBRQ1 Datasheet HTML 4Page - Texas Instruments TPS650244IRHBRQ1 Datasheet HTML 5Page - Texas Instruments TPS650244IRHBRQ1 Datasheet HTML 6Page - Texas Instruments TPS650244IRHBRQ1 Datasheet HTML 7Page - Texas Instruments TPS650244IRHBRQ1 Datasheet HTML 8Page - Texas Instruments TPS650244IRHBRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
TPS650241-Q1, TPS650243-Q1, TPS650244-Q1
www.ti.com
SLVS994A
– SEPTEMBER 2009 – REVISED MARCH 2011
RECOMMENDED OPERATING CONDITIONS
MI NOM
MAX UNIT
N
VINDCDC1,
2.5
6.0
V
VINDCDC2,
Input voltage range step-down converters
VINDCDC3, VCC
VDCDC1
Output voltage range for VDCDC1 step-down converter(1)
0.6
VINDCDC1
V
VDCDC2
Output voltage range for mem step-down converter(1)
0.6
VINDCDC2
V
VDCDC3
Output voltage range for core step-down converter
0.9
1.5
V
VINLDO1,
Input voltage range for LDOs
1.5
6.5
V
VINLDO2
VLDO1-2
Output voltage range for LDOs
1.0
3.3
V
IOUTDCDC1
Output current at L1
1600
mA
L1
Inductor at L1(2)
1.5
2.2
μH
CINDCDC1
Input capacitor at VINDCDC1
(2)
10
μF
COUTDCDC1
Output capacitor at VDCDC1
(2)
10
22
μF
IOUTDCDC2
Output current at L2
1600
mA
L2
Inductor at L2(2)
1.5
2.2
μH
CINDCDC2
Input capacitor at VINDCDC2
(2)
10
μF
COUTDCDC2
Output capacitor at VDCDC2
(2)
10
22
μF
IOUTDCDC3
Output current at L3
800
mA
L3
Inductor at L3(2)
1.5
2.2
μH
CINDCDC3
Input capacitor at VINDCDC3
(2)
10
μF
COUTDCDC3
Output capacitor at VDCDC3
(2)
10
22
μF
CVCC
Input capacitor at VCC(2)
1
μF
Cin1-2
Input capacitor at VINLDO(2)
1
μF
COUT1-2
Output capacitor at VLDO1, VLDO2(2)
2.2
μF
ILDO1,2
Output current at VLDO1, VLDO2
200
mA
CVRTC
Output capacitor at Vdd_alive(2)
2.2
μF
IVdd_alive
Output current at Vdd_alive
30
mA
TA
Operating ambient temperature
TPS65024XQRHBRQ1
–40
125
°C
TPS650244IRHBRQ1
–40
85
TJ
Operating junction temperature
–40
125
°C
RCC
Resistor from VINDCDC3,VINDCDC2, VINDCDC1 to Vcc used for filtering(3)
1
10
(1)
When using an external resistor divider at DEFDCDC2, DEFDCDC1.
(2)
See applications section for more information, for Vout
> 2.85 V choose 3.3-μH inductor.
(3)
Up to 2.5 mA can flow into Vcc when all three converters are running in PWM; this resistor causes the UVLO threshold to be shifted
accordingly.
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS650241-Q1 TPS650243-Q1 TPS650244-Q1


Similar Part No. - TPS650244IRHBRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650244 TI-TPS650244 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650244 TI-TPS650244 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650244RHB TI-TPS650244RHB Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650244RHB TI-TPS650244RHB Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650244RHBR TI-TPS650244RHBR Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
More results

Similar Description - TPS650244IRHBRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650240_0712 TI-TPS650240_0712 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650241-Q1 TI-TPS650241-Q1 Datasheet
865Kb / 32P
[Old version datasheet]   POWER MANAGEMENT ICs FOR Li-ION POWERED SYSTEMS
TPS650240 TI-TPS650240 Datasheet
955Kb / 34P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240 TI-TPS650240_08 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240 TI1-TPS650240_16 Datasheet
1Mb / 38P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
[Old version datasheet]   Power Management IC For Li-Ion Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com