Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS650241-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS650241-Q1
Description  POWER MANAGEMENT ICs FOR Li-ION POWERED SYSTEMS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS650241-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  TPS650241-Q1_16 Datasheet HTML 1Page - Texas Instruments TPS650241-Q1_16 Datasheet HTML 2Page - Texas Instruments TPS650241-Q1_16 Datasheet HTML 3Page - Texas Instruments TPS650241-Q1_16 Datasheet HTML 4Page - Texas Instruments TPS650241-Q1_16 Datasheet HTML 5Page - Texas Instruments TPS650241-Q1_16 Datasheet HTML 6Page - Texas Instruments TPS650241-Q1_16 Datasheet HTML 7Page - Texas Instruments TPS650241-Q1_16 Datasheet HTML 8Page - Texas Instruments TPS650241-Q1_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
TPS650241-Q1, TPS650243-Q1, TPS650244-Q1
SLVS994A
– SEPTEMBER 2009 – REVISED MARCH 2011
www.ti.com
ELECTRICAL CHARACTERISTICS
VINDCDC1 = VINDCDC2 = VINDCDC3 = VCC = VINLDO = 3.6 V, TJ = –40°C to 125°C, typical values are at TA = 25°C
(unless otherwise noted)
CONTROL SIGNALS: EN_DCDC1, EN_DCDC2, EN_DCDC3, EN_LDO, MODE, EN_VDD_ALIVE
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High level input
1.45
VCC
V
voltage
VIL
Low level input
0
0.4
V
voltage
IH
Input bias current
0.01
0.1
μA
SUPPLY PINS: VCC, VINDCDC1, VINDCDC2, VINDCDC3
I(qPFM)
Operating quiescent
PFM All three dc-dc converters enabled, zero load
Vcc = 3.6 V
135
170
μA
current
and no switching, LDOs enabled
PFM All three dc-dc converters enabled, zero load
75
100
and no switching, LDO1, LDO2 = OFF,
Vdd_alive = ON
PFM DCDC1 and DCDC2 converters enabled,
55
80
zero load and no switching, LDO1, LDO2 = OFF,
Vdd_alive = ON
PFM DCDC1 converter enabled, zero load and no
40
60
switching, LDO1, LDO2 = OFF, Vdd_alive = ON
IVCC(PWM)
Current into Vcc,
All three dc-dc converters enabled and running in
Vcc = 3.6 V
2
mA
PWM
PWM, LDOs off
PWM DCDC1 and DCDC2 converters enabled and
1.5
2.5
running in PWM, LDOs off
PWM DCDC1 converter enabled and running in
0.85
2.0
PWM, LDOs off
Iq
Quiescent current
All converters disabled, LDO1, LDO2 = OFF,
Vcc = 3.6 V
16
μA
Vdd_alive = OFF
All converters disabled, LDO1, LDO2 = OFF,
26
Vdd_alive = ON
4
Submit Documentation Feedback
Copyright
© 2009–2011, Texas Instruments Incorporated
Product Folder Link(s): TPS650241-Q1 TPS650243-Q1 TPS650244-Q1


Similar Part No. - TPS650241-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650241-Q1 TI-TPS650241-Q1 Datasheet
865Kb / 32P
[Old version datasheet]   POWER MANAGEMENT ICs FOR Li-ION POWERED SYSTEMS
More results

Similar Description - TPS650241-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650240_0712 TI-TPS650240_0712 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650241-Q1 TI-TPS650241-Q1 Datasheet
865Kb / 32P
[Old version datasheet]   POWER MANAGEMENT ICs FOR Li-ION POWERED SYSTEMS
TPS650240 TI-TPS650240 Datasheet
955Kb / 34P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240 TI-TPS650240_08 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240 TI1-TPS650240_16 Datasheet
1Mb / 38P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
[Old version datasheet]   Power Management IC For Li-Ion Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com