Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZB984-C2V7 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BZB984-C2V7
Description  Voltage regulator double diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZB984-C2V7 Datasheet(HTML) 4 Page - NXP Semiconductors

  BZB984-C2V7 Datasheet HTML 1Page - NXP Semiconductors BZB984-C2V7 Datasheet HTML 2Page - NXP Semiconductors BZB984-C2V7 Datasheet HTML 3Page - NXP Semiconductors BZB984-C2V7 Datasheet HTML 4Page - NXP Semiconductors BZB984-C2V7 Datasheet HTML 5Page - NXP Semiconductors BZB984-C2V7 Datasheet HTML 6Page - NXP Semiconductors BZB984-C2V7 Datasheet HTML 7Page - NXP Semiconductors BZB984-C2V7 Datasheet HTML 8Page - NXP Semiconductors BZB984-C2V7 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
Table 1
Per type BZB984-C2V4 to C15
Tj =25 °C unless otherwise specified.
BZB984-
Cxxx
WORKING VOLTAGE
VZ (V)
at IZ =5mA
DIFFERENTIAL RESISTANCE
rdif (Ω)
TEMP. COEFF.
SZ (mV/K)
at IZtest =5mA
(see Figs 3 and 4)
DIODE CAP.
Cd (pF)
at f = 1 MHz;
VR =0V
NON-REPETITIVE PEAK
REVERSE CURRENT
IZSM (A) at tp = 100 µs;
Tamb =25 °C
Tol.
≈5%
at IZ =1mA
atIZ =5mA
MIN.
MAX.
TYP.
MAX.
TYP.
MAX.
TYP.
MAX.
MAX.
2V4
2.2
2.6
275
600
70
100
−1.3
450
6.0
2V7
2.5
2.9
300
600
75
100
−1.4
450
6.0
3V0
2.8
3.2
325
600
80
95
−1.6
450
6.0
3V3
3.1
3.5
350
600
85
95
−1.8
450
6.0
3V6
3.4
3.8
375
600
85
90
−1.9
450
6.0
3V9
3.7
4.1
400
600
85
90
−1.9
450
6.0
4V3
4.0
4.6
410
600
80
90
−1.7
450
6.0
4V7
4.4
5.0
425
500
50
80
−1.2
300
6.0
5V1
4.8
5.4
400
480
40
60
−0.5
300
6.0
5V6
5.2
6.0
80
400
15
40
1.0
300
6.0
6V2
5.8
6.6
40
150
6
10
2.2
200
6.0
6V8
6.4
7.2
30
80
6
15
3.0
200
6.0
7V5
7.0
7.9
30
80
6
15
3.6
150
4.0
8V2
7.7
8.7
40
80
6
15
4.3
150
4.0
9V1
8.5
9.6
40
100
6
15
5.2
150
3.0
10
9.4
10.6
50
150
8
20
6.0
90
3.0
11
10.4
11.6
50
150
10
20
6.9
90
2.5
12
11.4
12.7
50
150
10
25
7.9
85
2.5
13
12.4
14.1
50
170
10
30
8.8
80
2.5
15
13.8
15.6
50
200
10
30
10.7
75
2.0


Similar Part No. - BZB984-C2V7

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BZB984-C2V7 NEXPERIA-BZB984-C2V7 Datasheet
275Kb / 10P
   Voltage regulator double diodes
Rev. 3 - 27 December 2022
More results

Similar Description - BZB984-C2V7

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZB784 PHILIPS-BZB784 Datasheet
63Kb / 8P
   Voltage regulator double diodes
2001 Feb 27
logo
Unisonic Technologies
AZ23C UTC-AZ23C Datasheet
125Kb / 3P
   VOLTAGE REGULATOR DOUBLE DIODES
logo
NXP Semiconductors
PZM-NA PHILIPS-PZM-NA Datasheet
59Kb / 12P
   Voltage regulator double diodes
1999 Jun 11
logo
Nexperia B.V. All right...
BZB984_SER NEXPERIA-BZB984_SER Datasheet
275Kb / 10P
   Voltage regulator double diodes
Rev. 3 - 27 December 2022
BZB784_SERIES NEXPERIA-BZB784_SERIES Datasheet
192Kb / 9P
   Voltage regulator double diodes
2001 Feb 27
PLVA2600A_SERIES NEXPERIA-PLVA2600A_SERIES Datasheet
389Kb / 9P
   Low-voltage avalanche regulator double diodes
2001 Oct 15
PLVA2600A_SER NEXPERIA-PLVA2600A_SER Datasheet
389Kb / 9P
   Low-voltage avalanche regulator double diodes
2001 Oct 15
logo
NXP Semiconductors
PLVA2600A PHILIPS-PLVA2600A Datasheet
56Kb / 8P
   Low-voltage avalanche regulator double diodes
1999 May 10
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com