Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC61CC1202PR Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC61CC1202PR
Description  Low Voltage Detectors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC61CC1202PR Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC61CC1202PR Datasheet HTML 3Page - Torex Semiconductor XC61CC1202PR Datasheet HTML 4Page - Torex Semiconductor XC61CC1202PR Datasheet HTML 5Page - Torex Semiconductor XC61CC1202PR Datasheet HTML 6Page - Torex Semiconductor XC61CC1202PR Datasheet HTML 7Page - Torex Semiconductor XC61CC1202PR Datasheet HTML 8Page - Torex Semiconductor XC61CC1202PR Datasheet HTML 9Page - Torex Semiconductor XC61CC1202PR Datasheet HTML 10Page - Torex Semiconductor XC61CC1202PR Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7/19
XC61C
Series
MARK
VOLTAGE (V)
3
3
3.3
5
0
5.0
MARK
OUTPUT
CONFIGURATION
C
CMOS
N
N-ch
MARK
DELAY TIME
0
No delay
MARK
DETECT VOLTAGE ACCURACY
1
Within ± 1% (Semi-custom)
2
Within ± 2%
MARK
PRODUCTION YEAR
5
2005
6
2006
MARK
PRODUCT SERIES
1
C
XC61Cxxx0xDx
MARK
OUTPUT CONFIGURATION
PRODUCT SERIES
C
CMOS
XC61CCxx0xDx
N
N-ch
XC61CNxx0xDx
MARK
VOLTAGE (V)
PRODUCT SERIES
3
3
3.3
XC61Cx330xDx
5
0
5.0
XC61Cx500xDx
USP-6B, USP-6C
MARKING RULE (Continued)
Represents a least significant digit of production year
TO-92
Represents production lot number
0 to 9, A to Z repeated. (G, I, J, O, Q, W excepted)
* No character inversion used.
Represents output configuration
, ③Represents detect voltage (ex.)
Represents delay time
Represents detect voltage accuracy
, ②Represents product series
Represents output configuration
, ⑤Represents detect voltage
(ex.)
Represents production lot number
0 to 9, A to Z repeated (G, I, J, O, Q, W excepted)
Note: No character inversion used.
USP-6C
(TOP VIEW)
USP-6B
(TOP VIEW)


Similar Part No. - XC61CC1202PR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61CC0801LB TOREX-XC61CC0801LB Datasheet
758Kb / 17P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
XC61CC0801LH TOREX-XC61CC0801LH Datasheet
758Kb / 17P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
XC61CC0801LL TOREX-XC61CC0801LL Datasheet
758Kb / 17P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
XC61CC0801LR TOREX-XC61CC0801LR Datasheet
758Kb / 17P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
XC61CC0801MB TOREX-XC61CC0801MB Datasheet
758Kb / 17P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
More results

Similar Description - XC61CC1202PR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
logo
Pericom Semiconductor C...
PT7M6832 PERICOM-PT7M6832 Datasheet
428Kb / 12P
   Ultra Low Voltage Detectors
PT7M6101 PERICOM-PT7M6101 Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
logo
Unisonic Technologies
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
82CXX UTC-82CXX_11 Datasheet
425Kb / 20P
   VOLTAGE DETECTORS
logo
Texas Instruments
2T03-01QDCKRG4Q1 TI1-2T03-01QDCKRG4Q1 Datasheet
409Kb / 16P
[Old version datasheet]   VOLTAGE DETECTORS
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
914Kb / 9P
   Voltage Detectors
Rev 3; 7/14
logo
Unisonic Technologies
82NXX UTC-82NXX_15 Datasheet
277Kb / 12P
   VOLTAGE DETECTORS
82CXX_1112 UTC-82CXX_1112 Datasheet
396Kb / 20P
   VOLTAGE DETECTORS
82NXX UTC-82NXX_09 Datasheet
280Kb / 13P
   VOLTAGE DETECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com