Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS562210DDFT Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS562210DDFT
Description  4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS562210DDFT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS562210DDFT Datasheet HTML 7Page - Texas Instruments TPS562210DDFT Datasheet HTML 8Page - Texas Instruments TPS562210DDFT Datasheet HTML 9Page - Texas Instruments TPS562210DDFT Datasheet HTML 10Page - Texas Instruments TPS562210DDFT Datasheet HTML 11Page - Texas Instruments TPS562210DDFT Datasheet HTML 12Page - Texas Instruments TPS562210DDFT Datasheet HTML 13Page - Texas Instruments TPS562210DDFT Datasheet HTML 14Page - Texas Instruments TPS562210DDFT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
2
SW
ZC
XCON
PWM
Control Logic
+
+
+
UVP
OVP
3
VIN
Ton
One-Shot
8
VBST
+
6
VFB
OCL
+
+
Soft Start
7
EN
HS
LS
1
GND
SS
Voltage
Reference
Ref
Hiccup
VUVP
VOVP
OCL
threshold
Regulator
UVLO
VREG5
VREG5
TSD
5
SS
4
PG
VTHPG
+
TPS562210, TPS563210
www.ti.com
SLVSCM6A – FEBRUARY 2015 – REVISED AUGUST 2015
8 Detailed Description
8.1 Overview
The TPS562210 and TPS563210 are 2-A, 3-A synchronous step-down converters. The proprietary D-CAP2™
mode control supports low ESR output capacitors such as specialty polymer capacitors and multi-layer ceramic
capacitors without complex external compensation circuits. The fast transient response of D-CAP2™ mode
control can reduce the output capacitance required to meet a specific level of performance.
8.2 Functional Block Diagram
Figure 17. TPS562210
8.3 Feature Description
8.3.1 The Adaptive On-Time Control and PWM Operation
The main control loop of the TPS562210 and TPS563210 are adaptive on-time pulse width modulation (PWM)
controller that supports a proprietary D-CAP2™ mode control. The D-CAP2™ mode control combines adaptive
on-time control with an internal compensation circuit for pseudo-fixed frequency and low external component
count configuration with both low ESR and ceramic output capacitors. It is stable even with virtually no ripple at
the output.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS562210 TPS563210


Similar Part No. - TPS562210DDFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS562210A TI1-TPS562210A Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562210ADDFR TI1-TPS562210ADDFR Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562210ADDFT TI1-TPS562210ADDFT Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562210 TI-TPS562210_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS56x210, 4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
More results

Similar Description - TPS562210DDFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS562219 TI1-TPS562219 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS562219A TI1-TPS562219A Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS562210A TI1-TPS562210A Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562210 TI-TPS562210_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS56x210, 4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS563210 TI-TPS563210_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS56x210, 4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562200 TI1-TPS562200_16 Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V To 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
TPS562200 TI-TPS562200_15 Datasheet
1Mb / 30P
[Old version datasheet]   Tps56x200 4.5 V To 17 V Input, 2 A, 3 A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
TPS563201 TI-TPS563201 Datasheet
987Kb / 27P
[Old version datasheet]   TPS56320x 4.5-V to 17-V Input, 3-A Synchronous Step-Down Voltage Regulator in SOT-23
DECEMBER 2015
TPS564201 TI1-TPS564201 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator in SOT-23
TPS565208 TI1-TPS565208 Datasheet
2Mb / 26P
[Old version datasheet]   4.5-V to 17-V Input, 5-A Synchronous Step-Down Voltage Regulator in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com