Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS563209DDCR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS563209DDCR
Description  4.5V to 17 V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 6pin SOT-23
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS563209DDCR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS563209DDCR Datasheet HTML 4Page - Texas Instruments TPS563209DDCR Datasheet HTML 5Page - Texas Instruments TPS563209DDCR Datasheet HTML 6Page - Texas Instruments TPS563209DDCR Datasheet HTML 7Page - Texas Instruments TPS563209DDCR Datasheet HTML 8Page - Texas Instruments TPS563209DDCR Datasheet HTML 9Page - Texas Instruments TPS563209DDCR Datasheet HTML 10Page - Texas Instruments TPS563209DDCR Datasheet HTML 11Page - Texas Instruments TPS563209DDCR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Output Current (A)
0
0.5
1
1.5
2
2.5
3
0
10
20
30
40
50
60
70
80
90
100
D014
VOUT = 5V
VOUT = 3.3V
VOUT = 1.8V
Output Current (A)
0
0.5
1
1.5
2
2.5
3
0
10
20
30
40
50
60
70
80
90
100
D015
VOUT = 3.3V
VOUT = 1.8V
Junction Temperature (GC)
-50
0
50
100
150
0.750
0.755
0.760
0.765
0.770
0.775
0.780
D012
EN Input Voltage (V)
0
3
6
9
12
15
18
-10
0
10
20
30
40
50
60
D013
Junction Temperature (GC)
-50
0
50
100
150
0
100
200
300
400
500
600
700
800
D010
Junction Temperature (GC)
-50
0
50
100
150
0
1
2
3
4
5
6
D011
TPS562209, TPS563209
SLVSCM5 – SEPTEMBER 2014
www.ti.com
7.7 Typical Characteristics TPS563209
VIN = 12V (unless otherwise noted)
Figure 10. Supply Current vs Junction Temperature
Figure 11. VIN Shutdown Current vs Junction Temperature
Figure 13. EN Current vs EN Voltage
Figure 12. VFB Voltage vs Junction Temperature
Figure 14. Efficiency vs Output Current
Figure 15. Efficiency vs Output current (VI = 5 V)
8
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TPS562209 TPS563209


Similar Part No. - TPS563209DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS563200 TI1-TPS563200 Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V To 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
TPS563200DDCR TI1-TPS563200DDCR Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V To 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
TPS563200DDCT TI1-TPS563200DDCT Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V To 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
TPS563201 TI1-TPS563201 Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Step-Down Voltage Regulator
TPS563201 TI-TPS563201 Datasheet
987Kb / 27P
[Old version datasheet]   TPS56320x 4.5-V to 17-V Input, 3-A Synchronous Step-Down Voltage Regulator in SOT-23
DECEMBER 2015
More results

Similar Description - TPS563209DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS562209 TI-TPS562209_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS56x209, 4.5V to 17 V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 6 pin SOT-23
TPS562219 TI1-TPS562219 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS562219A TI1-TPS562219A Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS562210 TI1-TPS562210_16 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562210A TI1-TPS562210A Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562200 TI1-TPS562200_16 Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V To 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
TPS563201 TI-TPS563201 Datasheet
987Kb / 27P
[Old version datasheet]   TPS56320x 4.5-V to 17-V Input, 3-A Synchronous Step-Down Voltage Regulator in SOT-23
DECEMBER 2015
TPS565208 TI1-TPS565208 Datasheet
2Mb / 26P
[Old version datasheet]   4.5-V to 17-V Input, 5-A Synchronous Step-Down Voltage Regulator in SOT-23
TPS564201 TI1-TPS564201 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator in SOT-23
TPS562210 TI-TPS562210_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS56x210, 4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com