Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS562209 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS562209
Description  4.5V to 17 V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 6pin SOT-23
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS562209 Datasheet(HTML) 4 Page - Texas Instruments

  TPS562209 Datasheet HTML 1Page - Texas Instruments TPS562209 Datasheet HTML 2Page - Texas Instruments TPS562209 Datasheet HTML 3Page - Texas Instruments TPS562209 Datasheet HTML 4Page - Texas Instruments TPS562209 Datasheet HTML 5Page - Texas Instruments TPS562209 Datasheet HTML 6Page - Texas Instruments TPS562209 Datasheet HTML 7Page - Texas Instruments TPS562209 Datasheet HTML 8Page - Texas Instruments TPS562209 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
TPS562209, TPS563209
SLVSCM5 – SEPTEMBER 2014
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
TJ = –40°C to 150°C (unless otherwise noted)
(1)
MIN
MAX
UNIT
VIN, EN
–0.3
19
V
VBST
–0.3
25
V
VBST (10 ns transient)
–0.3
27.5
V
Input voltage range
VBST (vs SW)
–0.3
6.5
V
VFB,
–0.3
6.5
V
SW
–2
19
V
SW (10 ns transient)
–3.5
21
V
Operating junction temperature, TJ
–40
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–55
150
°C
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
2
kV
pins(1)
V(ESD)
Electrostatic discharge
Charged device model (CDM), per JEDEC specification JESD22-
500
V
C101, all pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
TJ = -40°C to 150°C (unless otherwise noted)
MIN
MAX
UNIT
VIN
Supply input voltage range
4.5
17
V
VBST
–0.1
23
VBST (10 ns transient)
–0.1
26
VBST(vs SW)
–0.1
6.0
VI
Input voltage range EN
–0.1
17
V
VFB
–0.1
5.5
SW
–1.8
17
SW (10 ns transient)
–3.5
20
TA
Operating free-air temperature
–40
85
°C
7.4 Thermal Information
TPS562209
TPS563209
THERMAL METRIC(1)
UNIT
DDC (6 PINS)
RθJA
Junction-to-ambient thermal resistance
109.2
87.9
RθJC(top)
Junction-to-case (top) thermal resistance
44.5
42.2
RθJB
Junction-to-board thermal resistance
57.3
13.6
°C/W
ψJT
Junction-to-top characterization parameter
2.3
1.9
ψJB
Junction-to-board characterization parameter
60.4
13.3
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TPS562209 TPS563209


Similar Part No. - TPS562209

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS562209 TI-TPS562209_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS56x209, 4.5V to 17 V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 6 pin SOT-23
More results

Similar Description - TPS562209

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS562209 TI-TPS562209_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS56x209, 4.5V to 17 V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 6 pin SOT-23
TPS562219 TI1-TPS562219 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS562219A TI1-TPS562219A Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS562210 TI1-TPS562210_16 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562210A TI1-TPS562210A Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562200 TI1-TPS562200_16 Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V To 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
TPS563201 TI-TPS563201 Datasheet
987Kb / 27P
[Old version datasheet]   TPS56320x 4.5-V to 17-V Input, 3-A Synchronous Step-Down Voltage Regulator in SOT-23
DECEMBER 2015
TPS565208 TI1-TPS565208 Datasheet
2Mb / 26P
[Old version datasheet]   4.5-V to 17-V Input, 5-A Synchronous Step-Down Voltage Regulator in SOT-23
TPS564201 TI1-TPS564201 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator in SOT-23
TPS562210 TI-TPS562210_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS56x210, 4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com