Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS562209 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS562209
Description  4.5V to 17 V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 6pin SOT-23
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS562209 Datasheet(HTML) 5 Page - Texas Instruments

  TPS562209_16 Datasheet HTML 1Page - Texas Instruments TPS562209_16 Datasheet HTML 2Page - Texas Instruments TPS562209_16 Datasheet HTML 3Page - Texas Instruments TPS562209_16 Datasheet HTML 4Page - Texas Instruments TPS562209_16 Datasheet HTML 5Page - Texas Instruments TPS562209_16 Datasheet HTML 6Page - Texas Instruments TPS562209_16 Datasheet HTML 7Page - Texas Instruments TPS562209_16 Datasheet HTML 8Page - Texas Instruments TPS562209_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
TPS562209, TPS563209
www.ti.com
SLVSCM5 – SEPTEMBER 2014
7.5 Electrical Characteristics
TJ = -40°C to 150°C, VIN = 12V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
µA
IVIN
Operating – non-switching supply current
VIN current, TA = 25°C, EN = 5V, VFB = 0.8 V
650
900
µA
IVINSDN
Shutdown supply current
VIN current, TA = 25°C, EN = 0 V
3.0
10
µA
LOGIC THRESHOLD
VENH
EN high-level input voltage
EN
1.6
V
VENL
EN low-level input voltage
EN
0.6
V
REN
EN pin resistance to GND
VEN = 12 V
225
450
900
k
Ω
VFB VOLTAGE AND DISCHARGE RESISTANCE
TA = 25°C, VO = 1.05 V, continuous mode
VFBTH
VFB threshold voltage
758
765
772
mV
operation
IVFB
VFB input current
VFB = 0.8V, TA = 25°C
0
±0.1
mA
MOSFET
TA = 25°C, VBST – SW = 5.5 V (TPS562209)
122
RDS(on)h High side switch resistance
m
Ω
TA = 25°C, VBST – SW = 5.5 V (TPS563209)
68
TA = 25°C (TPS562209)
72
RDS(on)l
Low side switch resistance
m
Ω
TA = 25°C (TPS563209)
39
CURRENT LIMIT
DC current, VOUT = 1.05V , L1 = 2.2 µH
2.5
3.2
4.3
Iocl
Current limit(1)
A
DC current, VOUT = 1.05V , L1 = 1.5 µH
3.5
4.2
5.3
THERMAL SHUTDOWN
Shutdown temperature
155
TSDN
Thermal shutdown threshold(1)
°C
Hysteresis
35
ON-TIME TIMER CONTROL
tON
On time
VIN = 12 V, VO = 1.05 V
150
ns
tOFF(MIN) Minimum off time
TA = 25°C, VFB = 0.5 V
260
310
ns
SOFT START
Tss
Soft –start time
Internal soft-start time, TA = 25°C
0.7
1.0
1.3
ms
OUTPUT UNDERVOLTAGE AND OVERVOLTAGE PROTECTION
125%x
VOVP
Output OVP threshold
OVP Detect
Vfbth
65%xVf
VUVP
Output UVP threshold
Hiccup detect
bth
THiccupO
Hiccup Power On Time
Relative to soft start time
1
ms
n
THiccupOf
Hiccup Power Off Time
Relative to soft start time
7
ms
f
UVLO
Wake up VIN voltage
3.45
3.75
4.05
UVLO
UVLO threshold
V
Hysteresis VIN voltage
0.13
0.32
0.55
(1)
Not production tested.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS562209 TPS563209


Similar Part No. - TPS562209_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS562209 TI-TPS562209_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS56x209, 4.5V to 17 V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 6 pin SOT-23
More results

Similar Description - TPS562209_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS562209 TI-TPS562209_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS56x209, 4.5V to 17 V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 6 pin SOT-23
TPS562219 TI1-TPS562219 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS562219A TI1-TPS562219A Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS562210 TI1-TPS562210_16 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562210A TI1-TPS562210A Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562200 TI1-TPS562200_16 Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V To 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
TPS563201 TI-TPS563201 Datasheet
987Kb / 27P
[Old version datasheet]   TPS56320x 4.5-V to 17-V Input, 3-A Synchronous Step-Down Voltage Regulator in SOT-23
DECEMBER 2015
TPS565208 TI1-TPS565208 Datasheet
2Mb / 26P
[Old version datasheet]   4.5-V to 17-V Input, 5-A Synchronous Step-Down Voltage Regulator in SOT-23
TPS564201 TI1-TPS564201 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator in SOT-23
TPS562210 TI-TPS562210_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS56x210, 4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com