Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS563200 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS563200
Description  4.5-V To 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS563200 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS563200 Datasheet HTML 2Page - Texas Instruments TPS563200 Datasheet HTML 3Page - Texas Instruments TPS563200 Datasheet HTML 4Page - Texas Instruments TPS563200 Datasheet HTML 5Page - Texas Instruments TPS563200 Datasheet HTML 6Page - Texas Instruments TPS563200 Datasheet HTML 7Page - Texas Instruments TPS563200 Datasheet HTML 8Page - Texas Instruments TPS563200 Datasheet HTML 9Page - Texas Instruments TPS563200 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6
TPS562200, TPS563200
SLVSCB0D – JANUARY 2014 – REVISED JUNE 2016
www.ti.com
Product Folder Links: TPS562200 TPS563200
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
Not production tested
6.5 Electrical Characteristics
TJ = -40°C to 150°C, VIN = 12V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
I(VIN)
Operating – non-switching
supply current
VIN current, TA = 25°C, EN = 5V,
VFB = 0.8 V
TPS562200
230
330
µA
TPS563200
190
290
I(VINSDN)
Shutdown supply current
VIN current, TA = 25°C, EN = 0 V
3
10
µA
LOGIC THRESHOLD
VEN(H)
EN high-level input voltage
EN
1.6
V
VEN(L)
EN low-level input voltage
EN
0.6
V
REN
EN pin resistance to GND
VEN = 12 V
225
450
900
k
VFB VOLTAGE AND DISCHARGE RESISTANCE
VFB(TH)
VFB threshold voltage
TA = 25°C, VO = 1.05 V, IO = 10mA,
Eco-mode™ operation
772
mV
TA = 25°C, VO = 1.05 V, continuous mode operation
758
765
772
mV
I(VFB)
VFB input current
VFB = 0.8V, TA = 25°C
0
±0.1
µA
MOSFET
RDS(on)h
High side switch resistance
TA = 25°C, VBST – SW = 5.5 V
TPS562200
122
m
TPS563200
68
m
RDS(on)l
Low side switch resistance
TA = 25°C
TPS562200
72
m
TPS563200
39
m
CURRENT LIMIT
Iocl
Current limit (1)
DC current, VOUT = 1.05 V, LOUT = 2.2 µF
TPS562200
2.5
3.2
4.3
A
DC current, VOUT = 1.05 V, LOUT = 1.5 µF
TPS563200
3.5
4.2
5.3
A
THERMAL SHUTDOWN
TSDN
Thermal shutdown
threshold(1)
Shutdown temperature
155
°C
Hysteresis
35
OUTPUT UNDERVOLTAGE AND OVERVOLTAGE PROTECTION
VOVP
Output OVP threshold
OVP Detect
125%
x
Vfbth
VUVP
Output Hiccup threshold
Hiccup detect
65% x
Vfbth
tHiccupOn
Hiccup On Time
Relative to soft-start time
1
ms
tHiccupOff
Hiccup Off Time
Relative to soft-start time
7
ms
UVLO
UVLO
UVLO threshold
Wake up VIN voltage
3.45
3.75
4.05
V
Hysteresis VIN voltage
0.13
0.32
0.55
6.6 Timing Requirements
MIN
TYP
MAX
UNIT
ON-TIME TIMER CONTROL
tON
On time
VIN = 12 V, VO = 1.05 V
150
ns
tOFF(MIN)
Minimum off time
TA = 25°C, VFB = 0.5 V
260
310
ns
SOFT START
tss
Soft-start time
Internal soft-start time, TA = 25°C
0.7
1
1.3
ms


Similar Part No. - TPS563200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS563201 TI1-TPS563201 Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Step-Down Voltage Regulator
TPS563201 TI-TPS563201 Datasheet
987Kb / 27P
[Old version datasheet]   TPS56320x 4.5-V to 17-V Input, 3-A Synchronous Step-Down Voltage Regulator in SOT-23
DECEMBER 2015
TPS563201DDCR TI1-TPS563201DDCR Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Step-Down Voltage Regulator
TPS563201DDCR TI-TPS563201DDCR Datasheet
987Kb / 27P
[Old version datasheet]   TPS56320x 4.5-V to 17-V Input, 3-A Synchronous Step-Down Voltage Regulator in SOT-23
DECEMBER 2015
TPS563201DDCT TI1-TPS563201DDCT Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Step-Down Voltage Regulator
More results

Similar Description - TPS563200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS562200 TI-TPS562200_15 Datasheet
1Mb / 30P
[Old version datasheet]   Tps56x200 4.5 V To 17 V Input, 2 A, 3 A Synchronous Step-Down Voltage Regulator In 6 Pin SOT-23
TPS562219 TI1-TPS562219 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS562219A TI1-TPS562219A Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator in 8 Pin SOT-23
TPS562210A TI1-TPS562210A Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS562210 TI1-TPS562210_16 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS561201 TI1-TPS561201 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 17-V Input, 1-A Synchronous Step-Down Voltage Regulator in 6-Pin SOT-23
TPS562210 TI-TPS562210_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS56x210, 4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS563210 TI-TPS563210_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS56x210, 4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
TPS563201 TI-TPS563201 Datasheet
987Kb / 27P
[Old version datasheet]   TPS56320x 4.5-V to 17-V Input, 3-A Synchronous Step-Down Voltage Regulator in SOT-23
DECEMBER 2015
TPS564201 TI1-TPS564201 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com