Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS659161RGZT Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS659161RGZT
Description  3.1-V to 5.2-V, 5 Buck Converter and 5 LDO Power Management IC (PMIC)
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS659161RGZT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS659161RGZT Datasheet HTML 7Page - Texas Instruments TPS659161RGZT Datasheet HTML 8Page - Texas Instruments TPS659161RGZT Datasheet HTML 9Page - Texas Instruments TPS659161RGZT Datasheet HTML 10Page - Texas Instruments TPS659161RGZT Datasheet HTML 11Page - Texas Instruments TPS659161RGZT Datasheet HTML 12Page - Texas Instruments TPS659161RGZT Datasheet HTML 13Page - Texas Instruments TPS659161RGZT Datasheet HTML 14Page - Texas Instruments TPS659161RGZT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 84 page
background image
11
TPS65916
www.ti.com
SLVSD09A – MARCH 2016 – REVISED SEPTEMBER 2016
Submit Documentation Feedback
Product Folder Links: TPS65916
Specifications
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
4
Specifications
4.1
Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Voltage
VCCA
–0.3
6
V
VCC_SENSE
–0.3
7
All LDOs and SMPS supply voltage input pins
–0.3
6
SMPSx_SW pins, 10-ns transient
–2
7
All SMPS-related input pins _FDBK
–0.3
3.6
I/O digital supply voltage (VIO_IN with respect to VIO_GND)
–0.3 VIOmax + 0.3
VIOmax + 0.3
VBUS
–0.3
6
GPADC pins: ADCIN1 and ADCIN2
–0.3
2.4
OTP supply voltage VPROG
–0.3
7
VRTC digital input pins, without fail-safe
–0.3
2.15
VRTC digital input pins, with fail-Safe
–0.3
5.25
VIO digital input pins (VIO_IN pin reference)
–0.3
VIOmax + 0.3
VSYS digital input pins (VCCA pin reference)
–0.3
6
Current
Peak output current on all pins other than power resources
–5
5
mA
Buck SMPS, SMPSx_IN, SMPSx_SW, and SMPSx_OUT
total per phase
4
A
LDOs
1
Junction temperature, TJ
–45
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
4.2
ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per AEC Q100-002(1)
±2000
V
Charged-device model (CDM), per AEC
Q100-011
All pins
±500
Corner pins (1, 12, 13,
24, 25, 36, 37, and 48)
±750
4.3
Recommended Operating Conditions
Over operating free-air temperature range (unless otherwise noted).
MIN
NOM
MAX
UNIT
ELECTRICAL
System voltage input pin VCCA (named VSYS in the specification)
3.135
3.8
5.25
V
VCC_SENSE, HIGH_VCC_SENSE = 0 (if measured with GPADC, see also Table 5-9)
3.135
VCCA
V
VCC_SENSE, HIGH_VCC_SENSE = 1 (if measured with GPADC, see also Table 5-9)
3.135
VCCA – 1
V
All LDO-related input pins _IN
1.75
3.8
5.25
V
All SMPS-related input pins _IN
3.135
3.8
5.25
V
All SMPS-related input pins _FDBK
0
VOUTmax +
0.3
V
All SMPS-related input pins _FDBK_GND
–0.3
0.3
V
I/O digital supply voltage VIO_IN
VIO = 1.8 V
1.71
1.8
1.89
V
VIO = 3.3 V
3.135
3.3
3.465
Voltage on the GPADC pins ADCIN1 (channel 0) and ADCIN2 (channel 1)
0
1.25
V


Similar Part No. - TPS659161RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS659161RGZR TI1-TPS659161RGZR Datasheet
2Mb / 89P
[Old version datasheet]   3.1-V to 5.2-V, 5 Buck Converter and 5 LDO Power Management IC (PMIC)
TPS659161RGZR TI1-TPS659161RGZR Datasheet
2Mb / 89P
[Old version datasheet]   3.1-V to 5.2-V, 5 Buck Converter and 5 LDO Power Management IC (PMIC)
More results

Similar Description - TPS659161RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65916 TI1-TPS65916_17 Datasheet
2Mb / 89P
[Old version datasheet]   3.1-V to 5.2-V, 5 Buck Converter and 5 LDO Power Management IC (PMIC)
TPS65916 TI1-TPS65916_18 Datasheet
2Mb / 89P
[Old version datasheet]   3.1-V to 5.2-V, 5 Buck Converter and 5 LDO Power Management IC (PMIC)
TPS6594-Q1 TI-TPS6594-Q1_V01 Datasheet
3Mb / 358P
[Old version datasheet]   TPS6594-Q1 Power Management IC (PMIC) for Processors with 5 Bucks and 4 LDOs
TPS6594-Q1 TI1-TPS6594-Q1 Datasheet
3Mb / 357P
[Old version datasheet]   TPS6594-Q1 Power Management IC (PMIC) for Processors with 5 Bucks and 4 LDOs
LP87702-Q1 TI1-LP87702-Q1 Datasheet
656Kb / 84P
[Old version datasheet]   Dual Buck Converter and 5-V Boost With Diagnostic Functions
LP87702-Q1 TI1-LP87702-Q1_18 Datasheet
2Mb / 99P
[Old version datasheet]   Dual Buck Converter and 5-V Boost With Diagnostic Functions
TPS6593-Q1 TI-TPS6593-Q1 Datasheet
3Mb / 132P
[Old version datasheet]   TPS6593-Q1 Power Management IC (PMIC) with 5 Bucks and 4 LDOs for Automotive Applications
LP87702 TI-LP87702 Datasheet
4Mb / 98P
[Old version datasheet]   LP87702 Dual Buck Converter and 5-V Boost With Diagnostic Functions
logo
NEC
UPC1687G NEC-UPC1687G Datasheet
81Kb / 16P
   GENERAL PURPOSE 5 V FREQUENCY DOWN-CONVERTER IC
UPC1685G NEC-UPC1685G Datasheet
80Kb / 16P
   GENERAL PURPOSE 5 V FREQUENCY DOWN-CONVERTER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com