Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65916 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65916
Description  3.1-V to 5.2-V, 5 Buck Converter and 5 LDO Power Management IC (PMIC)
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65916 Datasheet(HTML) 2 Page - Texas Instruments

  TPS65916 Datasheet HTML 1Page - Texas Instruments TPS65916 Datasheet HTML 2Page - Texas Instruments TPS65916 Datasheet HTML 3Page - Texas Instruments TPS65916 Datasheet HTML 4Page - Texas Instruments TPS65916 Datasheet HTML 5Page - Texas Instruments TPS65916 Datasheet HTML 6Page - Texas Instruments TPS65916 Datasheet HTML 7Page - Texas Instruments TPS65916 Datasheet HTML 8Page - Texas Instruments TPS65916 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 84 page
background image
2
TPS65916
SLVSD09A – MARCH 2016 – REVISED SEPTEMBER 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS65916
Device Overview
Copyright © 2016, Texas Instruments Incorporated
(1)
For all available packages, see the orderable addendum at the end of the data sheet.
The power-sequence controller uses one-time programmable (OTP) memory to control the power
sequences, as well as default configurations such as output voltage and GPIO configurations. The OTP is
factory-programmed to allow start-up without any software required. Most static settings can be changed
from the default through SPI or I2C to configure the device to meet many different system needs. For
example, voltage-scaling registers are used to support dynamic voltage-scaling requirements of
processors. The OTP also contains a bit-integrity-error detection feature to stop the power-up sequence if
an error is detected, preventing the system from starting in an unknown state.
The TPS65916 device also includes an analog-to-digital converter (ADC) to monitor the system state. The
GPADC includes two external channels to monitor any external voltage, as well as internal channels to
measure supply voltage, output current, and die temperature, allowing the processor to monitor the health
of the system. The device offers a watchdog to monitor for software lockup, and includes protection and
diagnostic mechanisms such as short-circuit protection, thermal monitoring, shutdown, and automatic ADC
conversions to detect if a voltage is below a predefined threshold. The PMIC can notify the processor of
these events through the interrupt handler, allowing the processor to take action in response.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS65916
VQFN (48)
7.00 mm × 7.00 mm


Similar Part No. - TPS65916

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65916 TI1-TPS65916 Datasheet
2Mb / 89P
[Old version datasheet]   3.1-V to 5.2-V, 5 Buck Converter and 5 LDO Power Management IC (PMIC)
TPS65916 TI1-TPS65916 Datasheet
2Mb / 89P
[Old version datasheet]   3.1-V to 5.2-V, 5 Buck Converter and 5 LDO Power Management IC (PMIC)
TPS659161RGZR TI1-TPS659161RGZR Datasheet
2Mb / 89P
[Old version datasheet]   3.1-V to 5.2-V, 5 Buck Converter and 5 LDO Power Management IC (PMIC)
TPS659161RGZR TI1-TPS659161RGZR Datasheet
2Mb / 89P
[Old version datasheet]   3.1-V to 5.2-V, 5 Buck Converter and 5 LDO Power Management IC (PMIC)
TPS659162RGZR TI1-TPS659162RGZR Datasheet
2Mb / 89P
[Old version datasheet]   3.1-V to 5.2-V, 5 Buck Converter and 5 LDO Power Management IC (PMIC)
More results

Similar Description - TPS65916

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65916 TI1-TPS65916_17 Datasheet
2Mb / 89P
[Old version datasheet]   3.1-V to 5.2-V, 5 Buck Converter and 5 LDO Power Management IC (PMIC)
TPS65916 TI1-TPS65916_18 Datasheet
2Mb / 89P
[Old version datasheet]   3.1-V to 5.2-V, 5 Buck Converter and 5 LDO Power Management IC (PMIC)
TPS6594-Q1 TI-TPS6594-Q1_V01 Datasheet
3Mb / 358P
[Old version datasheet]   TPS6594-Q1 Power Management IC (PMIC) for Processors with 5 Bucks and 4 LDOs
TPS6594-Q1 TI1-TPS6594-Q1 Datasheet
3Mb / 357P
[Old version datasheet]   TPS6594-Q1 Power Management IC (PMIC) for Processors with 5 Bucks and 4 LDOs
LP87702-Q1 TI1-LP87702-Q1 Datasheet
656Kb / 84P
[Old version datasheet]   Dual Buck Converter and 5-V Boost With Diagnostic Functions
LP87702-Q1 TI1-LP87702-Q1_18 Datasheet
2Mb / 99P
[Old version datasheet]   Dual Buck Converter and 5-V Boost With Diagnostic Functions
TPS6593-Q1 TI-TPS6593-Q1 Datasheet
3Mb / 132P
[Old version datasheet]   TPS6593-Q1 Power Management IC (PMIC) with 5 Bucks and 4 LDOs for Automotive Applications
LP87702 TI-LP87702 Datasheet
4Mb / 98P
[Old version datasheet]   LP87702 Dual Buck Converter and 5-V Boost With Diagnostic Functions
logo
NEC
UPC1687G NEC-UPC1687G Datasheet
81Kb / 16P
   GENERAL PURPOSE 5 V FREQUENCY DOWN-CONVERTER IC
UPC1685G NEC-UPC1685G Datasheet
80Kb / 16P
   GENERAL PURPOSE 5 V FREQUENCY DOWN-CONVERTER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com