Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65320C-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65320C-Q1
Description  36-V Step-Down Converter With Eco-mode??and LDO Regulator
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65320C-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  TPS65320C-Q1 Datasheet HTML 1Page - Texas Instruments TPS65320C-Q1 Datasheet HTML 2Page - Texas Instruments TPS65320C-Q1 Datasheet HTML 3Page - Texas Instruments TPS65320C-Q1 Datasheet HTML 4Page - Texas Instruments TPS65320C-Q1 Datasheet HTML 5Page - Texas Instruments TPS65320C-Q1 Datasheet HTML 6Page - Texas Instruments TPS65320C-Q1 Datasheet HTML 7Page - Texas Instruments TPS65320C-Q1 Datasheet HTML 8Page - Texas Instruments TPS65320C-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
5
TPS65320C-Q1
www.ti.com
SLVSD50B – MARCH 2016 – REVISED JUNE 2016
Product Folder Links: TPS65320C-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Supply inputs
VIN
3.6
36
V
VIN_LDO
3
20
Buck regulator
BOOT1
3.6
42
V
SW1
–1
36
VFB1
0
0.8
SS
0
3
COMP
0
3
RT/CLK
0
3
LDO regulator
LDO_OUT
1.1
5.5
V
VFB2
0
0.8
nRST
0
5.25
Control
EN1
0
36
V
EN2
0
36
Temperature
Operating junction temperature range, TJ
–40
150
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
TPS65320C-Q1
UNIT
PWP (HTSSOP)
14 PINS
RθJA
Junction-to-ambient thermal resistance
41
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
33.1
°C/W
RθJB
Junction-to-board thermal resistance
25.4
°C/W
ψJT
Junction-to-top characterization parameter
1.6
°C/W
ψJB
Junction-to-board characterization parameter
25.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
2.7
°C/W


Similar Part No. - TPS65320C-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65320C-Q1 TI1-TPS65320C-Q1 Datasheet
80Kb / 4P
[Old version datasheet]   36-V Step-Down Converter
More results

Similar Description - TPS65320C-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65320D-Q1 TI1-TPS65320D-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   36-V Step-Down Converter With Eco-mode and LDO Regulator
TPS65321A-Q1 TI1-TPS65321A-Q1 Datasheet
4Mb / 43P
[Old version datasheet]   36-V Step-Down Converter With Eco-mode and LDO Regulator
TPS65321-Q1 TI1-TPS65321-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   Step-Down Converter With Eco-mode and LDO Regulator
TPS65320QPWPRQ1 TI-TPS65320QPWPRQ1 Datasheet
1Mb / 34P
[Old version datasheet]   40-V Step-Down Converter With Eco-mode??Codec and LDO Regulator
TPS65320-Q1 TI1-TPS65320-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   40-V Step-Down Converter With Eco-mode
TPS54260-Q1 TI1-TPS54260-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260QDGQRQ1 TI1-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE
TPS54260QDGQRQ1 TI-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54540-Q1 TI1-TPS54540-Q1_15 Datasheet
2Mb / 44P
[Old version datasheet]   Step-Down DC-DC Converter With Eco-mode
TPS65320C-Q1 TI1-TPS65320C-Q1 Datasheet
80Kb / 4P
[Old version datasheet]   36-V Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com