Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65283 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS65283
Description  4.5- to 18-V Input Voltage, Maximum 3.5-A/2.5-A Current, Synchronous Dual Buck Converter With Power Distribution Switch
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65283 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS65283_16 Datasheet HTML 3Page - Texas Instruments TPS65283_16 Datasheet HTML 4Page - Texas Instruments TPS65283_16 Datasheet HTML 5Page - Texas Instruments TPS65283_16 Datasheet HTML 6Page - Texas Instruments TPS65283_16 Datasheet HTML 7Page - Texas Instruments TPS65283_16 Datasheet HTML 8Page - Texas Instruments TPS65283_16 Datasheet HTML 9Page - Texas Instruments TPS65283_16 Datasheet HTML 10Page - Texas Instruments TPS65283_16 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
V
ENx
V
OUTx
t
D_on
90%
10%
50%
50%
90%
t
D_off
10%
t
r
t
f
TPS65283, TPS65283-1
www.ti.com
SLVSCL3C – JUNE 2014 – REVISED AUGUST 2014
Electrical Characteristics (continued)
TJ = 25°C, VIN1 = VIN2 = 12 V, ƒSW = 500 kHz, RPG1 = RPG2 = RnFAULTx = 100 kΩ, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER DISTRIBUTION SWITCH
VSWIN
Power switch input voltage range
2.4
6
V
IDDQH
Supply current, device enabled
No load on SW_OUT, RSET = 20 k
Ω
140
µA
VSWIN rising
2.15
2.25
2.35
V
VUVLO_SW
Power switch input undervoltage lockout
VSWIN falling
2.05
2.15
2.25
V
Hysteresis
100
mV
RGE package, VSWIN = 5 V, IOUT = 0.5 A,
60
m
Ω
TJ = 25°C, including bond wire resistance
RDSON_SW
Power switch NMOS on-resistance
RGE package, VSWIN = 2.5 V, IOUT = 0.5 A,
60
m
Ω
TJ = 25°C, including bond wire resistance
tD_on
Turn-on delay time
VSWIN = 5 V, CL= 10 µF, RL= 100 Ω
1.1
ms
tD_off
Turn-off delay time
(See Figure 1)
1.2
ms
tr
Output rise time
0.65
ms
tf
Output fall time
1.54
ms
RSET = 14.3 kΩ
1.575
1.75
1.925
Current limit threshold (maximum DC current
IOS
delivered to load) and short circuit current,
RSET = 20 kΩ
1.125
1.25
1.375
A
OUT connect to ground
RSET = 50 kΩ
0.4
0.5
0.6
Fault assertion or deassertion due to overcurrent
TDEGLITCH(OCP)
Switch overcurrent fault deglitch
6
8
10
ms
condition
VL_nFAULT
nFAULT pin output low voltage
InFAULT = 1 mA
150
300
mV
VENSWH
SW_EN high-level input voltage
2
V
VENSWL
SW_EN low-level input voltage
0.4
V
RDIS
Discharge resistance(2)
VSW_IN = 5 V, VSW_EN = 0 V
100
THERMAL SHUTDOWN
TTRIP_BUCK
Temperature rising
160
Thermal protection trip point
°C
THYST_BUCK
Hysteresis
20
TTRIP_SW
Temperature rise
145
Power switch thermal protection trip point
°C
Power switch in overcurrent condition
THYST_SW
Hysteresis
20
(2)
The discharge function is active when the device is disabled (when enable is deasserted). The discharge function offers a resistive
discharge path for the external storage capacitor.
Figure 1. Power Switches Test Circuit and Voltage Waveforms
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
7


Similar Part No. - TPS65283_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65283 TI-TPS65283_15 Datasheet
2Mb / 42P
[Old version datasheet]   TPS65283/-1 4.5- to 18-V Input Voltage, Maximum 3.5-A/2.5-A Current, Synchronous Dual Buck Converter With Power Distribution Switch
More results

Similar Description - TPS65283_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65283 TI-TPS65283_15 Datasheet
2Mb / 42P
[Old version datasheet]   TPS65283/-1 4.5- to 18-V Input Voltage, Maximum 3.5-A/2.5-A Current, Synchronous Dual Buck Converter With Power Distribution Switch
TPS65282 TI-TPS65282 Datasheet
1Mb / 36P
[Old version datasheet]   DUAL POWER DISTRIBUTION SWITCHES WITH 4.5-V to 18-V INPUT VOLTAGE, 4-A OUTPUT CURRENT SYNCHRONOUS BUCK REGULATOR
TPS65276 TI-TPS65276_15 Datasheet
734Kb / 33P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 6-A/3.5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER
TPS563900 TI-TPS563900_15 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V To 18-V Input Voltage, 3.5-A/3.5-A Dual Synchronous Step-Down Converter With I2C Controlled VID
TPS65273V TI-TPS65273V_15 Datasheet
1Mb / 46P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 3.5-A/3.5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID AND CURRENT SHARING
TPS65276V TI-TPS65276V Datasheet
1Mb / 42P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 6-A/3.5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID
TPS65276V TI-TPS65276V_15 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 6-A/3.5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID
TPS65286 TI-TPS65286_15 Datasheet
1Mb / 46P
[Old version datasheet]   TPS65286 Dual Power Distribution Switches With 4.5-V to 28-V Input Voltage, 6-A Output Current Synchronous Buck Regulator
TPS56637 TI1-TPS56637_19 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637_1904 TI1-TPS56637_1904 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com