Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLF1820-70 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BLF1820-70
Description  UHF power LDMOS transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF1820-70 Datasheet(HTML) 4 Page - NXP Semiconductors

  BLF1820-70 Datasheet HTML 1Page - NXP Semiconductors BLF1820-70 Datasheet HTML 2Page - NXP Semiconductors BLF1820-70 Datasheet HTML 3Page - NXP Semiconductors BLF1820-70 Datasheet HTML 4Page - NXP Semiconductors BLF1820-70 Datasheet HTML 5Page - NXP Semiconductors BLF1820-70 Datasheet HTML 6Page - NXP Semiconductors BLF1820-70 Datasheet HTML 7Page - NXP Semiconductors BLF1820-70 Datasheet HTML 8Page - NXP Semiconductors BLF1820-70 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2003 Feb 10
4
Philips Semiconductors
Product specification
UHF power LDMOS transistor
BLF1820-70
handbook, halfpage
0
PL (PEP) (W)
15
10
5
0
20
40
80
60
MLD526
Gp
(dB)
ηD
(%)
Gp
ηD
60
20
40
0
Fig.2
Power gain and drain efficiency as a
function of peak envelope load power;
typical values.
f1 = 2000 MHz; f2 = 2000.1 MHz; VDS =26V;
IDQ = 500 mA; Th ≤ 25 °C.
Fig.2
Power gain and drain efficiency as a
function of peak envelope load power;
typical values.
handbook, halfpage
020
PL (PEP) (W)
dim
(dBc)
40
80
0
−20
−60
−80
−40
60
MLD527
d3
d5
d7
f1 = 2000 MHz; f2 = 2000.1 MHz; VDS =26V;
IDQ = 500 mA; Th ≤ 25 °C.
Fig.3
Intermodulation distortion as a function of
peak envelope load power; typical values.
handbook, halfpage
0
(1)
(2)
(3)
PL (W)
15
10
5
0
20
40
80
60
MLD528
Gp
(dB)
ηD
(%)
60
20
40
0
(3)
(1)
(2)
Fig.4
Power gain and drain efficiency as a
function of the peak envelope load power;
typical values.
f1 = 2000 MHz; f2 = 2000.1 MHz; VDS = 26 V; Th ≤ 25 °C.
(1) IDQ = 400 mA.
(2) IDQ = 500 mA.
(3) IDQ = 600 mA.
handbook, halfpage
0
(1)
(2)
(3)
20
PL (PEP) (W)
d3
(dBc)
40
80
0
−20
−60
−80
−40
60
MLD529
Fig.5
Third order intermodulation distortion as a
function of peak envelope load power;
typical values.
VDS = 26 V; Th ≤ 25 °C; f1 = 2000 MHz; f2 = 2000.1 MHz.
(1) IDQ = 400 mA.
(2) IDQ = 500 mA.
(3) IDQ = 600 mA.


Similar Part No. - BLF1820-70

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF1820-90 PHILIPS-BLF1820-90 Datasheet
107Kb / 12P
   UHF power LDMOS transistor
2003 Feb 10
More results

Similar Description - BLF1820-70

ManufacturerPart #DatasheetDescription
logo
Analog Devices
BLC6G20-140 AD-BLC6G20-140 Datasheet
51Kb / 9P
   UHF power LDMOS transistor
logo
NXP Semiconductors
BLF881_1012 PHILIPS-BLF881_1012 Datasheet
202Kb / 18P
   UHF power LDMOS transistor
Rev. 3-7 December 2010
BLF3G21-6 NXP-BLF3G21-6 Datasheet
103Kb / 12P
   UHF power LDMOS transistor
Rev. 01-25 June 2008
BLF4G20LS-130 NXP-BLF4G20LS-130 Datasheet
85Kb / 11P
   UHF power LDMOS transistor
Rev. 01-1 June 2007
BLF4G22-130 NXP-BLF4G22-130 Datasheet
91Kb / 13P
   UHF power LDMOS transistor
Rev. 01-3 July 2007
BLF878 NXP-BLF878 Datasheet
147Kb / 18P
   UHF power LDMOS transistor
Rev. 01-15 December 2008
BLF647 PHILIPS-BLF647 Datasheet
127Kb / 16P
   UHF power LDMOS transistor
2001 Nov 27
BLF2047 PHILIPS-BLF2047 Datasheet
101Kb / 12P
   UHF power LDMOS transistor
1999 Dec 02
BLF2047L PHILIPS-BLF2047L Datasheet
103Kb / 12P
   UHF power LDMOS transistor
1999 Dec 06
BLF6G20-180P PHILIPS-BLF6G20-180P Datasheet
49Kb / 8P
   UHF power LDMOS transistor
Rev. 01-19 April 2006
BLF6G20-45 PHILIPS-BLF6G20-45 Datasheet
46Kb / 8P
   UHF power LDMOS transistor
Rev. 01-20 February 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com