Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U4324A Datasheet(PDF) 4 Page - Keysight Technologies

Part # U4324A
Description  PCI Express짰 3.0 Analyzer Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U4324A Datasheet(HTML) 4 Page - Keysight Technologies

  U4324A Datasheet HTML 1Page - Keysight Technologies U4324A Datasheet HTML 2Page - Keysight Technologies U4324A Datasheet HTML 3Page - Keysight Technologies U4324A Datasheet HTML 4Page - Keysight Technologies U4324A Datasheet HTML 5Page - Keysight Technologies U4324A Datasheet HTML 6Page - Keysight Technologies U4324A Datasheet HTML 7Page - Keysight Technologies U4324A Datasheet HTML 8Page - Keysight Technologies U4324A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
System Architecture Overview
Configuration
Step 1
Order the U4301A analyzer module
Select the option for the number of lanes to be tested and software license for 5 Gbps or 8 Gbps
applications Refer to ordering information for details
Step 2
Order a modular chassis
Recommended chassis is the Keysight M9502A 2-slot AXIe chassis or optionally the Keysight
M9505A 5-slot AXIe chassis
Step 3
Select a PC controller—Keysight recommends the M9536A embedded controller—or select
an external PC that meets the performance requirements as specified in the
PXI and AXIe Modular Instrumentation, Tested Computer List Technical Note
(http://literature.cdn.keysight.com/litweb/pdf/5990-7632EN.pdf).
Step 4
Order the probe for your measurement application
U4321A solid slot interposer 3.0: Order the option for the number of lanes to be tested
U4322A mid bus probe based on Keysight soft touch technology
U4324A flying lead solder down probe: Order the option for the number of lanes to be tested
Step 5
Add the exerciser for stimulus/response testing
U4305 exerciser: Order the option for the number of lanes to be tested and software licenses
for number of lanes to be tested as well as applications such as end node or root complex
emulation, LTSSM. MR-IOV, or SR-IOV emulation
1. Note: The slot interposer and exerciser lane width is fixed and is not upgradable due to the connector size being a function of lane width. A smaller
lane width probe can be used in a wider lane application, but only those lower lanes will be tested. Keysight does not recommend or support the use
of lane converters.
1
2
3
4
PC controller to manage and inter-
act with the system. PCIe Gen1 x4
cable from the PC to the chassis
2-slot modular chassis
U4301A protocol analyzer module
controlled via PCIe x4 cable link
from the PC controller
U4322A soft touch
mid-bus probe 3.0


Similar Part No. - U4324A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U4321A KEYSIGHT-U4321A Datasheet
2Mb / 12P
   PCI Express짰 3.0 Analyzer Module
U4328A KEYSIGHT-U4328A Datasheet
2Mb / 19P
   PCI Express짰 3.0 Analyzer Module
More results

Similar Description - U4324A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U4321A KEYSIGHT-U4321A Datasheet
2Mb / 12P
   PCI Express짰 3.0 Analyzer Module
U4328A KEYSIGHT-U4328A Datasheet
2Mb / 19P
   PCI Express짰 3.0 Analyzer Module
U4301B KEYSIGHT-U4301B Datasheet
2Mb / 19P
   PCI Express 3.0 Analyzer Module
N5393D KEYSIGHT-N5393D Datasheet
3Mb / 25P
   PCI Express짰 3.0 (Gen3) Software
U4305B KEYSIGHT-U4305B Datasheet
1Mb / 20P
   Protocol Exerciser for PCI Express짰 3.0
N5463A KEYSIGHT-N5463A Datasheet
3Mb / 8P
   PCI Express짰 Protocol Triggering
logo
PLX Technology
PEX8508 PLX-PEX8508 Datasheet
387Kb / 4P
   Flexible & Versatile PCI Express짰 Switch
PEX8512 PLX-PEX8512 Datasheet
1Mb / 4P
   Flexible & Versatile PCI Express짰 Switch
PEX8517 PLX-PEX8517 Datasheet
482Kb / 5P
   Flexible & Versatile PCI Express짰 Switch
PEX8518 PLX-PEX8518 Datasheet
476Kb / 4P
   Flexible & Versatile PCI Express짰 Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com