Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF1205C Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BF1205C
Description  Dual N-channel dual gate MOS-FET
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF1205C Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BF1205C Datasheet HTML 5Page - NXP Semiconductors BF1205C Datasheet HTML 6Page - NXP Semiconductors BF1205C Datasheet HTML 7Page - NXP Semiconductors BF1205C Datasheet HTML 8Page - NXP Semiconductors BF1205C Datasheet HTML 9Page - NXP Semiconductors BF1205C Datasheet HTML 10Page - NXP Semiconductors BF1205C Datasheet HTML 11Page - NXP Semiconductors BF1205C Datasheet HTML 12Page - NXP Semiconductors BF1205C Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9397 750 13005
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 18 May 2004
9 of 22
Philips Semiconductors
BF1205C
Dual N-channel dual gate MOS-FET
VDS(a) =VDS(b) =5V; VG1-S(b) = 0 V; f = 50 MHz;
Tamb =25 °C; see Figure 33.
VDS(a) =5V; VG2-S(a) =4V; VDS(b) =VG1-S(b) =0V;
ID(a) =19mA.
Fig 12. Drain current as a function of gain reduction;
typical values.
Fig 13. Input admittance as a function of frequency;
typical values.
001aaa562
gain reduction (dB)
060
40
20
16
8
24
32
ID
(mA)
0
001aaa564
f (MHz)
10
103
102
10−1
1
10
102
bis, gis
(mS)
10−2
bis
gis
VDS(a) =5V; VG2-S(a) =4V; VDS(b) =VG1-S(b) =0V;
ID(a) =19mA.
VDS(a) =5V; VG2-S(a) =4V; VDS(b) =VG1-S(b) =0V;
ID(a) =19mA.
Fig 14. Forward transfer admittance and phase as a
function of frequency; typical values.
Fig 15. Reverse transfer admittance and phase as a
function of frequency: typical values.
f (MHz)
10
103
102
001aaa565
10
102
yfs
(mS)
1
−ϕfs
(deg)
10
102
1
yfs
−ϕfs
001aaa566
102
10
103
yrs
(mS)
1
102
10
103
−ϕrs
(deg)
1
f (MHz)
10
103
102
yrs
−ϕrs


Similar Part No. - BF1205C

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BF1205C JMNIC-BF1205C Datasheet
179Kb / 22P
   Dual N-channel dual gate MOS-FET
BF1205C JMNIC-BF1205C_15 Datasheet
179Kb / 22P
   Dual N-channel dual gate MOS-FET
BF1205C_2015 JMNIC-BF1205C_2015 Datasheet
179Kb / 22P
   Dual N-channel dual gate MOS-FET
More results

Similar Description - BF1205C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF1102 PHILIPS-BF1102 Datasheet
154Kb / 12P
   Dual N-channel dual gate MOS-FET
1999 Jul 08
BF1203 PHILIPS-BF1203 Datasheet
166Kb / 20P
   Dual N-channel dual gate MOS-FET
2001 Apr 25
logo
Quanzhou Jinmei Electro...
BF1203_2015 JMNIC-BF1203_2015 Datasheet
172Kb / 20P
   Dual N-channel dual gate MOS-FET
logo
NXP Semiconductors
BF1204 PHILIPS-BF1204 Datasheet
110Kb / 12P
   Dual N-channel dual gate MOS-FET
2001 Apr 25
BF1205 PHILIPS-BF1205 Datasheet
185Kb / 24P
   Dual N-channel dual gate MOS-FET
2003 Sep 30
BF1206 PHILIPS-BF1206 Datasheet
186Kb / 21P
   Dual N-channel dual-gate MOS-FET
2003 Nov 17
logo
Quanzhou Jinmei Electro...
BF1205C_2015 JMNIC-BF1205C_2015 Datasheet
179Kb / 22P
   Dual N-channel dual gate MOS-FET
BF1206_2015 JMNIC-BF1206_2015 Datasheet
192Kb / 21P
   Dual N-channel dual-gate MOS-FET
BF1205C JMNIC-BF1205C_15 Datasheet
179Kb / 22P
   Dual N-channel dual gate MOS-FET
BF1206 JMNIC-BF1206_15 Datasheet
192Kb / 21P
   Dual N-channel dual-gate MOS-FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com