Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF1205C Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BF1205C
Description  Dual N-channel dual gate MOS-FET
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF1205C Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BF1205C Datasheet HTML 2Page - NXP Semiconductors BF1205C Datasheet HTML 3Page - NXP Semiconductors BF1205C Datasheet HTML 4Page - NXP Semiconductors BF1205C Datasheet HTML 5Page - NXP Semiconductors BF1205C Datasheet HTML 6Page - NXP Semiconductors BF1205C Datasheet HTML 7Page - NXP Semiconductors BF1205C Datasheet HTML 8Page - NXP Semiconductors BF1205C Datasheet HTML 9Page - NXP Semiconductors BF1205C Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
9397 750 13005
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 18 May 2004
6 of 22
Philips Semiconductors
BF1205C
Dual N-channel dual gate MOS-FET
[1]
For the MOS-FET not in use: VG1-S(b) = 0 V; VDS(b) =0V.
[2]
Measured in Figure 33 test circuit.
8.1.1 Graphs for amplifier a
Xmod
cross-modulation
input level for k = 1%; fw = 50 MHz; funw =60MHz
[2]
at 0 dB AGC
90
-
-
dB
µV
at 10 dB AGC
-
90
-
dB
µV
at 20 dB AGC
-
99
-
dB
µV
at 40 dB AGC
100
105
-
dB
µV
Table 8:
Dynamic characteristics for amplifier a [1] …continued
Common source; Tamb =25 °C; VG2-S =4V; VDS =5V; ID = 19 mA.
Symbol
Parameter
Conditions
Min
Typ Max
Unit
(1) VG2-S =4V.
(2) VG2-S = 3.5 V.
(3) VG2-S =3V.
(4) VG2-S = 2.5 V.
(5) VG2-S =2V.
(6) VG2-S = 1.5 V.
(7) VG2-S =1V.
VDS(a) =5V; VG1-S(b) =VDS(b) =0V; Tj =25 °C.
(1) VG1-S(a) = 1.8 V.
(2) VG1-S(a) = 1.7 V.
(3) VG1-S(a) = 1.6 V.
(4) VG1-S(a) = 1.5 V.
(5) VG1-S(a) = 1.4 V.
(6) VG1-S(a) = 1.3 V.
(7) VG1-S(a) = 1.2 V.
(8) VG1-S(a) = 1.1 V.
(9) VG1-S(a) =1V.
VG2-S =4V; VG1-S(b) =VDS(b) =0V; Tj =25 °C.
Fig 4.
Transfer characteristics; typical values.
Fig 5.
Output characteristics; typical values.
VG1-S (V)
02
1.6
0.8
1.2
0.4
001aaa554
10
20
30
ID
(mA)
0
(1)
(2)
(3)
(4)
(5)
(7)
(6)
001aaa555
VDS (V)
06
4
2
16
8
24
32
ID
(mA)
0
(2)
(3)
(4)
(6)
(7)
(9)
(8)
(5)
(1)


Similar Part No. - BF1205C

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BF1205C JMNIC-BF1205C Datasheet
179Kb / 22P
   Dual N-channel dual gate MOS-FET
BF1205C JMNIC-BF1205C_15 Datasheet
179Kb / 22P
   Dual N-channel dual gate MOS-FET
BF1205C_2015 JMNIC-BF1205C_2015 Datasheet
179Kb / 22P
   Dual N-channel dual gate MOS-FET
More results

Similar Description - BF1205C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF1102 PHILIPS-BF1102 Datasheet
154Kb / 12P
   Dual N-channel dual gate MOS-FET
1999 Jul 08
BF1203 PHILIPS-BF1203 Datasheet
166Kb / 20P
   Dual N-channel dual gate MOS-FET
2001 Apr 25
logo
Quanzhou Jinmei Electro...
BF1203_2015 JMNIC-BF1203_2015 Datasheet
172Kb / 20P
   Dual N-channel dual gate MOS-FET
logo
NXP Semiconductors
BF1204 PHILIPS-BF1204 Datasheet
110Kb / 12P
   Dual N-channel dual gate MOS-FET
2001 Apr 25
BF1205 PHILIPS-BF1205 Datasheet
185Kb / 24P
   Dual N-channel dual gate MOS-FET
2003 Sep 30
BF1206 PHILIPS-BF1206 Datasheet
186Kb / 21P
   Dual N-channel dual-gate MOS-FET
2003 Nov 17
logo
Quanzhou Jinmei Electro...
BF1205C_2015 JMNIC-BF1205C_2015 Datasheet
179Kb / 22P
   Dual N-channel dual gate MOS-FET
BF1206_2015 JMNIC-BF1206_2015 Datasheet
192Kb / 21P
   Dual N-channel dual-gate MOS-FET
BF1205C JMNIC-BF1205C_15 Datasheet
179Kb / 22P
   Dual N-channel dual gate MOS-FET
BF1206 JMNIC-BF1206_15 Datasheet
192Kb / 21P
   Dual N-channel dual-gate MOS-FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com