Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65140 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65140
Description  TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65140 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS65140 Datasheet HTML 7Page - Texas Instruments TPS65140 Datasheet HTML 8Page - Texas Instruments TPS65140 Datasheet HTML 9Page - Texas Instruments TPS65140 Datasheet HTML 10Page - Texas Instruments TPS65140 Datasheet HTML 11Page - Texas Instruments TPS65140 Datasheet HTML 12Page - Texas Instruments TPS65140 Datasheet HTML 13Page - Texas Instruments TPS65140 Datasheet HTML 14Page - Texas Instruments TPS65140 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Positive Charge Pump
Negative Charge Pump
Linear Regulator Controller
Soft Start
Fault Protection
Thermal Shutdown
TPS65140-Q1
TPS65145-Q1
www.ti.com ................................................................................................................................................. SGLS277A – NOVEMBER 2004 – REVISED APRIL 2008
If the enable pin (EN) is pulled high, the device starts its power-on sequencing. The main boost converter starts
up first with its soft start. If the output voltage has reached 91.25% of its output voltage, the negative charge
pump comes up next. The negative charge pump starts with a soft start and when the output voltage has
reached 91% of the nominal value, the positive charge pump comes up with the soft start.
Pulling the enable pin low shuts down the device. Dependent on load current and output capacitance, each of
the outputs comes down.
The TPS65140/45 has a fully regulated integrated positive charge pump generating Vo3. The input voltage for
the charge pump is applied to the SUP pin that is equal to the output of the main boost converter Vo1. The
charge pump is capable of supplying a minimum load current of 20 mA. Higher load currents are possible
depending on the voltage difference between Vo1 and Vo3. See Figure 13 and Figure 14.
The TPS65140/45 has a regulated negative charge pump using two external Schottky diodes. The input voltage
for the charge pump is applied to the SUP pin that is connected to the output of the main boost converter Vo1.
The charge pump inverts the main boost converter output voltage and is capable of supplying a minimum load
current of 20 mA. Higher load currents are possible depending on the voltage difference between Vo1 and Vo2.
See Figure 12.
The TPS65140/45 includes a linear regulator controller to generate a 3.3-V rail which is useful when the system
is powered from a 5-V supply. The regulator is independent from the other voltage rails of the device and has its
own enable (ENR).
The main boost converter as well as the charge pumps and linear regulator have an internal soft start. This
avoids heavy voltage drops at the input voltage rail or at the output of the main boost converter Vo1 during
start-up caused by high inrush currents. See Figure 10 and Figure 11.
All of the outputs of the TPS65140/45 have short-circuit detection and cause the device to go into shutdown. The
main boost converter has overvoltage and undervoltage protection. If the output voltage Vo1 rises above the
overvoltage protection threshold of typically 5% of Vo1, then the device stops switching, but remains operational.
When the output voltage falls below this threshold, the converter continues operation. When the output voltage
falls below the undervoltage protection threshold of typically 8.75% of Vo1, because of a short-circuit condition,
the TPS65140/45 goes into shutdown. Because there is a direct pass from the input to the output through the
diode, the short-circuit condition remains. If this condition needs to be avoided, a fuse at the input or an output
disconnect using a single transistor and resistor is required. The negative and positive charge pumps have an
undervoltage lockout (UVLO) to protect the LCD panel of possible latch-up conditions due to a short-circuit
condition or faulty operation. When the negative output voltage is typically above 9.5% of its output voltage
(closer to ground), then the device enters shutdown. When the positive charge pump output voltage, Vo3, is
below 8% typical of its output voltage, the device goes into shutdown. See the fault protection thresholds in the
electrical characteristics table. The device is enabled by toggling the enable pin (EN) below 0.4 V or by cycling
the input voltage below the UVLO of 1.7 V. The linear regulator reduces the output current to 20 mA typical
under a short-circuit condition when the output voltage is typically < 1 V. See the Functional Block Diagram. The
linear regulator does not go into shutdown under a short-circuit condition.
A thermal shutdown is implemented to prevent damage due to excessive heat and power dissipation. Typically,
the thermal shutdown threshold is 160
°C. If this temperature is reached, the device goes into shutdown. The
device can be enabled by toggling the enable pin to low and back to high or by cycling the input voltage to GND
and back to VI again.
Copyright © 2004–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS65140-Q1 TPS65145-Q1


Similar Part No. - TPS65140

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65140 TI-TPS65140 Datasheet
865Kb / 24P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140 TI-TPS65140 Datasheet
1Mb / 31P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140 TI-TPS65140 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140 TI-TPS65140 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140-Q1 TI1-TPS65140-Q1 Datasheet
630Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
More results

Similar Description - TPS65140

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65145 TI-TPS65145 Datasheet
865Kb / 24P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140 TI-TPS65140 Datasheet
1Mb / 31P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65141PWPR TI-TPS65141PWPR Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140PWPRG4 TI-TPS65140PWPRG4 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140-Q1 TI1-TPS65140-Q1 Datasheet
630Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65100-Q1 TI1-TPS65100-Q1_16 Datasheet
2Mb / 33P
[Old version datasheet]   Triple-Output LCD Supply With Linear Regulator
TPS65100 TI-TPS65100_07 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65100-Q1 TI1-TPS65100-Q1 Datasheet
594Kb / 27P
[Old version datasheet]   TRIPLE-OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65100 TI-TPS65100 Datasheet
816Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
logo
Analog Intergrations Co...
AIC1533 AIC-AIC1533 Datasheet
397Kb / 17P
   Triple-Output LCD Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com