Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65154RSLR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65154RSLR
Description  LCD Bias IC with Integrated WLED Driver
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65154RSLR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS65154RSLR Datasheet HTML 6Page - Texas Instruments TPS65154RSLR Datasheet HTML 7Page - Texas Instruments TPS65154RSLR Datasheet HTML 8Page - Texas Instruments TPS65154RSLR Datasheet HTML 9Page - Texas Instruments TPS65154RSLR Datasheet HTML 10Page - Texas Instruments TPS65154RSLR Datasheet HTML 11Page - Texas Instruments TPS65154RSLR Datasheet HTML 12Page - Texas Instruments TPS65154RSLR Datasheet HTML 13Page - Texas Instruments TPS65154RSLR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 87 page
background image
10
TPS65154
SLVSBG2A – SEPTEMBER 2013 – REVISED JUNE 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS65154
Specifications
Copyright © 2013–2016, Texas Instruments Incorporated
Timing Requirements (continued)
VIN = 3.3 V, VLED = 12 V, VCC = 2.5 V, AVDD = 8 V, VGL = –6.8 V, VGH = 20 V, TA = −40°C to 85°C. Typical values are at 25°C
(unless otherwise noted).
MIN
TYP
MAX
UNIT
tSS4
Boost converter 2 soft-start duration range
0
35
ms
Tolerance
–20%
30%
BOOST CONVERTER 3
fSW
Switching frequency range
400
1000
kHz
Tolerance
–20%
20%
WLED DIMMING
tPWMIN
Input pulse width
500
ns
fOUT
Output frequency range
Direct dimming
0.1
15
kHz
DPWM dimming
15
22
Tolerance
–20%
20%
fIN
Input frequency range
PWM and direct dimming modes
0.1
15
kHz
RESET (RST)
tRST
Reset pulse duration range
0
15
ms
Tolerance
Measured from end of VCC's ramp to 50% of
RST's rising edge with a 10 kΩ pull-up resistor.
–20%
20%
GATE VOLTAGE SHAPING
tPLH
Propagation delay
VGHM rising, VFLK = 0 V/1.8 V, 50% thresholds,
CVGHM = 150 pF, RE = 0 Ω
92
200
ns
tPHL
VGHM falling, VFLK =0 V/1.8 V, 50% thresholds,
CVGHM = 150 pF, RE = 0 Ω
88
200
tDLY4
Gate voltage shaping start-up delay range
0
35
ms
Tolerance
–20%
30%
PANEL RESET (XAO)
tDLY6
Panel reset duration range
0
35
ms
Tolerance
Measured from VIN = VDET to 50% of XAO's
rising edge with a 10-kΩ pull-up resistor.
–20%
30%
TIMING
tUVP
Undervoltage protection timeout
40
50
60
ms
I2C INTERFACE
fSCL
Clock frequency
Standard mode
100
kHz
Fast mode
400
tLOW
Clock low period
Standard mode
4.7
µs
Fast mode
1.3
tHIGH
Clock high period
Standard mode
4.0
µs
Fast mode
0.6
tBUF
Bus free time between a
STOP and a START
condition
Standard mode
4.7
µs
Fast mode
1.3
thd:STA
Hold time for a repeated
START condition
Standard mode
4.0
µs
Fast mode
0.6
tsu:STA
Set-up time for a repeated
START condition
Standard mode
4.0
µs
Fast mode
0.6
tsu:DAT
Data set-up time
Standard mode
250
ns
Fast mode
100
thd:DAT
Data hold time
Standard mode
0.05
3.45
µs
Fast mode
0.05
0.9


Similar Part No. - TPS65154RSLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65150 TI-TPS65150 Datasheet
1Mb / 28P
[Old version datasheet]   Low Input Voltage, Compact LCD Bias IC With VCOM Buffer
TPS65150-Q1 TI-TPS65150-Q1 Datasheet
706Kb / 27P
[Old version datasheet]   Low Input Voltage, Compact LCD Bias IC With VCOM Buffer
TPS65150PWP TI-TPS65150PWP Datasheet
1Mb / 28P
[Old version datasheet]   Low Input Voltage, Compact LCD Bias IC With VCOM Buffer
TPS65150PWP TI1-TPS65150PWP Datasheet
1Mb / 47P
[Old version datasheet]   Low Input Voltage, Compact LCD Bias IC
TPS65150PWPG4 TI-TPS65150PWPG4 Datasheet
1Mb / 28P
[Old version datasheet]   Low Input Voltage, Compact LCD Bias IC With VCOM Buffer
More results

Similar Description - TPS65154RSLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65142 TI1-TPS65142 Datasheet
2Mb / 32P
[Old version datasheet]   LCD Bias Power Integrated with WLED Backlight Drivers
LM36274 TI1-LM36274 Datasheet
696Kb / 9P
[Old version datasheet]   Integrated Backlight Driver With Integrated LCD Bias
LM36272 TI1-LM36272 Datasheet
695Kb / 9P
[Old version datasheet]   Integrated Backlight Driver With Integrated LCD Bias
LM36273 TI1-LM36273 Datasheet
695Kb / 9P
[Old version datasheet]   Integrated Backlight Driver With Integrated LCD Bias
logo
Linear Technology
LTC3524 LINER-LTC3524_15 Datasheet
266Kb / 16P
   Adjustable TFT Bias Supply with WLED Driver
LTC3524 LINER-LTC3524 Datasheet
260Kb / 16P
   Adjustable TFT Bias Supply with WLED Driver
logo
Texas Instruments
TPS61158 TI1-TPS61158 Datasheet
1Mb / 27P
[Old version datasheet]   30V WLED Driver with Integrated Power Diode
LM3537 TI1-LM3537_13 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel WLED Driver with Four Integrated LDOs
TPS65163 TI1-TPS65163 Datasheet
1Mb / 43P
[Old version datasheet]   LCD Bias Supply With Integrated Level Shifters
logo
Micrel Semiconductor
SY88422L MICREL-SY88422L_10 Datasheet
397Kb / 10P
   4.25Gbps Laser Driver with Integrated Bias
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com