Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65132T6YFFR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65132T6YFFR
Description  Single Inductor - Dual Output Power Supply
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65132T6YFFR Datasheet(HTML) 1 Page - Texas Instruments

  TPS65132T6YFFR Datasheet HTML 1Page - Texas Instruments TPS65132T6YFFR Datasheet HTML 2Page - Texas Instruments TPS65132T6YFFR Datasheet HTML 3Page - Texas Instruments TPS65132T6YFFR Datasheet HTML 4Page - Texas Instruments TPS65132T6YFFR Datasheet HTML 5Page - Texas Instruments TPS65132T6YFFR Datasheet HTML 6Page - Texas Instruments TPS65132T6YFFR Datasheet HTML 7Page - Texas Instruments TPS65132T6YFFR Datasheet HTML 8Page - Texas Instruments TPS65132T6YFFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
50
55
60
65
70
75
80
85
90
95
100
0
5
10
15
20
25
30
35
40
IOUT (mA)
VIN = 4.5V
VIN = 3.7V
VIN = 2.8V
C003
C1
C3
C2
C4
C5
4.7 µF
L
4.7 µH
ENP
ENN
OUTP
REG
SW
PGND
V
IN
V
POS
V
NEG
2.5V to 5.5 V
SCL
SDA
5.4 V/40 mA
OUTN
CFLY1
CFLY2
–5.4 V/40 mA
AGND
4.7 µF
4.7 µF
4.7 µF
2.2 µF
VIN
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS65132
SLVSBM1G – JUNE 2013 – REVISED AUGUST 2015
TPS65132 Single Inductor - Dual Output Power Supply
1 Features
2 Applications
1
Split-Rail Power Supply
General Dual Power Supply Applications
SIMO (Single-Inductor Multiple-Output)
Operational Amplifier Supply (Including Audio)
Technology
DAC Supply
>85% Efficiency at IOUT > 10 mA
TFT LCD Smartphones
>83% Efficiency at IOUT > 10 mA (TPS65132Wx)
TFT LCD Tablets
2.5-V to 5.5-V Input Voltage Range
OLED Displays
Undervoltage Lockout Rising/Falling
3 Description
Programmable Output Voltages
The TPS65132 is designed to support general
Positive Output Voltage Range :
positive/negative driven applications. The device uses
4 V to 6 V (0.1-V step)
a single inductor scheme in order to provide the user
Negative Output Voltage Range:
the smallest solution size possible as well as high
–6 V to –4 V (0.1-V step)
efficiency. With its input voltage range of 2.5 V to
5.5 V, it is optimized for products powered by single-
1% Output Voltage Accuracy
cell batteries (Li-Ion, Ni-Li, Li-Polymer) and output
Maximum Output Current: 150 mA (TPS65132Sx)
currents up to 80 mA for the A- and B-version, and up
Programmable Power-Up and Power-Down
to 150 mA for the S-version. The device is delivered
Sequencing (TPS65132Sx)
in a WCSP package of 15 balls.
Programmable Active Discharge
Device Information (1)
Internal EEPROM Type Memory (1000× Re-
PART NUMBER
PACKAGE
BODY SIZE (NOM.)
programmable)
TPS65132
DSBGA (15)
2.11 mm × 1.51 mm
Excellent Line Regulation
TPS65132S (2)
DSBGA (15)
2.11 mm × 1.51 mm
Advanced Power-Save Mode for Light-Load
TPS65132W
WQFN (20)
4.00 mm × 3.00 mm
Efficiency
(1) For all available packages, see the orderable addendum at
Thermal Shutdown
the end of the datasheet.
15-Ball CSP Package
(2) Product Preview
20-Pins QFN Package
space
space
Typical Application
Efficiency vs Output Current
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Similar Part No. - TPS65132T6YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65132T6YFFR TI1-TPS65132T6YFFR Datasheet
2Mb / 65P
[Old version datasheet]   Single Inductor - Dual Output Power Supply
More results

Similar Description - TPS65132T6YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65132_016 TI1-TPS65132_016 Datasheet
2Mb / 65P
[Old version datasheet]   Single Inductor - Dual Output Power Supply
TPS65132 TI-TPS65132_15 Datasheet
2Mb / 64P
[Old version datasheet]   TPS65132 Single Inductor - Dual Output Power Supply
TPS65120 TI1-TPS65120_13 Datasheet
1Mb / 30P
[Old version datasheet]   SINGLE-INDUCTOR QUADRUPLE-OUTPUT TFT LCD POWER SUPPLY
TPS65120 TI-TPS65120 Datasheet
706Kb / 23P
[Old version datasheet]   SINGLE-INDUCTOR QUADRUPLE-OUTPUT TFT LCD POWER SUPPLY
logo
Silicon Mitus, Inc.
SM5109 SILICONMITUS-SM5109 Datasheet
203Kb / 1P
   Low Iq Single-Inductor and Dual Output for LCD Panel Bias Power Supply
August 2018 - Rev. 0.0.0
SM4851 SILICONMITUS-SM4851 Datasheet
211Kb / 1P
   Single-Inductor and Dual Output for Notebook and Tablet LCD Panel Bias Power Supply
December 2017 Rev. 0.0.0
logo
CUI INC
VD-120B CUI-VD-120B Datasheet
114Kb / 2P
   Dual Output Switching Power Supply
logo
Total Power Internation...
RSP-1500 TOTAL-POWER-RSP-1500 Datasheet
1Mb / 4P
   1500W SINGLE OUTPUT POWER SUPPLY
RSP-3000 TOTAL-POWER-RSP-3000 Datasheet
377Kb / 6P
   3000W Single Output Power Supply
SPV-1500 TOTAL-POWER-SPV-1500 Datasheet
338Kb / 4P
   1500W Single Output Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com