Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65132 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65132
Description  Single Inductor - Dual Output Power Supply
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65132 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS65132 Datasheet HTML 5Page - Texas Instruments TPS65132 Datasheet HTML 6Page - Texas Instruments TPS65132 Datasheet HTML 7Page - Texas Instruments TPS65132 Datasheet HTML 8Page - Texas Instruments TPS65132 Datasheet HTML 9Page - Texas Instruments TPS65132 Datasheet HTML 10Page - Texas Instruments TPS65132 Datasheet HTML 11Page - Texas Instruments TPS65132 Datasheet HTML 12Page - Texas Instruments TPS65132 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
TPS65132
www.ti.com
SLVSBM1G – JUNE 2013 – REVISED AUGUST 2015
7.5 Electrical Characteristics
VIN = 3.7 V, EN = ENN = ENP = VIN, VPOS = 5.4 V, VNEG = –5.4 V, TA = –40°C to 85°C; typical values are at TA = 25°C
(unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VIN
Input voltage range
2.5
5.5
V
VIN rising
2.3
2.5
VUVLO
Undervoltage lockout threshold
V
VIN falling
2.1
2.3
IQ
Quiescent current
0.54
mA
Thermal shutdown
140
°C
Thermal shutdown hysteresis
5
°C
LOGIC EN, ENN, ENP, SYNC
VIH
High level input voltage
1.1
VIN = 2.5 V to 5.5 V
V
VIL
Low level input voltage
0.4
REN
Pulldown resistors
200
k
Ω
LOGIC SCL, SDA
VIH
High level input voltage
1.1
VIN = 2.5 V to 5.5 V
V
VIL
Low level input voltage
0.54
BOOST CONVERTER
ILIM
Boost converter valley current limit
0.9
1.2
1.5
A
fSW
Boost converter switching frequency
1.35
1.80
2.25
MHz
LDO OUTPUT VPOS
VPOS
Positive output voltage range
4.0
6.0
V
VPOS_acc
Positive output voltage accuracy
–1 %
+1 %
IPOS
Positive output current capability
200
mA
VDO
Dropout voltage
VREG = VPOS(NOM) = 5.4V, IOUT = 150 mA
160
mV
Line regulation
VIN = 2.5 V to 5.5 V, IOUT = 40 mA
2.7
mV
Load regulation
ΔIOUT = 80 mA
3.4
%/A
RD
Discharge resistor
70
Ω
NEGATIVE CHARGE PUMP OUTPUT VNEG
VNEG
Negative output voltage range
–6.0
–4.0
V
VNEG_acc
Negative output voltage accuracy
–1 %
+1 %
Smartphone MODE
40
INEG
Negative output current capability
mA
Tablet MODE
80
INEG
Negative output current capability
TPS65132Sx, SYNC = HIGH
150
mA
Negative charge pump switching
fOSC
0.8
1.0
1.2
MHz
frequency
Line regulation
VIN = 2.5 V to 5.5 V, IOUT = 40 mA
3.3
mV
Load regulation
ΔIOUT = 80 mA
6.1
%/A
RD
Discharge resistor
20
Ω
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS65132


Similar Part No. - TPS65132

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65132 TI1-TPS65132 Datasheet
2Mb / 65P
[Old version datasheet]   Single Inductor - Dual Output Power Supply
TPS65132A0YFFR TI1-TPS65132A0YFFR Datasheet
2Mb / 65P
[Old version datasheet]   Single Inductor - Dual Output Power Supply
TPS65132AYFFR TI1-TPS65132AYFFR Datasheet
2Mb / 65P
[Old version datasheet]   Single Inductor - Dual Output Power Supply
TPS65132B0YFFR TI1-TPS65132B0YFFR Datasheet
2Mb / 65P
[Old version datasheet]   Single Inductor - Dual Output Power Supply
TPS65132B2YFFR TI1-TPS65132B2YFFR Datasheet
2Mb / 65P
[Old version datasheet]   Single Inductor - Dual Output Power Supply
More results

Similar Description - TPS65132

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65132_016 TI1-TPS65132_016 Datasheet
2Mb / 65P
[Old version datasheet]   Single Inductor - Dual Output Power Supply
TPS65132 TI-TPS65132_15 Datasheet
2Mb / 64P
[Old version datasheet]   TPS65132 Single Inductor - Dual Output Power Supply
TPS65120 TI1-TPS65120_13 Datasheet
1Mb / 30P
[Old version datasheet]   SINGLE-INDUCTOR QUADRUPLE-OUTPUT TFT LCD POWER SUPPLY
TPS65120 TI-TPS65120 Datasheet
706Kb / 23P
[Old version datasheet]   SINGLE-INDUCTOR QUADRUPLE-OUTPUT TFT LCD POWER SUPPLY
logo
Silicon Mitus, Inc.
SM5109 SILICONMITUS-SM5109 Datasheet
203Kb / 1P
   Low Iq Single-Inductor and Dual Output for LCD Panel Bias Power Supply
August 2018 - Rev. 0.0.0
SM4851 SILICONMITUS-SM4851 Datasheet
211Kb / 1P
   Single-Inductor and Dual Output for Notebook and Tablet LCD Panel Bias Power Supply
December 2017 Rev. 0.0.0
logo
CUI INC
VD-120B CUI-VD-120B Datasheet
114Kb / 2P
   Dual Output Switching Power Supply
logo
Total Power Internation...
RSP-1500 TOTAL-POWER-RSP-1500 Datasheet
1Mb / 4P
   1500W SINGLE OUTPUT POWER SUPPLY
RSP-3000 TOTAL-POWER-RSP-3000 Datasheet
377Kb / 6P
   3000W Single Output Power Supply
SPV-1500 TOTAL-POWER-SPV-1500 Datasheet
338Kb / 4P
   1500W Single Output Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com