Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65111 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS65111
Description  LTPS-LCD BIAS POWER SUPPLY, TRIPLE CHARGE PUMP
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65111 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS65111 Datasheet HTML 5Page - Texas Instruments TPS65111 Datasheet HTML 6Page - Texas Instruments TPS65111 Datasheet HTML 7Page - Texas Instruments TPS65111 Datasheet HTML 8Page - Texas Instruments TPS65111 Datasheet HTML 9Page - Texas Instruments TPS65111 Datasheet HTML 10Page - Texas Instruments TPS65111 Datasheet HTML 11Page - Texas Instruments TPS65111 Datasheet HTML 12Page - Texas Instruments TPS65111 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TPS65110
TPS65111
SLVS495 − SEPTEMBER 2003
www.ti.com
9
Figure 5
7.2
7.3
7.4
7.5
7.6
01
23
45
67
TA = 25°C
VDD LOAD REGULATION
I(VDD) − Supply Current − mA
TPS65110
VCC = 3.3 V
I(VCC) = I(VSS) = no load
TA = −40°C
TA = 85°C
Figure 6
2.50
2.55
2.60
2.65
2.70
2.75
2.80
01
2
3
45
6
7
TA = 25°C
VSS LOAD REGULATION
I(VSS) − Supply Current − mA
TPS65110
VCC = 3.3 V
I(VCC) = I(VDD) = no load
TA = −40°C
TA = 85°C
Figure 7
310
340
370
400
430
460
490
2
2.5
3
3.5
4
4.5
5
5.5
MAXIMUM SWITCHING FREQUENCY
vs
INPUT VOLTAGE
VI − Input Voltage − V
TA = 85°C
TA = 25°C
TA = −40°C
Figure 8
0
20
40
60
80
100
2
2.5
3
3.5
4
4.5
5
5.5
QUIESCENT CURRENT
vs
INPUT VOLTAGE
VI − Input Voltage − V
TA = −40°C
TA = 25°C
TA = 85°C
Not Recommended for New Designs


Similar Part No. - TPS65111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65111 TI-TPS65111 Datasheet
231Kb / 15P
[Old version datasheet]   LTPS LCD BIAS POWER SUPPLY TRIPLE CHARGE PUMP
TPS65111RGE TI-TPS65111RGE Datasheet
231Kb / 15P
[Old version datasheet]   LTPS LCD BIAS POWER SUPPLY TRIPLE CHARGE PUMP
More results

Similar Description - TPS65111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65110 TI-TPS65110 Datasheet
231Kb / 15P
[Old version datasheet]   LTPS LCD BIAS POWER SUPPLY TRIPLE CHARGE PUMP
logo
Sanyo Semicon Device
LV56081GP SANYO-LV56081GP Datasheet
101Kb / 7P
   Charge Pump Power Supply
logo
Maxim Integrated Produc...
MAX1747 MAXIM-MAX1747 Datasheet
401Kb / 13P
   Triple Charge-Pump TFT LCD DC-DC Converter
Rev 0; 10/00
logo
ON Semiconductor
LV5710GP ONSEMI-LV5710GP Datasheet
97Kb / 7P
   Power Supply for Charge Pump
August, 2014
logo
E-CMOS Corporation
EC6585D E-CMOS-EC6585D Datasheet
469Kb / 7P
   2 Channel Charge Pump Supply for TFT-LCD
EC6585 E-CMOS-EC6585 Datasheet
593Kb / 8P
   2 Channel Charge Pump Supply for TFT-LCD
logo
Monolithic Power System...
MP1531 MPS-MP1531 Datasheet
352Kb / 12P
   Low Power, Triple Output Step-Up Plus Charge Pump for TFT Bias
EV1531DQ-002A MPS-EV1531DQ-002A Datasheet
268Kb / 5P
   Low Power, Triple Output Step-Up Plus Charge Pump for TFT Bias
EVQ1531-M-00A MPS-EVQ1531-M-00A Datasheet
274Kb / 7P
   Low Power, Triple Output Step-Up Plus Charge Pump for TFT Bias
EV0055 MPS-EV0055 Datasheet
195Kb / 5P
   Triple Output Step-Up Plus Charge Pump for TFT Bias
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com