Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BGA758L7 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # BGA758L7
Description  5-6 GHz LNA for WLAN
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGA758L7 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button BGA758L7_11 Datasheet HTML 6Page - Infineon Technologies AG BGA758L7_11 Datasheet HTML 7Page - Infineon Technologies AG BGA758L7_11 Datasheet HTML 8Page - Infineon Technologies AG BGA758L7_11 Datasheet HTML 9Page - Infineon Technologies AG BGA758L7_11 Datasheet HTML 10Page - Infineon Technologies AG BGA758L7_11 Datasheet HTML 11Page - Infineon Technologies AG BGA758L7_11 Datasheet HTML 12Page - Infineon Technologies AG BGA758L7_11 Datasheet HTML 13Page - Infineon Technologies AG BGA758L7_11 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
BGA758L7
Electrical Characteristics
Data Sheet
10
Revision 2.0, 2011-09-15
2
Electrical Characteristics
2.1
Electrical Parameter
Table 4
Electrical Characteristics1):
T
A =25°C, VCC =3.3 V, VPON,ON =3.3 V, VPON,OFF =0V, f = 5.5 GHz
1) Measured on application board according to application schematic on page 12, including PCB losses (unless noted
otherwise)
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Pass band frequency range
F
BW
5.0–
6.0GHz
Gain
|
S
21|
2
12.5
dB
Gain flatness
ΔG
0.3
dB
In any 50 MHz
instantaneous
bandwidth
Reverse isolation
|S
12|–
21
dB
Noise figure2)
2) PCB losses subtracted
NF
–1.3
–dB
Input return loss
RL
in
–18
dB
50
Ω
Output return loss
RL
out
–20
dB
50
Ω
Input power at 1dB compression point
P
-1dB
-3.5
dBm
Maximum gain out of band
|
S
21|
-3
dB
DC - 1.7 GHz
–1–dB
1.7 - 2.0 GHz
–6–dB
2.3 - 2.7 GHz
12
dB
3.3 - 3.9 GHz
–4–dB
9.0 - 10 GHz
–3–dB
10 - 18 GHz
Minimum input 1dB compression
out of band
P
-1dB
-4
dBm
0.8 - 1.0 GHz
–-12
–dBm
1.7 - 2.0 GHz
-9
dBm
2.3 - 4.0 GHz
-8
dBm
4.4 - 4.5 GHz
–0–dBm
9.0 - 10 GHz
Turn-on time
t
on
–0.2
μs
Measured from ON
signal turns on (90%)
to the point were LNA
output power stabilizes
to within 0.5 dB of final
value
Supply current at
V
CC
I
CC
5.07.0
9.0mA
Shutdown current
I
off
–6
μA
V
PON = 0 V
Stability factor
k
>1
Unconditional stable
for all frequencies


Similar Part No. - BGA758L7_11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA758L7 INFINEON-BGA758L7 Datasheet
1Mb / 16P
   5-6 GHz LNA for WLAN
Revision 1.0, 2010-02-22
More results

Similar Description - BGA758L7_11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA758L7 INFINEON-BGA758L7 Datasheet
1Mb / 16P
   5-6 GHz LNA for WLAN
Revision 1.0, 2010-02-22
logo
NXP Semiconductors
AN11007 PHILIPS-AN11007 Datasheet
1Mb / 23P
   Single stage 5-6 GHz WLAN LNA with BFU730F
Rev. 1-04 January 2011
logo
TriQuint Semiconductor
TQL1600 TRIQUINT-TQL1600_15 Datasheet
130Kb / 1P
   5 GHz WLAN Switch / LNA FEM
logo
ATMEL Corporation
ATR3515 ATMEL-ATR3515 Datasheet
165Kb / 7P
   5-GHz WLAN Power Amplifier for 802.11a
logo
NXP Semiconductors
BGS8324 NXP-BGS8324 Datasheet
137Kb / 12P
   WLAN LNA Switch
Rev. 4-18 January 2017
BGS8358 NXP-BGS8358 Datasheet
114Kb / 12P
   WLAN LNA Switch
Rev. 4-18 January 2017
WLAN3002C NXP-WLAN3002C Datasheet
202Kb / 15P
   WLAN LNA switch
Rev. 6-19 July 2019
BGS8424 NXP-BGS8424 Datasheet
195Kb / 13P
   WLAN LNA Switch
Rev. 1.3 ??6 May 2019
BGS8458 NXP-BGS8458 Datasheet
186Kb / 13P
   WLAN LNA Switch
Rev. 2 ??24 September 2019
logo
Laird Tech Smart Techno...
S4908WB LSTD-S4908WB Datasheet
626Kb / 1P
   5 GHz broad band WLAN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com