Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65094x Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS65094x
Description  PMIC for Intel Apollo Lake Platform
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65094x Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS65094x Datasheet HTML 6Page - Texas Instruments TPS65094x Datasheet HTML 7Page - Texas Instruments TPS65094x Datasheet HTML 8Page - Texas Instruments TPS65094x Datasheet HTML 9Page - Texas Instruments TPS65094x Datasheet HTML 10Page - Texas Instruments TPS65094x Datasheet HTML 11Page - Texas Instruments TPS65094x Datasheet HTML 12Page - Texas Instruments TPS65094x Datasheet HTML 13Page - Texas Instruments TPS65094x Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 92 page
background image
10
TPS65094, TPS650940, TPS650941, TPS650942, TPS650944
SWCS133A – SEPTEMBER 2015 – REVISED JUNE 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS65094
Specifications
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Transient for less than 5 ns.
(3)
Transient for less than 20 ns.
5
Specifications
5.1
Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
ANALOG
VSYS
Input voltage from battery
–0.3
28
V
PVIN3, PVIN4, PVIN5, LDO5P0, DRV5V_1_6, DRV5V_2_A1, DRVL1, DRVL2, DRVL6
–0.3
7
V
V5ANA
–0.3
6
V
PGNDSNS1, PGNDSNS2, PGNDSNS6, AGND, FBGND2
–0.3
0.3
V
DRVH1, DRVH2, DRVH6, BOOT1, BOOT2, BOOT6
–0.3
34
V
SW1, SW2, SW6
–5(2)
28
V
LX3, LX4, LX5
–1(3)
7
V
BOOTx to SWx
Differential voltage
–0.3
5.5
V
VREF, LDO3P3, FBVOUT1, FBVOUT2, FBVOUT6, FB3, FB4, FB5, ILIM1, ILIM2, ILIM6, PVINVTT,
VTT, VTTFB, PVINSWA1, SWA1, PVINSWB1_B2, SWB1, SWB2, LDOA1
–0.3
3.6
V
PVINLDOA2_A3, LDOA2, LDOA3
–0.3
3.3
V
DIGITAL IOs
DATA, CLK, PCH_PWROK, RSMRSTB, GPO
–0.3
3.6
V
PMICEN, SLP_S4B, SLP_S3B, SLP_S0B, LDOLS_EN, SWA1_EN, THERMTRIPB, IRQB, PROCHOT
–0.3
7
V
Tstg
Storage temperature
–40
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
5.2
ESD Ratings
VALUE
UNIT
VESD
Electrostatic discharge
Human Body Model (HBM),
per ANSI/ESDA/JEDEC JS001(1)
±1000
V
Charged Device Model (CDM),
per JESD22-C101(2)
All pins
±250


Similar Part No. - TPS65094x

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65094 TI1-TPS65094 Datasheet
1Mb / 96P
[Old version datasheet]   PMIC for Intel Apollo Lake Platform
TPS65094 TI1-TPS65094 Datasheet
1Mb / 92P
[Old version datasheet]   PMIC for Intel??Apollo Lake Platform
TPS650940A0RSKR TI1-TPS650940A0RSKR Datasheet
1Mb / 96P
[Old version datasheet]   PMIC for Intel Apollo Lake Platform
TPS650940A0RSKR TI1-TPS650940A0RSKR Datasheet
1Mb / 92P
[Old version datasheet]   PMIC for Intel??Apollo Lake Platform
TPS650940A0RSKT TI1-TPS650940A0RSKT Datasheet
1Mb / 96P
[Old version datasheet]   PMIC for Intel Apollo Lake Platform
More results

Similar Description - TPS65094x

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65094 TI1-TPS65094_19 Datasheet
1Mb / 96P
[Old version datasheet]   PMIC for Intel Apollo Lake Platform
TPS65094_J1 TI1-TPS65094_J1 Datasheet
1Mb / 92P
[Old version datasheet]   PMIC for Intel??Apollo Lake Platform
TPS650941 TI1-TPS650941 Datasheet
138Kb / 7P
[Old version datasheet]   PMIC for Intel Apollo Lake Platform
TPS650842 TI1-TPS650842 Datasheet
139Kb / 7P
[Old version datasheet]   PMIC for Intel Braswell Platform
logo
Lanner All Rights Reser...
IIOT-I300 LANNER-IIOT-I300 Datasheet
470Kb / 2P
   Industrial Environment Gateway IPC with Intel® Apollo Lake CPU
V.1-2023.01.04
LEC-7242-DM-V1 LANNER-LEC-7242-DM-V1 Datasheet
237Kb / 2P
   Industrial Environment Gateway IPC with Intel® Apollo Lake CPU
V.1-2022.07.15
logo
BCM Advanced Research.
MX3350N BCM-MX3350N Datasheet
525Kb / 1P
   Intel N3350 Thin mini-ITX motherboard with MX3350N onboard Intel Apollo Lake Processor
2020/12/14
logo
Axiomtek Co., Ltd.
MANO310 AXIOMTEK-MANO310 Datasheet
248Kb / 1P
   IntelR CeleronR processor N3350 (Apollo Lake)
logo
BCM Advanced Research.
MX110H BCM-MX110H Datasheet
445Kb / 1P
   Intel H110 mini-ITX Motherboard Kaby Lake Skylake Platform
2020/12/14
logo
Lanner All Rights Reser...
NVA-3000 LANNER-NVA-3000 Datasheet
338Kb / 2P
   Surveillance Platform Powered by the Intel짰 Atom짰 N4200/x7-E3950 (Codenamed Apollo Lake)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com