Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE9221SX Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE9221SX
Description  FlexRay Transceiver
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9221SX Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE9221SX Datasheet HTML 1Page - Infineon Technologies AG TLE9221SX Datasheet HTML 2Page - Infineon Technologies AG TLE9221SX Datasheet HTML 3Page - Infineon Technologies AG TLE9221SX Datasheet HTML 4Page - Infineon Technologies AG TLE9221SX Datasheet HTML 5Page - Infineon Technologies AG TLE9221SX Datasheet HTML 6Page - Infineon Technologies AG TLE9221SX Datasheet HTML 7Page - Infineon Technologies AG TLE9221SX Datasheet HTML 8Page - Infineon Technologies AG TLE9221SX Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 91 page
background image
PG-SSOP16-2
Type
Package
Marking
TLE9221SX
PG-SSOP16-2
9221
Data Sheet
4
Rev. 1.10, 2013-07-15
FlexRay Transceiver
TLE9221SX
1Overview
1.1
Features
General Features
Compliant with the FlexRay Electrical Physical Layer
Specification, version 3.0.1
Optimized for time-triggered in-vehicle networks with
data transmission rates from 1 Mbit/s up to 10 Mbit/s
Optimized electromagnetic immunity (EMI)
Very low electromagnetic emission (EME), supporting large
networks and complex bus topologies
Very high level of ESD robustness, 11 kV according to IEC-61000-4-2
Supports 60 ns minimum bit time
Optimized digital inputs to minimize jitter
Integrated Bus Guardian Interface
Bus failure protection and error detection
Automatic voltage adaptation on the digital interface pins
High current digital outputs, optimized to drive long wires and high capacitive loads
Green Product (RoHS compliant)
AEC Qualified (Conformance Test Index: 511))
Modes of Operation and Wake-up Features
Sleep and stand-by operation mode with very low quiescent current
Receive-only mode
Separate INH output to control external circuitry
Local wake-up input
Remote wake-up via a dedicated wake-up symbol
Alternative remote wake-up
Remote wake-up via payload
Wake-up source recognition and indication
Protection and Diagnostics
Short-circuit protection
Overtemperature protection
Undervoltage detection on all power supplies
1) FlexRay Physical Layer Conformance Test Specification, version 3.0.1, chapter 5.2, static test cases, index number.


Similar Part No. - TLE9221SX

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9221SX INFINEON-TLE9221SX Datasheet
3Mb / 99P
   FlexRay Transceiver
Rev. 1.3, 2015-09-21
TLE9221SX INFINEON-TLE9221SX_15 Datasheet
3Mb / 99P
   FlexRay Transceiver
Rev. 1.3, 2015-09-21
More results

Similar Description - TLE9221SX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1080 PHILIPS-TJA1080 Datasheet
209Kb / 44P
   FlexRay transceiver
Rev. 01-20 July 2006
TJA1080A NXP-TJA1080A Datasheet
232Kb / 50P
   FlexRay transceiver
Rev. 02-26 August 2008
logo
Infineon Technologies A...
TLE9222 INFINEON-TLE9222_17 Datasheet
1Mb / 43P
   FlexRay Transceiver
Rev. 1.2 2017-10-17
TLE9222 INFINEON-TLE9222_15 Datasheet
1Mb / 43P
   FlexRay Transceiver
Rev. 1.0, 2015-06-12
TLE9221SX INFINEON-TLE9221SX_15 Datasheet
3Mb / 99P
   FlexRay Transceiver
Rev. 1.3, 2015-09-21
logo
NXP Semiconductors
TJA1080 NXP-TJA1080 Datasheet
1Mb / 48P
   FlexRay transceiver
Rev. 02-12 July 2007
logo
ELMOS Semiconductor AG
E910.54 ELMOS-E910.54 Datasheet
174Kb / 2P
   FlexRay??Transceiver
logo
NXP Semiconductors
MF3ICD8101 PHILIPS-MF3ICD8101 Datasheet
227Kb / 49P
   FlexRay transceiver
Rev. 04-19 February 2009
TJA1080A NXP-TJA1080A_V01 Datasheet
263Kb / 49P
   FlexRay transceiver
Rev. 6-28 November 2012
TJA1081B NXP-TJA1081B Datasheet
848Kb / 45P
   FlexRay node transceiver
Rev. 1 ??4 June 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com