Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65056-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS65056-Q1
Description  6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT-VOLTAGE LDOs
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65056-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS65056-Q1 Datasheet HTML 6Page - Texas Instruments TPS65056-Q1 Datasheet HTML 7Page - Texas Instruments TPS65056-Q1 Datasheet HTML 8Page - Texas Instruments TPS65056-Q1 Datasheet HTML 9Page - Texas Instruments TPS65056-Q1 Datasheet HTML 10Page - Texas Instruments TPS65056-Q1 Datasheet HTML 11Page - Texas Instruments TPS65056-Q1 Datasheet HTML 12Page - Texas Instruments TPS65056-Q1 Datasheet HTML 13Page - Texas Instruments TPS65056-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
L2
DEFDCDC2
EN_DCDC1
ENABLE
VCC
VDCDC2
PGND2
EN_LDO1
ENABLE
EN_DCDC2
ENABLE
VLDO2
VLDO3
200-mA LDO
VLDO3
VLDO2
VLDO4
DCDC1 (I/O)
VINDCDC1/2
L1
FB_DCDC1
PGND1
DCDC2 (core)
VLDO1
400-mA LDO
VLDO1
VLDO4
200-mA LDO
VIN
VIN_LDO1
VIN_LDO3/4
ENABLE
VIN
MODE
Interface
2.2 H
m
2.2 H
m
1 F
m
1 W
10 F
m
10 F
m
10 F
m
4.7 F
m
2.2 F
m
2.2 F
m
TPS65050-Q1
ENABLE
EN_LDO2
EN_LDO3
ENABLE
EN_LDO4
DEFLDO1
DEFLDO2
DEFLDO3
DEFLDO4
0.1 F
m
BP
VIN
VIN_LDO2
Vbat
PB_OUT
AGND
PB_IN
Vbat
Flipflop with
32-ms debounce
default
turned on
R2
R1
R3
R4
Cff
I/Ovoltage
R19
STEP-DOWN
CONVERTER
600 mA
STEP-DOWN
CONVERTER
600 mA
400-mA LDO
4.7 F
m
TPS65050-Q1, TPS65051-Q1, TPS65052-Q1
TPS65054-Q1, TPS65056-Q1
SLVSBJ1A – SEPTEMBER 2012 – REVISED NOVEMBER 2012
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
TPS65051-Q1


Similar Part No. - TPS65056-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65056 TI-TPS65056 Datasheet
1Mb / 37P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
TPS65056 TI-TPS65056 Datasheet
1Mb / 41P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
TPS65056RSMR TI-TPS65056RSMR Datasheet
1Mb / 37P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
TPS65056RSMR TI-TPS65056RSMR Datasheet
1Mb / 41P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
TPS65056RSMRG4 TI-TPS65056RSMRG4 Datasheet
1Mb / 37P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
More results

Similar Description - TPS65056-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65050 TI-TPS65050 Datasheet
1Mb / 37P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
TPS65050 TI-TPS65050_07 Datasheet
1Mb / 41P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
TPS65053 TI-TPS65053 Datasheet
899Kb / 29P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
TPS650532 TI1-TPS650532 Datasheet
1,007Kb / 27P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
TPS650531RGET TI-TPS650531RGET Datasheet
1Mb / 27P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
TPS65053-Q1 TI1-TPS65053-Q1 Datasheet
832Kb / 26P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
TPS650532RGET TI1-TPS650532RGET Datasheet
1Mb / 27P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS
logo
Intersil Corporation
ISL9305 INTERSIL-ISL9305_11 Datasheet
777Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9305 INTERSIL-ISL9305 Datasheet
784Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9307IRTAAJBZ-T INTERSIL-ISL9307IRTAAJBZ-T Datasheet
378Kb / 13P
   3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
September 20, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com