Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS630701 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS630701
Description  2-V to 16-V Buck-Boost Converter With 3.6-A Switch Current
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS630701 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS630701 Datasheet HTML 2Page - Texas Instruments TPS630701 Datasheet HTML 3Page - Texas Instruments TPS630701 Datasheet HTML 4Page - Texas Instruments TPS630701 Datasheet HTML 5Page - Texas Instruments TPS630701 Datasheet HTML 6Page - Texas Instruments TPS630701 Datasheet HTML 7Page - Texas Instruments TPS630701 Datasheet HTML 8Page - Texas Instruments TPS630701 Datasheet HTML 9Page - Texas Instruments TPS630701 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
6
TPS63070
TPS630701
SLVSC58A – JUNE 2016 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: TPS63070 TPS630701
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Please observe the minimum duty cycle in buck mode
7.5 Electrical Characteristics
over VIN = 2V to 16V; Tj = -40°C to 125°C; typical values are at Tj = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
VIN
Input voltage range
once started; Vout
≥ 3.0 V
2.0
16
V
VIN
Input voltage range
for start-up; Vout < 3.0 V
3.0
16
V
IOUT
Output current
during operation with either
VIN
≥ 4.5 V or VOUT ≥ 4.5 V
and the boost factor
(VOUT/VIN)
≤ 1
2
A
IQ
Quiescent current
into VIN; IOUT= 0 mA,
VEN = VIN = 6 V, PFM
VOUT = 5 V; Tj = -40°C to 85°C
54
103
μA
IQ
Quiescent current
into VIN; IOUT= 0 mA,
VEN = VIN = 6 V, PFM
VOUT = 5 V; Tj = -40°C to 125°C
133
μA
IQ
Quiescent current
into VOUT; IOUT= 0 mA,
VEN = VIN = 6 V, VOUT = 5 V, PFM
Tj = -40°C to 85°C
5
9
μA
IQ
Quiescent current
into VOUT; IOUT= 0 mA,
VEN = VIN = 6 V, VOUT = 5 V, PFM
Tj = -40°C to 125°C
17
μA
ISD
Shutdown current
VEN = 0 V; Tj = -40°C to 85°C;
VIN = 5V
2
12
μA
ISD
Shutdown current
VEN = 0 V; Tj = -40°C to 85°C
26
μA
VUVLO
Undervoltage lockout threshold
VIN voltage falling
1.7
1.85
1.95
V
VUVLO,TH
Undervoltage lockout hysteresis
VIN voltage rising
525
850
mV
TSD
Thermal shutdown
160
°C
TSD
Thermal shutdown hysteresis
20
°C
LOGIC SIGNALS: EN, PS/SYNC, PG, VSEL
VTHR
Threshold Voltage rising edge for
EN pin and PS/SYNC used for
PWM/PFM mode change
0.77
0.8
0.83
V
VTHF
Threshold Voltage falling edge for
EN pin and PS/SYNC used for
PWM/PFM mode change
0.67
0.7
0.73
V
VIL
VSEL low level input voltage;
PS/SYNC low level input voltage
when used for synchronization
0.3
V
VIH
VSEL high level input voltage;
PS/SYNC high level input voltage
when used for synchronization
1.1
V
EN, PS/SYNC, VSEL input current
0.2
μA
VOL
PG output low voltage
IPG = -1 mA
0.4
V
ILKG
PG output leakage current
PG pin high impedance; VPG = 5 V
0.2
μA
IPG
PG sink current
1
mA
VTH_PG
Power Good Threshold Voltage,
rising Vout
94.5
96
98.5
%
VTH_PG
Power Good Threshold Voltage,
falling Vout
90
92
94.5
%
OUTPUT
VOUT
TPS63070 output voltage range(1)
2.5
9
V
VOUT
TPS630701 output voltage
5.0
V
VFB
TPS63070 feedback voltage
PS/SYNC = VIN
800
mV
feedback impedance
for fixed voltage versions
1.5


Similar Part No. - TPS630701

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS630701 TI1-TPS630701 Datasheet
2Mb / 42P
[Old version datasheet]   2-V to 16-V Buck-Boost Converter With 3.6-A Switch Current
TPS630701RNMR TI1-TPS630701RNMR Datasheet
2Mb / 42P
[Old version datasheet]   2-V to 16-V Buck-Boost Converter With 3.6-A Switch Current
TPS630701RNMT TI1-TPS630701RNMT Datasheet
2Mb / 42P
[Old version datasheet]   2-V to 16-V Buck-Boost Converter With 3.6-A Switch Current
More results

Similar Description - TPS630701

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63070 TI1-TPS63070_19 Datasheet
2Mb / 42P
[Old version datasheet]   2-V to 16-V Buck-Boost Converter With 3.6-A Switch Current
TPS552882 TI-TPS552882 Datasheet
2Mb / 34P
[Old version datasheet]   TPS552882 36-V, 16-A Buck-boost Converter
TPS61372 TI1-TPS61372 Datasheet
805Kb / 35P
[Old version datasheet]   16-V, 3.6-A Synchronous Boost with Load Disconnect
TPS552882-Q1 TI-TPS552882-Q1 Datasheet
3Mb / 41P
[Old version datasheet]   TPS552882-Q1 36-V, 16-A Buck-boost Converter
TPS552882-Q1 TI-TPS552882-Q1_V01 Datasheet
3Mb / 44P
[Old version datasheet]   TPS552882-Q1 36-V, 16-A Buck-boost Converter
DECEMBER 2021
TPS55288 TI1-TPS55288 Datasheet
1,010Kb / 45P
[Old version datasheet]   TPS55288 36-V, 16-A Buck-boost Converter with I2C Interface
TPS63060 TI-TPS63060_15 Datasheet
2Mb / 30P
[Old version datasheet]   TPS6306x High Input Voltage, Buck-Boost Converter With 2-A Switch Current
TPS55288-Q1 TI-TPS55288-Q1 Datasheet
3Mb / 57P
[Old version datasheet]   TPS55288-Q1 36-V, 16-A Buck-boost Converter with I2C Interface
TPS55288-Q1 TI-TPS55288-Q1_V01 Datasheet
3Mb / 60P
[Old version datasheet]   TPS55288-Q1 36-V, 16-A Buck-boost Converter with I2C Interface
DECEMBER 2021
logo
Rohm
BD83070GWL ROHM-BD83070GWL Datasheet
2Mb / 25P
   Synchronous Buck-Boost DC/DC Converter with 2 A Switches (VIN = 2.0 V to 5.5 V, 1ch)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com